PART |
Description |
Maker |
ST25E16 ST24E16 ST24EB3TR ST24EB6TR ST24EM1TR ST24 |
SERIAL EXTENDED ADDRESSING COMPATIBLE WITH I2C BUS 16K (2K X 8) EEPROM 16 Kbit Serial I 2 C EEPROM with Extended Addressing (ST24E16 / ST25E16) 16 Kbit Serial I2C EEPROM with Extended Addressing CONFIGURATION DEVICE, 16MBIT,UBGA88; Memory type:Configuration FLASH; Interface type:Serial, Parallel; Memory size:16Mbit; Memory configuration:2MB; Time, access:90ns; Frequency:66.7MHz; Temp, op. min:0(degree C); Temp, op. RoHS Compliant: Yes 16 Kbit Serial I2C EEPROM with Extended Addressing 16千位串行I2C EEPROM,带有扩展寻址
|
http:// ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
CAT150169JWI-GT3 CAT150169LWI-GT3 CAT150161JWI-GT3 |
8K X 1 SPI BUS SERIAL EEPROM, PDSO8 0.150 INCH, HALOGEN FREE AND ROHS COMPLIANT, MS-012, SOIC-8 Supervisor with 16 k SPI EEPROM 16K X 1 SPI BUS SERIAL EEPROM, PDSO8 Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
|
ON Semiconductor
|
CAT25C256LI-1.8-GT3 CAT25C256LI-1.8-GT2 CAT25C256L |
128K/256K-Bit SPI Serial CMOS EEPROM 16K X 8 SPI BUS SERIAL EEPROM, PDIP8 ROHS COMPLIANT, PLASTIC, DIP-8 16K X 8 SPI BUS SERIAL EEPROM, PDSO8 ROHS COMPLIANT, SOIC-8 16K X 8 SPI BUS SERIAL EEPROM, PDSO14
|
http:// CATALYST[Catalyst Semiconductor]
|
AT25256 AT25256-10CC AT25256-10CC-1.8 AT25256-10CC |
SPI Serial EEPROMs 32K X 8 SPI BUS SERIAL EEPROM, DSO8 122 x 32 pixel format, Compact LCD size 16K X 8 SPI BUS SERIAL EEPROM, PDSO20 BOX WATERTIGHT 6.01X3.24X1.81,1 16K X 8 SPI BUS SERIAL EEPROM, PDSO14 SPI Serial EEPROMs 16K X 8 SPI BUS SERIAL EEPROM, CDSO8 High Speed CMOS Logic Non-Inverting Octal-Bus Transceivers with 3-State Outputs 20-PDIP -55 to 125 128 x 64 pixel format, LED or EL Backlight available High Speed CMOS Logic Non-Inverting Octal Buffers/Line Drivers with 3-State Outputs 20-SOIC -55 to 125
|
Atmel, Corp. Atmel Corp. ATMEL Corporation
|
25C256 CAT25C256 25C128 CAT25C128 CAT25C256S16-1.8 |
256K SPI serial CMOS EEPROM 1.8-6.0V 128K SPI serial CMOS EEPROM 2.5-6.0V SPI Serial EEPROM SPI串行EEPROM 128K/256K-BitSPISerialCMOSE2PROM 64K 8K x 8 Battery-Voltage CMOS E2PROM 64KK的8电池电压的CMOS E2PROM 128K SPI serial CMOS EEPROM 1.8-6.0V 256K SPI serial CMOS EEPROM 2.5-6.0V 128K/256K-Bit SPI Serial CMOS E2PROM
|
http:// STMicroelectronics N.V. Semtech, Corp. Abracon, Corp. CatalystSemiconductor CATALYST[Catalyst Semiconductor]
|
IS25C128-2WLI IS25C128-3WLA3 IS25C128-3GLA3 |
128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM 16K X 8 SPI BUS SERIAL EEPROM, PDSO8
|
Integrated Silicon Solution, Inc.
|
W25Q32BV W25Q32BVSSAG W25Q32BVDAAP W25Q32BVZPAP W2 |
3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI 32M X 1 SPI BUS SERIAL EEPROM, PDSO16
|
WINBOND ELECTRONICS CORP
|
CAT25C16YE-1.8-GT3 CAT25C08YI-1.8-GT3 CAT25C16YA-1 |
2K X 8 SPI BUS SERIAL EEPROM, PDSO8 ROHS COMPLIANT, MO-153, TSSOP-8 1K X 8 SPI BUS SERIAL EEPROM, PDSO8 ROHS COMPLIANT, MO-153, TSSOP-8 1K X 8 SPI BUS SERIAL EEPROM, PDIP8 0.300 INCH, ROHS COMPLIANT, PLASTIC, MS-001, DIP-8 1K X 8 SPI BUS SERIAL EEPROM, PDSO8 0.150 INCH, ROHS COMPLIANT, MS-012, SOIC-8
|
Fox Electronics
|
M95256-MW6G_A M95256-D-MW6G_A M95256-MW6G_K M95256 |
256 Kbit serial SPI bus EEPROM with high-speed clock 32K X 8 SPI BUS SERIAL EEPROM, PDSO8
|
STMicroelectronics
|