PART |
Description |
Maker |
UCP-3.3/15-D48S UCP-3.3/15-D24N UCP-3.3/15-D48N UC |
5V STEP-DOWN CURRENT MODE PWM DC-DC CONVERTERS 3 A, 900 kHz, monolithic synchronous step-down regulator 2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification Synchronous rectification with enable, 0.7 A, 1.7 MHz fixed or adjustable step-down switching regulator in TSOT23-5L 型DC - DC电压转换 Synchronous rectification with inhibit, 1.5 A, 1.5 MHz fixed or adjustable, step-down switching regulator 型DC - DC电压转换
|
TE Connectivity, Ltd.
|
MAX1692 MAX1692EUB |
Low-Noise, 5.5V-Input,PWM Step-Down Regulator Low-Noise, 5.5V-Input, PWM Step-Down Regulator Low-Noise / 5.5V-Input / PWM Step-Down Regulator
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm
|
FP6298XR-G1 |
Low-Noise 4.5A Step-Up Current Mode PWM Converter
|
Feeling Technology
|
MAX1685 MAX1684 |
Low-Noise, 14V Input, 1A, PWM Step-Down Converters From old datasheet system
|
MAXIM - Dallas Semiconductor
|
SP6121 SP6121CN SP6121CN_TR SP6121CN/TR |
Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
|
SIPEX[Sipex Corporation]
|
LTC1435A LTC1435ACS LTC1435ACG LTC1435AIS 1435AF L |
From old datasheet system High Efficiency Low Noise Synchronous Step-Down Switching Regulator
|
LINER[Linear Technology]
|
5LN01SS |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 双通道高效率,低噪声,同步降压型开关稳压器
|
Sanyo Electric Co., Ltd.
|
MSK5040-5.0H MSK5040-3.3H MSK5040-3.3HG MSK5040-1. |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 5 A SWITCHING REGULATOR, 330 kHz SWITCHING FREQ-MAX, PDFP44 Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 5 A SWITCHING REGULATOR, 330 kHz SWITCHING FREQ-MAX, PDSO44
|
M.S. Kennedy, Corp.
|
LTC1612 LT1612EMS8 LT1612ES8 LT1612 1612I |
Synchronous, Step-Down 800kHz PWM DC/DC Converter From old datasheet system Synchronous/ Step-Down 800kHz PWM DC/DC Converter
|
LINER[Linear Technology] Linear Technology Corporation
|
ISL8117A ISL8117AFRZ ISL8117AEVAL2Z ISL8117AEVAL1Z |
Synchronous Step-Down PWM Controller
|
Intersil Corporation
|
AIC2354 |
1A Synchronous PWM/PSM Step-Down
|
Analog Intergrations Co...
|