PART |
Description |
Maker |
MC1408 MC1408-8 MC1408-8D MC1408-8F MC1408-8N MC15 |
8-Bit D/A Converter 8-bit multiplying D/A converter IEEE 802.3af PD Controller with Integrated DC/DC 20-HTSSOP -40 to 85 8-Bit high-speed multiplying D/A converter(8位高速乘法D/A转换
|
Philips Semiconductors
|
HI1171 HI1171JCB FN3662 HI1171-EV |
8-Bit, 40 MSPS, High Speed D/A Converter From old datasheet system VOLT REG POS 4V 100MA SMD TO-243 8-Bit, 40 MSPS, High Speed D/A Converter PARALLEL, 8 BITS INPUT LOADING, 0.01 us SETTLING TIME, 8-BIT DAC, PDSO24
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
DAC08Q DAC08RC/883 DAC08EQ DAC08AQ |
8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface) PARALLEL, 8 BITS INPUT LOADING, 0.085 us SETTLING TIME, 8-BIT DAC, CQCC20 8-Bit/ High-Speed/ Multiplying D/A Converter (Universal Digital Logic Interface) 8-Bit/ High Speed/ Multiplying D/A Converter (Universal Digital Logic Interface)
|
Analog Devices, Inc.
|
ISL5629 ISL5629/2IN |
Dual 8-bit, 3.3V, 130/210 MSPS, CommLink™ High Speed D/A Converter; Temperature Range: -40°C to 85°C; Package: 48-MQFP DUAL, PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, PQFP48 D/A Converter, Dual, 8 Bit, 130/210MSPS, High Speed, 3.3V
|
Intersil, Corp.
|
CX20201A-1 CX20201A-2 CX20201A-3 CX20202A-1 CX2020 |
8-Bit 160MSPS D/A Converter(8浣??60MSPS D/A杞???? 10/9/8-BIT 160MSPS D/A CONVERTER 10/9/8-BIT 160MSPS D / A转换 5015 RR 4#12 PIN PLUG LC 10/9/8-BIT 160MSPS D / A转换 From old datasheet system 9-Bit 160MSPS D/A Converter(9位B>160MSPS D/A转换 8-Bit 160MSPS D/A Converter(8位B>160MSPS D/A转换 10-bit 160MSPS D/A Converter
|
Sony, Corp. Sony Corporation
|
CXA1260Q CXA1260Q-Z |
8-Bit 35MSPS High-Speed RGB D/A Converter(8位5MSPS 高速处理三原色(RGB)的D/A转换 8 BIT 35 MSPS RGB 3-CHANNEL D/A CONVERTER
|
SONY[Sony Corporation]
|
TMP8700CH TMP8700CS TMP8700CK TMP8700CP TMPA8700CS |
High Speed And High Performance CMOS 8-bit Microcontroller,Integrating ROM、RAM,8-Bit A/D Converter,Remote Control Singnal Processor(高速、高性能、CMOS 8位微控制器(芯片集成6K字节ROMK字节位RAM,8位A/D转换器,远程控制信号处理器)) High Speed And High Performance CMOS 8-bit Microcontroller,Integrating ROM、RAM,8-Bit A/D Converter,Remote Control Singnal Processor(高速、高性能、CMOS 8位微控制器(芯片集成0K字节ROMK字节位RAM,8位A/D转换器,远程控制信号处理器)) High Speed And High Performance CMOS 8-bit Microcontroller,Integrating ROM、RAM,8-Bit A/D Converter,Remote Control Singnal Processor(高速、高性能、CMOS 8位微控制器(芯片集成4K字节ROMK字节位RAM,8位A/D转换器,远程控制信号处理器)) High Speed And High Performance CMOS 8-bit Microcontroller,Integrating ROM、RAM,8-Bit A/D Converter,Remote Control Singnal Processor(高速、高性能CMOS 8位微控制器(芯片集成8K字节ROMK字节位RAM,8位A/D转换器,远程控制信号处理器)) High Speed And High Performance CMOS 8-bit Microcontroller,Integrating ROM??AM,8-Bit A/D Converter,Remote Control Singnal Processor(楂??????ц???MOS 8浣?井?у??????????浜?2K瀛??ROM锛?K瀛??浣?AM,8浣?/D杞?????杩???у?淇″?澶?????)
|
Toshiba Corporation
|
MCP3001 MCP3001T-I/SN MCP3001T-I/ST MCP3001-I/P MC |
The MCP3001 10-bit Analog-to-Digital Converter (ADC) combines high performance and low power consumption in a small package, making it ideal for embedded control applications. The MCP3001 features a successive approximation register (SAR) The MCP3001 10-bit Analog-to-Digital Converter (ADC) combines high performance and low power consumption in a small package, making ... 2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
|
Microchip Technology
|
HI5660_6IA HI5660_6IB HI5660 HI5660IB FN4521 HI566 |
CONNECTOR ACCESSORY 8-Bit, 165/125/60MSPS, High Speed D/A Converter 8-Bit 165/125/60MSPS High Speed D/A Converter From old datasheet system
|
INTERSIL[Intersil Corporation]
|
HI5741BIB HI5741BIP FN4071 HI5741 HI5741-EVS |
14-Bit, 100 MSPS, High Speed D/A Converter From old datasheet system 14-Bit 100 MSPS High Speed D/A Converter
|
INTERSIL[Intersil Corporation]
|
HI5735KCP FN4133 HI5735 HI5735KCB |
12-Bit, 80 MSPS, High Speed Video D/A Converter From old datasheet system 12-Bit 80 MSPS High Speed Video D/A Converter
|
INTERSIL[Intersil Corporation]
|