PART |
Description |
Maker |
MC33072PG MC34071 MC33071 MC33072AD MC33072ADG MC3 |
Single Supply 3 V to 44 V, Low Input Offset Voltage, Dual Op Amp DUAL OP-AMP, 5000 uV OFFSET-MAX, 4.5 MHz BAND WIDTH, PQCC10 3-44V Quad Channel Operational Amplifier, Ta = 0 to 70°C - Pb-free; Package: SOIC 14 LEAD; No of Pins: 14; Container: Rail; Qty per Container: 55 QUAD OP-AMP, 7000 uV OFFSET-MAX, 4.5 MHz BAND WIDTH, PDSO14 3-44V Quad Channel Operational Amplifier with 3mV VIO, Ta = -40 to 85°C - Pb-free; Package: TSSOP-14; No of Pins: 14; Container: Rail; Qty per Container: 96 QUAD OP-AMP, 5000 uV OFFSET-MAX, 4.5 MHz BAND WIDTH, PDSO14 Single Supply 3.0 V to 44 V Operational Amplifiers OP-AMP, 7000 uV OFFSET-MAX, 4.5 MHz BAND WIDTH, PDIP8 Single Supply 3.0 V to 44 V Operational Amplifiers DUAL OP-AMP, 7000 uV OFFSET-MAX, 4.5 MHz BAND WIDTH, PDSO8 3-44V Quad Channel Operational Amplifier with 3mV VIO, Ta = -40 to 85°C - Pb-free; Package: SOIC 14 LEAD; No of Pins: 14; Container: Tube; Qty per Container: 55 QUAD OP-AMP, 5000 uV OFFSET-MAX, 4.5 MHz BAND WIDTH, PDSO14 3-44V Quad Channel Operational Amplifier with 3mV VIO, Ta = -40 to 85°C - Pb-free; Package: SOIC 14 LEAD; No of Pins: 14; Container: Tape and Reel; Qty per Container: 2500 QUAD OP-AMP, 5000 uV OFFSET-MAX, 4.5 MHz BAND WIDTH, PDSO14 Single Supply 3.0 V to 44 V Operational Amplifiers
|
ON Semiconductor
|
CA5130AM96 |
OP-AMP, 5000 uV OFFSET-MAX, 15 MHz BAND WIDTH, PDSO8
|
INTERSIL CORP
|
CA3140AT3 |
OP-AMP, 5000 uV OFFSET-MAX, 4.5 MHz BAND WIDTH, MBCY8
|
INTERSIL CORP
|
AN6554 AN6554NS |
Quadruple Operational Amplifiers QUAD OP-AMP, 5000 uV OFFSET-MAX, PDSO14
|
Panasonic Semiconductor
|
OP250GS-REEL |
DUAL OP-AMP, 5000 uV OFFSET-MAX, 2 MHz BAND WIDTH, PDSO8
|
ANALOG DEVICES INC
|
LT1800CS5TRMPBF |
80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amp; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C OP-AMP, 5000 uV OFFSET-MAX, 70 MHz BAND WIDTH, PDSO5
|
Linear Technology, Corp.
|
EL5462ISZ-T7 EL5462 EL5462IS EL5462IS-T13 EL5462IS |
500MHz Low Power Current Feedback Amplifier QUAD OP-AMP, 5000 uV OFFSET-MAX, PDSO14
|
Cirrus Logic, Inc. INTERSIL[Intersil Corporation]
|
MAX4369 MAX4369EBL-T |
Operational Amplifier DUAL OP-AMP, 5000 uV OFFSET-MAX, 3.5 MHz BAND WIDTH, PBGA8 From old datasheet system
|
Maxim Integrated Products, Inc.
|
AD8057ART-R2 |
Low Cost, Single, High Performance Voltage Feedback, 325 MHz Amplifier OP-AMP, 5000 uV OFFSET-MAX, PDSO5
|
Analog Devices, Inc.
|
OP07D OP07DN OP07DR-REEL OP07DR-REEL7 OP07DR OP07D |
Ultralow Offset Voltage Operational Amplifier; Package: SOIC 150 MIL; No of Pins: 8; Temperature Range: Industrial OP-AMP, 350 uV OFFSET-MAX, 0.6 MHz BAND WIDTH, PDSO8 150 μV Maximum Offset Voltage Op Amp 150 渭V Maximum Offset Voltage Op Amp 150 レV Maximum Offset Voltage Op Amp
|
Analog Devices, Inc.
|
OP162DRMZ-REEL OP262HRUZ-REEL OP462HRUZ-REEL OP162 |
15 MHz Rail-to-Rail Operational Amplifiers 15 MHz Rail-to-Rail Operational Amplifier, Dual; Package: TSSOP; No of Pins: 8; Temperature Range: Industrial DUAL OP-AMP, 1000 uV OFFSET-MAX, 15 MHz BAND WIDTH, PDSO8 15 MHz Rail-to-Rail Operational Amplifier, Quad; Package: TSSOP; No of Pins: 14; Temperature Range: Industrial QUAD OP-AMP, 1000 uV OFFSET-MAX, 15 MHz BAND WIDTH, PDSO14 15 MHz Rail-to-Rail Operational Amplifier, Single; Package: TSSOP; No of Pins: 8; Temperature Range: Industrial OP-AMP, 5000 uV OFFSET-MAX, 15 MHz BAND WIDTH, PDSO8 15 MHz Rail-to-Rail Operational Amplifier, Dual; Package: TSSOP; No of Pins: 8; Temperature Range: Industrial DUAL OP-AMP, 5000 uV OFFSET-MAX, 15 MHz BAND WIDTH, PDSO8 15 MHz Rail-to-Rail Operational Amplifier, Quad; Package: TSSOP; No of Pins: 14; Temperature Range: Industrial QUAD OP-AMP, 5000 uV OFFSET-MAX, 15 MHz BAND WIDTH, PDSO14 15 MHz Rail-to-Rail Operational Amplifier, Quad; Package: SOIC; No of Pins: 14; Temperature Range: Industrial QUAD OP-AMP, 5000 uV OFFSET-MAX, 15 MHz BAND WIDTH, PDSO14 15 MHz Rail-to-Rail Operational Amplifiers
|
http:// Analog Devices, Inc. ANALOG DEVICES INC
|
|