PART |
Description |
Maker |
LT3804-15 |
Secondary Side Dual Output Controller with Opto Driver
|
Linear Technology
|
BD00HC0WEFJ BD00EA1EFJ-E2 |
1A Secondary Variable Output LDO Regulators for Local Power Supplies 1A Secondary Variable Output LDO Regulators for Local Power Supplies
|
Rohm
|
NCP4326 NCP4326DR2G NCP4326DR2 |
SECONDARY CONTROLLER FOR MULTI−OUTPUT QUASI−RESONANT SWITCHMODE POWER SUPPLIES
|
ON Semiconductor
|
C7247-01 C7247 |
DA-TYPE SOCKET ASSEMBLIES Switch Mode Power Supply; Output Power:80W; Mounting Type:PCB; Output Current:8A; Output Power Max:80W; Output Power Min:60MW; Output Voltage:5VDC; Series:LPT60; Supply Voltage:370VDC; Supply Voltage Max:264VAC RoHS Compliant: Yes
|
HAMAMATSU[Hamamatsu Corporation] Hamamatsu Photonics
|
LX1571 LX1570 LX1571IDM LX1570MY LX1570IM LX1570ID |
AC Synchronous. Secondary-Side Controller PHASE MODULATED AC SYNCHRONOUS SECONDARY-SIDE CONTROLLER AC Synchronous, Secondary-Side Controller
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP MICROSEMI[Microsemi Corporation]
|
R1112N R1112N4.3BTR R1112N4.0BTR R1112N1.6ATL R111 |
Low noise 150mA LDO regulator. Output voltage 3.0V. Active high type. Standard taping type TR Low noise 150mA LDO regulator. Output voltage 3.0V. Active high type. Taping type TL Low noise 150mA LDO regulator. Output voltage 3.0V. Active low type. Standard taping type TR Low noise 150mA LDO regulator. Output voltage 3.0V. Active low type. Taping type TL LOW NOISE 150mA LDO REGULATOR 5 V FIXED POSITIVE LDO REGULATOR, 0.26 V DROPOUT, PDSO5 Analog IC 模拟IC Test fixture for 0402 - 1812 body sizes Linear Sensor Photodiode Array; 102x1 Sensor-Elements Organization; 300 Dots-Per-Inch (DPI) Sensor Pitch; On-Chip 8-bit Analog-to-Digital Conversion; Three-Zone Prgrammable Offset (Dark Level) and Gain; High Sped Serial Interface; 1MHz Pixel Rate High reliability part. For price, availability and ordering contact Coilcraft Critical Products, cp@coilcraft.com
|
HIROSE ELECTRIC Co., Ltd. Ricoh Co., Ltd. RICOH electronics devic...
|
224CNQ045 224CNQ 224CNQ035 224CNQ040 |
SCHOTTKY RECTIFIER 35V 220A Schottky Common Cathode Diode in a TO-244AB Non-Isolated package Proximity Sensor; Sensor Input Type:Magnetic; Sensor Output Type:NPN; Leaded Process Compatible:No; Output Type:3 Wire; Peak Reflow Compatible (260 C):No; Sensor Housing:Barrel
|
IRF[International Rectifier]
|
AQV414SX |
PhotoMOS relay, GU (general use) type [1-channel (form B) type]. AC/DC type. Output rating: load voltage 400 V, load current 100 mA. Picked from the 1/2/3-pin side
|
Matsushita Electric Works(Nais)
|