PART |
Description |
Maker |
BSV12 BSW65 BSS44 BSW67 BSX64 BSV16 BFY50 BSX60 BS |
Small Signal Transistors 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Leaded Small Signal Transistor General Purpose
|
http:// Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp] Siemens Semiconductor Group Seme LAB
|
MMBZ5230BL MMBZ5230BLT1 MMBZ5254BL MMBZ5263BL MMBZ |
Small Signal 4.7V 5% Small Signal 27V 5% 56V Zener Small Signal 33V 5% Small Signal 12V 5% Small Signal 13V 5% Small Signal 15V 5% Small Signal 20V 5%
|
ON Semiconductor
|
2N3467 2N3468 2N3671 2N3734 2N3722 2N3868 2N3735 2 |
SMALL SIGNAL TRANSISTORS Leaded Small Signal Transistor General Purpose
|
Central Semiconductor C... Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp] Seme LAB
|
BCW60A-AA BCW60AR BCW60AR-CR BCW60D-AD BCW60DR BCW |
SOT23 NPN SILICON PLANAR SMALL SIGNAL TRANSISTORS 采用SOT23 NPN硅平面小信号晶体 SOT23 NPN SILICON PLANAR SMALL SIGNAL TRANSISTORS 200 mA, 32 V, NPN, Si, SMALL SIGNAL TRANSISTOR CONNECTOR ACCESSORY 采用SOT23 NPN硅平面小信号晶体
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
2N3134 2N3299 2N3252 2N3439 2N2854 2N2855 2N3110 2 |
SHROUDED HEADER 14 POS RT ANGLE NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-39 HEADER, 100MIL, 10PIN, VERTICAL, TH SHROUDED HEADER 10 POS RT ANGLE CONN, HEADER 2X5 PINS .10X.10 CENTERS STRAIGHT SHROUDED,LOW
|
Central Semiconductor C... Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp] http://
|
SMUN5312DW SMUN5313DW SMUN5311DW SMUN5330DW SMUN53 |
NPN / PNP Digital Small Signal Transistor Digital Small Signal Transistors
|
SeCoS Halbleitertechnologie GmbH SeCoS Halbleitertechnol...
|
MPS2222RLRPG MPS2222AG MPS2222ARLG MPS2222ARLRAG M |
General Purpose Transistors Small Signal General Purpose NPN; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 2000 600 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 General Purpose Transistors
|
ON Semiconductor
|
MSC2295BT1 MSC2295-BT1 MSC2295-CT1 ON2374 |
NPN RF Amplifier Transistors Surface Mount Si, NPN, RF SMALL SIGNAL TRANSISTOR NPN RF Amplifier Transistors Surface Mount UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR CASE 318D3, STYLE 1 SC9 From old datasheet system
|
MOTOROLA INC Motorola Mobility Holdings, Inc. ON Semiconductor MOTOROLA[Motorola, Inc]
|
BSS125 Q67000-S233 Q62702-S021 Q67000-S008 BSS125Q |
N-Channel SIPMOS Small-Signal Transistor SIPMOS ? Small-Signal Transistor 16 Characters x 1 Lines, 5x7 Dot Matrix Character and Cursor Transient Voltage Suppressor Diodes SIPMOS Small-Signal Transistor (N channel Enhancement mode) SIPMOS小信号晶体管N通道增强模式 SIPMOS Small-Signal Transistor (N channel Enhancement mode) 100 mA, 600 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92
|
SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
2SA830S 2SB852K 2SC1645S 2SD1383K 2SC1645STPB |
TRANSISTOR | BJT | DARLINGTON | NPN | 32V V(BR)CEO | 300MA I(C) | TO-92VAR Transistors > Small Signal Bipolar Transistors(up to 0.6W)
|
ROHM
|