PART |
Description |
Maker |
OD1225 OD1225-12HSS OD1225-24HSS |
DC FAN - 12V, 24V
|
ORION FANS
|
208-930-21-38 208-997-21-38 208-532-21-38 208-501- |
LED TELEPHONE SLIDE LED TELEFONSOCKEL T6.8 12V GRUEN LED TELEFONSOCKEL T6.8 12V ROT LED TELEFONSOCKEL T6.8 12V GELB LED TELEFONSOCKEL T6.8 12V BLAU 发光二极管TELEFONSOCKEL T6.8 12V的布
|
TE Connectivity, Ltd.
|
TC664EUN |
SMBus??PWM Fan Speed Controllers With Fan Fault Detection
|
Microchip Technology Inc.
|
MAX662A |
12V, 30mA Flash Memory Programming Supply(12V,30mA快擦写存储器编程电源,电荷泵电压转换器) 12V30mA闪存存储器编程电
|
Maxim Integrated Products, Inc.
|
SC2128C-D80D SC2128C-D80S SC2128C-D82S SC2128C-D83 |
Remote fan control IC for electronic fan application
|
Silan Semiconductors
|
M1141 |
12V 3/5 CAR USE BLINKING LED 12V / 5使用汽车LED闪光
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. ETC[ETC] MOSDESIGN SEMICONDUCTOR CORP
|
NTJS3151P |
Trench Power MOSFET 12V, 3.3A, Single P Channel, ESD Protected SC88(12V, 3.3A, 功率MOSFET) 12V的功率MOSFET.3A,单P通道,ESD保护SC8812V的,3.3A,功率MOSFET的)
|
ON Semiconductor
|
W27C512-45 W27C512P-12 W27C512P-45 W27C512P-70 W27 |
FAN 24 DC MUFFIN MC24H3 64K X 8 EEPROM 12V, 90 ns, PDIP28 Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:4; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes 64K X 8 ELECTRICALLY ERASABLE EPROM
|
Winbond Electronics, Corp. Winbond Electronics Corp WINBOND[Winbond]
|
MX28F1000PRC-90-C4 MX28F1000PQC-90-C4 MX28F1000PTC |
128K X 8 FLASH 12V PROM, 90 ns, PDSO32 PLASTIC, REVERSE, TSOP1-32 128K X 8 FLASH 12V PROM, 90 ns, PQCC32 PLASTIC, LCC-32 128K X 8 FLASH 12V PROM, 90 ns, PDSO32 PLASTIC, TSOP1-32 128K X 8 FLASH 12V PROM, 90 ns, PDIP32 0.600 INCH, PLASTIC, DIP-32 128K X 8 FLASH 12V PROM, 150 ns, PDSO32
|
Macronix International Co., Ltd. MACRONIX INTERNATIONAL CO LTD
|
HDSP-515X HDSP-315X HDSP-516X |
10 mm and 13 mm Slim Font Seven Segment Displays (HDSP-x1xx) Slim Font Seven Segment Displays
|
Agilent(Hewlett-Packard)
|
ISL43410 |
Analog Switch, DPDT or 2 to 1 Mux, Single, Ron = 45 @ 12V, Single Supply 2V to 12V, with inhibit, off leakage 1nA
|
Intersil
|