PART |
Description |
Maker |
MAX3093E MAX3093ECPE MAX3093ECSE MAX3093ECUE MAX30 |
±15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers Replaced by TMS320C6455 : Multimedia Video Processor 305-CPGA ??5kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers Floating-Point Digital Signal Processor 256-BGA QUAD LINE RECEIVER, PDSO16 15kV ESD-Protected / 10Mbps / 3V/5V / Low-Power Quad RS-422/RS-485 Receivers " ?à15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers" 15kV ESD-Protected 10Mbps 3V/5V Low-Power Quad RS-422/RS-485 Receivers 【15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers ±15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers
|
MAXIM - Dallas Semiconductor MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
ICL3217ECA ICL3207ECA ICL3207ECA-T ICL3207ECAZ ICL |
/- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers( /-15KV ESD 保护,工作电~5.5V,低功耗,250KBPS,RS232收发 /- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers( /- 15kV ESD防护, 3V5.5V, 低功 250kbps, RS-232收发 RS-232 Transceiver, 5T/3R, 3V to 5.5V, 250kbps, 15KV ESD (IEC61000), Auto Powerdown
|
Intersil Corporation
|
ISL3259EIBZ ISL3259E08 ISL3259EIRZ ISL3259EIUZ |
15kV ESD Protected, 100Mbps, 5V, PROFIBUS, Full Fail-safe, Transceivers 【15kV ESD Protected, 100Mbps, 5V, PROFIBUS㈢, Full Fail-safe, RS-485/RS-422 Transceivers ±15kV ESD Protected, 100Mbps, 5V, PROFIBUS?, Full Fail-safe, RS-485/RS-422 Transceivers
|
Intersil Corporation
|
ISL3259EIUZ ISL3259EIRZ ISL3259E |
±15kV ESD Protected, 100Mbps, 5V, PROFIBUS?, Full Fail-safe RS-485/RS-422 Transceivers 【15kV ESD Protected, 100Mbps, 5V, PROFIBUS㈢, Full Fail-safe RS-485/RS-422 Transceivers
|
Intersil Corporation
|
ISL3159E ISL3159EFBZ ISL3159EFRZ ISL3159EFUZ ISL31 |
±15kV ESD Protected, 125°C, 40Mbps, 5V, PROFIBUS?, Full Fail-safe, RS-485/RS-422 Transceivers 【15kV ESD Protected, 125∑C, 40Mbps, 5V, PROFIBUS㈢, Full Fail-safe, RS-485/RS-422 Transceivers
|
Intersil Corporation
|
ISL4489E06 ISL4491EIBZ ISL4489E ISL4489EIB ISL4489 |
【15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers ±15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers(±15kV ESD防护/8单元负载5V, 低功率,高速且转换速率有限,全双工,RS-485/RS-422收发
|
INTERSIL[Intersil Corporation]
|
MAX3185 MAX3185CAP MAX3185CWP MAX3185EAP MAX3185EW |
±15kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Motherboards/Desktop PCs ±15kV ESD-Protected, EMC Compliant, 230kbps RS-232 Serial Port for Motherboards/Desktop PCs 【15kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Motherboards/Desktop PCs 3V, ±15kV ESD-Protected, AutoShutdown Plus RS-232 Transceiver for PDAs and Cell Phones(3V, ±15kV ESD保护,自动关断,用于PDA和蜂窝式手机的RS-232收发器(5发))
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX3190-BMAX3190E MAX3190EUT-T MAX3190 MAX3190E MA |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 15kV ESD-Protected / 460kbps / RS-232 Transmitters in SOT23-6 【15kV ESD-Protected, 460kbps, RS-232 Transmitters in SOT23-6 ±15kV ESD-Protected, 460kbps, RS-232 Transmitters in SOT23-6 ±15kV ESD-Protected, 460kbps, RS-232 Transmitters in SOT23-6
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ISL3180EIBZ ISL3179EFRZ-T ISL3179EIRZ-T ISL3179EFU |
High ESD Protected, 125°C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers ±15kV ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers; Temperature Range: Full-Range Ind; Package: 10-DFN T&R LINE TRANSCEIVER, PDSO10 ±15kV ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers; Temperature Range: -40°C to 85°C; Package: 10-DFN T&R LINE TRANSCEIVER, PDSO10 ±15kV ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers; Temperature Range: Full-Range Ind; Package: 8-MSOP T&R LINE TRANSCEIVER, PDSO8 ±15kV ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers; Temperature Range: Full-Range Ind; Package: 8-SOIC LINE TRANSCEIVER, PDSO8
|
Intersil Corporation Intersil, Corp.
|
ISL83078E ISL83072E ISL83071E |
±15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422
|
Intersil
|
|