PART |
Description |
Maker |
EVALSPEAR320PLC |
SPEAr320 evaluation board for PLC applications Evaluation board for SPEAr320 embedded MPU
|
ST Microelectronics STMicroelectronics
|
EV6020 |
Evaluation Kit User Manual Evaluation Board
|
CML Microcircuits CONSUMER MICROCIRCUITS LIMITED
|
AKD5392 |
Evaluation board Rev.B for AKD5392 EVALUATION BOARD REV.B FOR AK5392
|
AKM[Asahi Kasei Microsystems]
|
SE-17010 |
SE board for UPD1700X series SYSTEM EVALUATION BOARD
|
NEC[NEC]
|
EVB97C100-10BT |
USB97C100 USB Ethernet Evaluation Board USB97C100 USB Ethernet Evaluation Board
|
List of Unclassifed Manufacturers ETC[ETC]
|
AD421 AD421BR EVAL-AD421EB AD421BN AD421BRRL EVAL- |
Loop-Powered 4 mA to 20 mA DAC Loop-Powered 4-20 mA DAC 18-Bit/ 2.5 LSB INL/ 570 kSPS SAR ADC 1 MSPS/ 12-Bit ADCs Evaluation Board for 1MSPS/ 12-Bit ADC SigmaDSP 3-Channel/ 26-Bit Signal Processing DAC Low Cost/ Low Power CMOS General Purpose Analog Front End EvaluationBoardforLowCost/LowPower/ CMOSGerneralPurposeDualAnalogFrontEnd Evaluation Board for 12-bit high speed/ low power/ successive-approximation ADC Evaluation Board AD1555/1556 24-Bit ADC 1.8 V/ Micro-Power/ 8/10/12-Bit ADCs in 6 Lead SOT-23 Evaluation Board for 1MSPS/ 12-/ 10-Bit ADCs 2.35 V to 5.25 V/ 1 MSPS/ 12-/10-/8-Bit ADCs in 6-Lead SC70 Multichannel 24-Bit/ 192 kHz/ DAC 2 ADC/ 8 DAC/ 96 kHz/ 24-Bit Codec Low Cost/ Low Power CMOS General-Purpose Dual Analog Front End AD73360L Evaluation Board/ Six Input Channel Analog Front End 3MSPS/ 12-Bit SAR ADC 2 ADC/ 6 DAC/ 96KHZ 24 BIT CODEC Differential Input/ Dual 2 MSPS/ 12-Bit/ 3-Channel SAR ADC Software Selectable True Bipolar Input/ 2-Channel/ 12-Bit Plus Sign ADC Differential Input/ 1MSPS/ 12-Bit ADC in SO-8 and S0-8 Evaluation Board for 10-bit high speed/ low power/ successive-approximation ADC 32-Channel/ 14-Bit Voltage-Output DAC 3MSPS/ 14-Bit SAR ADC
|
AD` AD[Analog Devices] ATMEL Corporation Analog Devices, Inc. http://
|
NNL10-9 NNL10 NNL10-1 NNL10-10 NNL10-11 NNL10-12 N |
Stellaris Ethernet-enabled Intelligent Display Module with PoE RDK 1-OUTPUT 10 W DC-DC REG PWR SUPPLY MODULE ADS1675 Reference Design TAS5631DKD2 Evaluation Module EKT-LM3S9B90 Evaluation Kit Single Board Computer IDM RDK Non-Isolated DC/DC Converters
|
CANDD[C&D Technologies]
|
5962-8757902XC 5962-8757901YX 5962-8757901XX 5962- |
Evaluation Kit for the MAX9713 500mW, Low EMI, Filterless, Class D Audio Amplifier Evaluation Kit for the MAX9710 Evaluation Kit for the MAX9716 Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers Evaluation Kit for the MAX9715 Evaluation Kit for the MAX9704, MAX9714 Evaluation Kit/Evaluation System for the MAX9851 Transceiver 收发 Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers 收发
|
Air Cost Control Vishay Intertechnology, Inc.
|
MC68HC912B32FU8 M68EVB912B32 |
Evaluation Board
|
MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc]
|
CDB49300 CDB4923 |
Evaluation Board
|
CIRRUS[Cirrus Logic]
|