PART |
Description |
Maker |
AD7457BRT-REEL7 AD7457BRT-R2 |
Pseudo Differential Input 100 kSPS 12-Bit ADC in 8-Lead SOT-23
|
Analog Devices
|
LTC2328HMS-16PBF |
16-Bit, 1Msps, ±10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
|
Linear Technology
|
LTC6652 LTC2369-18 |
16-Bit, 1Msps, ±10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
|
Linear Technology
|
AD7453ART-REEL7 AD7453BRT-REEL7 EVAL-AD7453CB AD74 |
Pseudo Differential, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23 Pseudo Differential, 555 kSPS, 12-Bit A/D Converter in 8-Lead SOT-23; Package: SOT-23; No of Pins: 8; Temperature Range: Industrial 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8
|
Analog Devices, Inc.
|
AD7453BRT-REEL7 |
Pseudo Differential, 555 kSPS, 12-Bit ADC in an 8-Lead SOT-23
|
Analog Devices
|
AD7453 |
Pseudo Differential, 600 kSPS, 12-Bit A/D Converter in 8-Lead SOT-23
|
Analog Devices
|
LTC2367HMS-18PBF LTC2367HMS-18TRPBF |
18-Bit, 500ksps, Pseudo-Differential Unipolar SAR ADC with 97dB SNR
|
Linear Technology
|
LTC2355-14 LTC2630 LTC2641 LT6200 LT6200-10 LT6200 |
18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR 18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
|
Linear Technology
|
AND8090 AND8090D MC100H601 MC100H601FN MC10H106FN |
3.3V / 5V ECL Quad 2-Input Differential AND/NAND 5V ECL Low Impedance Driver LOW VOLTAGE DUAL 1:4, 1:5 DIFFERENTIAL FANOUT BUFFER 8 Input Priority Encoder 3.3V ECL Triple D-Type Flip-Flop with Set and Reset 3.3V / 5V ECL Quad D Flip Flop with Set, Reset, and Differential Clock 3.3V Dual Differential LVPECL to LVTTL Translator 3.3V / 5V ECL 6-Bit Differential Register with Master Reset 3.3V ECL 1:15 Differential ÷1/÷2 Clock Driver Fibre Channel Coaxial Cable Driver and Loop Resillency Circuit 3.3 V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 3.3V / 5V ECL 8-Bit Synchronous Binary Up Counter 2.5 V/3.3 V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS 3.3V / 5V Programmable PLL Synthesized Clock Generator (25 to 400 MHz) 2.5 V/3.3 V SiGe 1:2 Differential Clock Driver with RSECL Outputs 2.5 V/3.3 V SiGe 1:10 Differential Clock Driver with RSECL Outputs Triple 4-3-3-Input NOR Gate 9-Bit ECL-TTL Translator AC Characteristics of ECL Devices
|
Motorola ONSEMI[ON Semiconductor]
|
EL4544IGZ EL4544 |
Triple 16x5 Differential Crosspoint Switch Capable of Operation in Single-Ended or Differential Input Modes
|
INTERSIL[Intersil Corporation]
|
LC33832M LC33832ML-10 LC33832ML-70 LC33832ML-80 LC |
256K (32768word x 8bit) Pseudo-SRAM 256 K (32768 words X 8 bits) Pseudo-SRAM 256度(32768字8位)伪SRAM
|
SANYO[Sanyo Semicon Device] Sanyo Electric Co., Ltd.
|
AD4000BRMZ-RL7 |
16-Bit, 2 MSPS Precision Pseudo Differential ADC
|
Analog Devices
|