PART |
Description |
Maker |
6013-8110-0040 6013-9110-0040 9021 6012-9012-0040 |
RELAIS SOCKEL 11POLIG RELAY DCPO 12VAC SOT23, Low-Power Microprocessor Supervisory Circuits with Battery Backup INDUSTRIERELAIS 240V交流电DPCO SOT23, Low-Power Microprocessor Supervisory Circuits with Battery Backup 继电PCO 48VAC
|
Keystone Electronics, Corp. Glenair, Inc.
|
ADM1815-10AKS-REEL ADM1815-10AKS-RL7 ADM1815-10ART |
Microprocessor Supervisory in SOT-23 with Active Low Push-Pull Output Choices Microprocessor Supervisory in SOT-23 with Active High and Low Push-Pull Output, Positive Reset Output Microprocessor Supervisory in SOT-23 with Low Active OpenDrain Output Choices Microprocessor Supervisory in SOT-23 with Active Low Open Drain Output Choices Microprocessor Supervisory in SOT-23 with Active High Push-Pull Output Microprocessor Supervisory in SOT-23 with Open Drain Output Choices 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3
|
ANALOG DEVICES INC
|
SP813MEU SP705 SP705_06 SP705CN SP705CP SP705CU SP |
1-CHANNEL POWER SUPPLY SUPPORT CKT, PDIP8 Low Power Microprocessor Supervisory Circuits
|
SIPEX[Sipex Corporation]
|
5962-8700211ZX 5962-8700209YX 5962-8700208YX 5962- |
Low-Cost, µP Supervisory Circuits PDA Hand-Held-Computer Power Controller Microprocessor and Nonvolatile Memory Supervisory Circuits Dual-Output Power Supply Controller for Notebook Computers Evaluation Kit for the MAX797 Triple-Output Power Supply Controller for Notebook Computers -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-to-DC Controllers x8双端口SRAM Step-Down Controllers with Synchronous Rectifier for CPU Power x8双端口SRAM Dual-Slot, PCMCIA Analog Power Controller x8双端口SRAM 5V/3.3V/3V 5A Step-Down, PWM, Switch-Mode DC-DC Regulators x8双端口SRAM 3.0V/3.3V Microprocessor Supervisory Circuits x8双端口SRAM x8 Dual-Port SRAM x8双端口SRAM
|
Cypress Semiconductor Corp. Cirrus Logic, Inc. DB Lectro, Inc. TT electronics OPTEK Technology Infineon Technologies AG FCI
|
SP707 SP705 SP813MEU SP705CN SP705CP SP705CU SP705 |
3.0V/ 3.3V Low Power Microprocessor Supervisory Circuits
|
SIPEX[Sipex Corporation]
|
TC3403 TC3403VPE |
The TC3403 is a low cost, low power analog-to-digital converter based on Microchip’s Sigma-Delta technology. It will perform 16-bit conversions (15-bit plus sign) at up to eight per second. The TC3403 is optimized for use as a microc 1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor and Microprocessor Reset Circuit
|
Microchip Microchip Technology Inc.
|
SP703CN SP703CP SP704CN SP704CP SP704EN SP704EP SP |
Low Power Microprocessor Supervisory with Battery Switch-Over Low Power Microprocessor Supervisory with Battery Switch-Over 低功耗微处理器监控与电池开关过
|
SIPEX[Sipex Corporation]
|
SP804R SP804RCN SP804RCP SP804REN SP804REP SP804S |
3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over
|
SIPEX[Sipex Corporation]
|
SP791EN SP791CP SP791CN SP791EP SP791 SP791EN-L SP |
Low Power Microprocessor Supervisory with Battery Switch-Over
|
SIPEX[Sipex Corporation]
|
ARM60 |
Low power, general purpose 32-bit RISC microprocessor
|
Zarlink Semiconductor Inc
|
MAX814 MAX814C MAX815 MAX815C MAX815CPA MAX815CSA |
-1% accuracy, low-power, microprocessor supervisory circuit. Reset trip threshold (min) 4.50V (max) 4.60V, push-pull active-low reset output, push-pull active-high reset output, manual reset, power-fail monitor, low-line detector. -1% accuracy, low-power, microprocessor supervisory circuit. Reset trip threshold (min) 3.00V (max) 3.06V, push-pull active-low reset output, manual reset, power-fail monitor, watchdog circuit. 【1% Accuracy, Low-Power, 3V and 5V レP Supervisory Circuits 1% Accuracy Low-Power 3V and 5V P Supervisory Circuits 1% Accuracy, Low-Power, 3V and 5V P Supervisory Circuits ±1% Accuracy, Low-Power, 3V and 5V μP Supervisory Circuits ??% Accuracy, Low-Power, 3V and 5V ?? Supervisory Circuits -1% accuracy, low-power, microprocessor supervisory circuit. Reset trip threshold (min) 3.00V (max) 3.06V, push-pull active-low reset output, push-pull active-high reset output, manual reset, power-fail monitor, low-line detector. -1% accuracy, low-power, microprocessor supervisory circuit. Reset trip threshold (min) 4.50V (max) 4.60V, push-pull active-low reset output, manual reset, power-fail monitor, watchdog circuit.
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] MAXIM INTEGRATED PRODUCTS INC
|