PART |
Description |
Maker |
3G3MV-A2022 3G3MV-A2002 3G3MV-A2004 3G3MV-A2015 3G |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit INVERTER 3 PHASE 2.2KW 415VAC INVERTER 1 PHASE 0.25KW INVERTER 1 PHASE 2.2KW INVERTER 3 PHASE 3KW 415VAC INVERTER 3 PHASE 4KW 415VAC 逆变器一.1KW 逆变器单.5千瓦
|
复位半导
|
ST083S04PFM0 ST083S08PFM0 ST083S04PFN0 ST083S08PFN |
INVERTER GRADE THYRISTORS 晶闸管逆变器级 1200V 135A Inverter Thyristor in a TO-209AC (TO-94) package 1000V 135A Inverter Thyristor in a TO-209AC (TO-94) package 800V 135A Inverter Thyristor in a TO-209AC (TO-94) package 400V 135A Inverter Thyristor in a TO-209AC (TO-94) package
|
International Rectifier, Corp.
|
KIC7SU04FU |
Inverter Gate (Unbuffer) SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(INVERTER)
|
Korea Electronics (KEC) KEC[KEC(Korea Electronics)]
|
TLP351 |
Inverter for Air Conditioner IGBT/Power MOS FET Gate Drive Industrial Inverter
|
Toshiba Semiconductor
|
STK621-033N-E |
3-phase Inverter Motor Drive Inverter Hybrid IC
|
Sanyo Semicon Device
|
MX004 |
Voiceband Inverter VOICE BAND INVERTER
|
CML Microcircuits
|
HEF4069 HEF4069UB HEF4069UBD HEF4069UBF HEF4069UBN |
HEF4069UB gates; Hex inverter CERAMIC CHIP/MIL-PRF-55681 Hex inverter; Package: SOT108-1 (SO14) Reel Pack, SMD, 13" 4000/14000/40000 SERIES, HEX 1-INPUT INVERT GATE, PDSO14 Hex inverter; Package: SOT108-1 (SO14); Container: Tube 4000/14000/40000 SERIES, HEX 1-INPUT INVERT GATE, PDSO14 LOGIC GATE|HEX INVERTER|CMOS|SOP|14PIN|PLASTIC
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PSI350/24 PSI350/12/EU |
INVERTER 350W 24V DC TO AC 逆变50W24V直流到交 INVERTER 350W 12V DC TO AC 逆变50W12V直流到交
|
TRACO ELECTRONIC AG Shin Chin Industrial Co., Ltd.
|
74V2G05 74V2G05STR |
TRIPLE INVERTER (OPEN DRAIN) TRIPLE INVERTER 3个反相器
|
ST Microelectronics STMicroelectronics N.V.
|
74HC04D 74HC04PW-T 74HCT04 74HC04DB 74HCT04BQ 74HC |
Hex inverter - Description: Hex Inverter ; Logic switching levels: CMOS ; Number of pins: 14 ; Output drive capability: /- 5.2 mA ; Power dissipation considerations: Low Power or Battery Applications ; Propagation delay: 7@5V ns; Voltage: 2.0-6.0 V
|
NXP Semiconductors N.V.
|
FX118 FX118DW FX118P |
Duplex freguency inverter for cordless telephone Duplex Frequency Inverter for Cordless Telephones
|
CONSUMER MICROCIRCUITS LIMITED CMLMICRO[CML Microcircuits]
|
AT89C52-12QA AT89C52-24AI AT89C52-16JA AT89C52-16Q |
Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SOIC -40 to 125 Hex Inverter 14-VQFN -40 to 125 Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SSOP -40 to 125 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 16 MHz, MICROCONTROLLER, PQFP44 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 16 MHz, MICROCONTROLLER, PDIP40 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 12 MHz, MICROCONTROLLER, PQFP44 8-Bit Microcontroller with 8K Bytes Flash 8-BIT, FLASH, 24 MHz, MICROCONTROLLER, PQFP44
|
Atmel Corp. Atmel, Corp.
|