PART |
Description |
Maker |
ATA5283P-6AP ATA5283P-6AQ ATA5283 |
Interface IC for 125 kHz Wake-up Function Ultra Low Power 125 kHz Wake-up Receiver
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
ATA5282-6APH ATA5282-6AQH ATA5282 ATA528205 |
Ultra Low Power 125 kHz 3D - Wake-up Receiver with RSSI
|
ATMEL Corporation
|
MAX6332UR20D3-T MAX6333UR20D3-T MAX6334UR20D3-T MA |
Ultra-low-voltage, low power microprocessor reset circuit. Reset threshold(typ) 1.6V, reset timeout(min) 20ms. 3-Pin, Ultra-Low-Voltage, Low-Power P Reset Circuits 3-Pin, Ultra-Low-Voltage, Low-Power μP Reset Circuits 3-Pin Ultra-Low-Voltage Low-Power P Reset Circuits From old datasheet system 3-Pin, Ultra-Low-Voltage, Low-Power レP Reset Circuits 3-Pin / Ultra-Low-Voltage / Low-Power P Reset Circuits TV 79C 79#22D SKT RECP 3引脚,超低电压,低功耗レP复位电路 Ultra-low-voltage, low power microprocessor reset circuit. Reset threshold(typ) 1.6V, reset timeout(min) 1ms.
|
MAXIM - Dallas Semiconductor http:// Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
IC62VV12816LL IC62VV12816L IC62VV12816L-70B IC62VV |
ASYNCHRONOUS STATIC RAM, Low Power A.SRAM 128Kx16 bit 1.8V and Ultra Low Power CMOS Static RAM 70ns; 1.8V; 128K x 16 ultra low power CMOS static RAM
|
ICSI[Integrated Circuit Solution Inc]
|
N74F776A N74F776N I74F776N I74F776A 74F776 74F776_ |
From old datasheet system 16-Bit Ultra-Low-Power MCU, 24kB Flash, 256B RAM, 16-bit Sigma-Delta A/D, 12-bit D/A, LCD Driver 48-VQFN -40 to 85 Pi-bus transceiver
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
AD7788 AD7789BRM AD7788BRM |
16-Bit, Single-Channel, Ultra Low Power, Sigma Delta A/D Converter Low Power, 16/24-Bit Sigma-Delta ADC From old datasheet system
|
Analog Devices
|
MAX5524 MAX5524ETC |
Dual. Ultra-Low-Power. 10-Bit. Voltage-Output DACs 1.8 to 5.5 V, dual, ultra-low-power, 10-bit, voltage-output DAC Dual, Ultra-Low-Power, 10-Bit, Voltage-Output DACs
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
ADAU1461 ADAU1461WBCPZ ADAU1461WBCPZ-RL ADAU1461WB |
SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
|
Analog Devices
|
AD1833AST AD1833 3035 EVAL-AD1833EB |
Multi-Channel, 24-Bit, 192 kHz Sigma-Delta DAC Multichannel 24-Bit 192 kHz DAC 192 kHz, 24-Bit - Codec From old datasheet system Multichannel 24-Bit, 192 kHz, DAC
|
AD[Analog Devices]
|
EL2125 EL2125CS-T13 EL2125CS-T7 EL2125CW-T7 EL2125 |
Ultra-Low Noise, Low Power, Wideband Amplifier Op Amp, 175MHz Wideband, Ultra Low Noise 0.83nV/√Hz, Low Power, 2.5-15VDC Ultra-Low Noise/ Low Power/ Wideband Amplifier
|
Intersil Corporation
|
ADAU1761BCPZ ADAU1761BCPZ-R7 ADAU1761BCPZ-RL EVAL- |
SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
|
Analog Devices
|