PART |
Description |
Maker |
UPA2452 UPA2452TL UPA2452TL-E1 |
Nch enhancement-type MOSFET (dual-drain-common-type) N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
|
NEC
|
UPA2502 UPA2502TM UPA2502TM-E2 |
N-ch enhancement-type MOSFET N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
|
NEC
|
ZXMN6A25DN8 ZXMN6A25DN8TA ZXMN6A25DN8TC |
N Channel MOSFET DUAL 60V N-CHANNEL ENHANCEMENT MODE MOSFET Line Filter; Current Rating:30A; Voltage Rating:250V; Features:High Attenuation; Peak Reflow Compatible (260 C):No; Terminal Type:Screw; Series:MXB
|
ZETEX[Zetex Semiconductors]
|
STP5NB40 STP5NB40FP 5321 |
N-Channel Enhancement Mode PowerMESHTM MOSFET(N沟道增强模式MOSFET) N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET N - CHANNEL ENHANCEMENT MODE PowerMESH] MOSFET From old datasheet system
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
STP9NB50FP STP9NB50 5368 |
N-Channel Enhancement Mode PowerMESHTM MOSFET(N沟道增强模式MOSFET) N沟道增强模式PowerMESHTM MOSFET的(不适用沟道增强模式MOSFET的) From old datasheet system N - CHANNEL ENHANCEMENT MODE PowerMESH] MOSFET
|
STMicroelectronics N.V. 意法半导
|
VP0300LS VP0300L VQ2001P VQ2001J 70217 |
P-Channel Enhancement-Mode MOSFET Transistor(最小漏源击穿电30V,夹断电0.6A的P沟道增强型MOSFET) From old datasheet system P-Channel Enhancement-Mode MOSFET Transistors
|
Vishay Intertechnology,Inc.
|
2SJ325 2SJ325-Z-E2 2SJ325-Z-E2JM 2SJ325-Z-T1 2SJ32 |
P-channel enhancement type SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE TRANSISTOR | MOSFET | P-CHANNEL | 30V V(BR)DSS | 4A I(D) | TO-252VAR
|
NEC Corp.
|
2SK1819-01MR |
N-CHANNEL ENHANCEMENT TYPE MOSFET
|
Fuji Electric
|
UPA1950 UPA1950TE UPA1950TE-T2 UPA1950TE-T1 |
2.5 A, 12 V, 0.205 ohm, 2 CHANNEL, P-CHANNEL, Si, POWER, MOSFET P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING Pch enhancement-type MOS FET
|
NEC[NEC]
|
APM9988COC-TUL APM9988COC-TRL |
Dual N-Channel Enhancement Mode MOSFET 双N沟道增强型MOS Dual N-Channel Enhancement Mode MOSFET 6 A, 20 V, 0.02 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET, MO-153AA
|
Anpec Electronics, Corp.
|
NTE2935 NTE2933 |
30V N-Channel PowerTrench MOSFET 30V的N沟道的PowerTrench MOSFET MOSFET N-Channel, Enhancement Mode High Speed Switch
|
NTE[NTE Electronics]
|
IRFP460 |
N-Channel Enhancement Mode MegaMOS Power MOSFET(最大漏源击穿电00V,导通电.27Ω的N沟道增强MegaMOS功率MOSFET) 20 A, 500 V, 0.27 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AD N-Channel Enhancement Mode MegaMOS Power MOSFET(最大漏源击穿电00V,导通电.27Ω的N沟道增强B>MegaMOS功率MOSFET) MegaMOS - Power MOSFET
|
IXYS, Corp. IXYS[IXYS Corporation]
|