PART |
Description |
Maker |
UPA1709G-E2 UPA1709G-E1 |
Nch enhancement type power MOS FET
|
NEC
|
UPA1707G-E2 UPA1707G-E1 |
Nch enhancement type power MOS FET
|
NEC
|
UPA508TE-T2 |
Nch enhancement-type MOS FET (On-chip schottky barrier diode(SBD))
|
NEC
|
CPH5612 |
Nch Nch N-Channel Silicon MOSFET General-Purpose Switching Device
|
Sanyo Semicon Device
|
CPH6612 |
Nch Nch N-Channel Silicon MOSFET General-Purpose Switching Device
|
Sanyo Semicon Device
|
FTD8004 |
Nch Nch N-Channel Silicon MOSFET General-Purpose Switching Device
|
Sanyo Semicon Device
|
CPH6613 |
Nch Nch N-Channel Silicon MOSFET General-Purpose Switching Device
|
Sanyo Semicon Device
|
QS6K1FRA QS6K1FRATR |
2.5V Drive Nch Nch MOSFET (Corresponds to AEC-Q101)
|
ROHM
|
QS6K21FRATR |
2.5V Drive Nch Nch MOSFET (Corresponds to AEC-Q101)
|
ROHM
|
FAN1086D-2.85 FAN1086S-3.3 FAN1086S-2.5 FAN1086M-2 |
Neuron ICs; Max. Input Clock: 20 MHz; EEPROM: 2 KB; RAM: 2 KB; ROM: 16 KB; Package: 32 pin SOP; External Memory I/F: No ; Sensitivity dBµmV: 93 ~ 107; Package: SSOP16; Production Status: MP FETs Nch 30VFETs Nch 30VPhase Lock Loop; Dual or Single: Single; Features: Integer - N; Power Supply V: 2.4 ~ 3.5; ImA: 4.8; Input FMHz: 700 ~ 1800; Operating Freq-MHz: 5 ~ 25; Sensitivity dBµmV: 92 ~ 107; Package: SSOP10; Production Status: MP FETs Nch 30VFETs Nch 30VFETs Nch 30VMOSFETs - Nch VDSS=30V; Surface Mount Type: Y; Package: TSSOP-8; Number Of Pins: 8; R DS On (Ω): (max 0.018) (max 0.013) (max 0.012); I_S (A): (max 6) FETs Nch 30VFETs Nch 30VFETs Nch 30VFETs Nch 30VTHREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 积极的固定电压稳压器 FETs Nch 30V<VDSS=60V; ; Package: TO-3P(N); R DS On (O): (max 0.055) (max 0.03); I_S (A): (max 45) FETs Nch 30V<VDSS=60V; Surface Mount Type: N; Package: TO-220NIS; R DS On (O): (max 0.025) (max 0.017); I_S (A): (max 45)
|
|
MP6K11 MP6K1111 |
4V Drive Nch Nch MOSFET
|
Rohm
|