PART |
Description |
Maker |
TO-269AA B4S |
Case No. TO-269AA Device
|
FORMOSA[Formosa MS]
|
B4S TO-269AA |
Case No. TO-269AA Device
|
美丽微半导体有限公司
|
0805-T 0805 |
Case No. 0805 Device
|
FORMOSA[Formosa MS]
|
SMA-T |
Case No. SMA Device
|
美丽微半导体有限公司
|
30KPA54A 30KPA84A 30KPA84C 30KPA132CA 30KPA43 30KP |
Diode TVS Single Uni-Dir 54V 30KW 2-Pin Case P600 T/R Diode TVS Single Uni-Dir 84V 30KW 2-Pin Case P600 T/R Diode TVS Single Bi-Dir 84V 30KW 2-Pin Case P600 T/R Diode TVS Single Bi-Dir 132V 30KW 2-Pin Case P600 T/R Diode TVS Single Uni-Dir 43V 30KW 2-Pin Case P600 T/R Diode TVS Single Uni-Dir 30V 30KW 2-Pin Case P600 T/R Diode TVS Single Uni-Dir 320V 30KW 2-Pin Diode TVS Single Uni-Dir 400V 30KW 2-Pin Case P-600 Diode TVS Single Bi-Dir 30V 30KW 2-Pin Case P600 T/R Diode TVS Single Bi-Dir 42V 30KW 2-Pin Case P600 T/R Diode TVS Single Uni-Dir 51V 30KW 2-Pin Case P600 T/R Diode TVS Single Bi-Dir 51V 30KW 2-Pin Case P600 T/R Diode TVS Single Uni-Dir 58V 30KW 2-Pin Case P600 T/R Diode TVS Single Bi-Dir 60V 30KW 2-Pin Case P600 T/R Diode TVS Single Uni-Dir 60V 30KW 2-Pin Case P600 T/R Diode TVS Single Uni-Dir 288V 30KW 2-Pin Case P600 T/R Diode TVS Single Uni-Dir 144V 30KW 2-Pin Case P600 T/R Diode TVS Single Bi-Dir 72V 30KW 2-Pin Case P600 T/R Diode TVS Single Bi-Dir 198V 30KW 2-Pin Case P600 T/R Diode TVS Single Uni-Dir 72V 30KW 2-Pin Case P600 T/R Diode TVS Single Uni-Dir 71V 30KW 2-Pin Case P600 T/R Diode TVS Single Bi-Dir 66V 30KW 2-Pin Case P600 T/R Diode TVS Single Uni-Dir 66V 30KW 2-Pin Case P600 T/R Diode TVS Single Uni-Dir 108V 30KW 2-Pin Case P600 T/R Diode TVS Single Bi-Dir 108V 30KW 2-Pin Case P600 T/R Diode TVS Single Uni-Dir 102V 30KW 2-Pin Case P600 T/R Diode TVS Single Bi-Dir 102V 30KW 2-Pin Case P600 T/R Diode TVS Single Uni-Dir 132V 30KW 2-Pin Case P600 T/R Diode TVS Single Uni-Dir 78V 30KW 2-Pin Case P600 T/R Diode TVS Single Bi-Dir 78V 30KW 2-Pin Case P600 T/R Diode TVS Single Uni-Dir 198V 30KW 2-Pin Case P600 T/R Diode TVS Single Bi-Dir 64V 30KW 2-Pin Case P600 T/R
|
New Jersey Semiconductor
|
HP3-000-B HP3-000-CB HP3-000-U HP3-T03-33B HP3-T03 |
METAL CASE, CASE-MOUNTED SEMICONDUCTORS
|
CTS[CTS Corporation]
|
2N6836 ST535 ST555 ST556 2N6835 ST554 FT401 |
TRANSISTOR | BJT | NPN | 400V V(BR)CEO | 2A I(C) | TO-3 NPN & PNP High Voltage Silicon High Power Transistors Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:64; Package/Case:44-PLCC; Mounting Type:Surface Mount IC CONFIG DEVICE 212KBIT 20-PLCC TRANSISTOR | BJT | NPN | 450V V(BR)CEO | 8A I(C) | TO-204AC IC CONFIG DEVICE 1MBIT 20-PLCC
|
Semiconductor Technology, Inc.
|
893D |
Solid Tantalum Chip Capacitors, TANTAMOUNT?, Built-In-Fuse Miniature, Molded Case in Three Case Codes, Fusible, Meets EIA 535BAAC and IEC Specification QC300801/US0001, Automatic Pick and Place Compatible
|
Vishay
|
G8343-11 G8343-12 G8343-21 G8343-22 G8343-31 G8343 |
InGaAs PIN photodiode with preamp Aluminum Snap-In Capacitor; Capacitance: 1500uF; Voltage: 160V; Case Size: 25x45 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 400V; Case Size: 35x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 180uF; Voltage: 400V; Case Size: 30x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 150uF; Voltage: 450V; Case Size: 25x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 390uF; Voltage: 200V; Case Size: 22x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 330uF; Voltage: 400V; Case Size: 25x45 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 1000uF; Voltage: 200V; Case Size: 25x50 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 400V; Case Size: 25x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 400V; Case Size: 30x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 400V; Case Size: 22x50 mm; Packaging: Bulk Optoelectronic 光电 InGaAs PIN photodiode with preamp 铟镓砷PIN光电二极管和前置放大
|
HAMAMATSU[Hamamatsu Corporation] NXP Semiconductors N.V. Hamamatsu Photonics K.K.
|
3N246 3N247 3N248 3N249 3N250 3N251 3N252 |
Diode Rectifier Bridge Single 50V 1.5A 4-Pin Case KBPM Diode Rectifier Bridge Single 100V 1.5A 4-Pin Case KBPM Diode Rectifier Bridge Single 200V 1.5A 4-Pin Case KBPM Diode Rectifier Bridge Single 400V 1.5A 4-Pin Case KBPM Diode Rectifier Bridge Single 600V 1.5A 4-Pin Case KBPM Diode Rectifier Bridge Single 800V 1.5A 4-Pin Case KBPM Diode Rectifier Bridge Single 1KV 1.5A 4-Pin Case KBPM
|
New Jersey Semiconductor
|
ISC1812BN8R2K ISC1812ES4R7K ISC1812BN1R5J ISC1812E |
General Fixed Inductor, IND,POWDERED IRON,8.2UH,10% TOL,10% -TOL,1812 CASE General Fixed Inductor, 1 ELEMENT, 4.7 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR, SMD, CHIP, 1812, HALOGEN FREE AND ROHS COMPLIANT General Fixed Inductor, IND,POWDERED IRON,1.5UH,5% TOL,5% -TOL,1812 CASE General Fixed Inductor, IND,FERRITE,120UH,5% TOL,5% -TOL,1812 CASE General Fixed Inductor, IND,FERRITE,560UH,5% TOL,5% -TOL,1812 CASE General Fixed Inductor, IND,FERRITE,270UH,10% TOL,10% -TOL,1812 CASE General Fixed Inductor, IND,POWDERED IRON,22UH,5% TOL,5% -TOL,1812 CASE ISC-1812 Wirewound, Surface Mount, Molded, Shielded Inductors IND CHIP SHLD/MLD 330NH 5% 25.2MHZ 30Q-FCTR 394MA 1812 - Bulk IND CHIP SHLD/MLD 150NH 20% 25.2MHZ 30Q-FCTR 491MA 1812 - Tape and Reel General Fixed Inductor, IND,POWDERED IRON,10UH,10% TOL,10% -TOL,1812 CASE
|
Vishay Dale
|
2N5551 2N5401 2N5223 2N5232A 2N5172 2N4403 2N5550 |
Small Signal Transistors TO-92 Case (Continued) RES ARRAY 1.5K OHM 8TRM 4RES SMD Small Signal Transistors TO-92 Case (Continued) 200 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 50 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Leaded Small Signal Transistor General Purpose
|
Central Semiconductor C... http:// CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
|