PART |
Description |
Maker |
STB70NFS03LT4 |
N-CHANNEL 30V - 0.008 OHM - 70A D2PAK STRIPFET MOSFET PLUS SCHOTTKY RECTIFIER
|
ST Microelectronics
|
HP4936DY FN4469 HP4936DYT |
5.8A, 30V, 0.037 Ohm, Dual N-Channel,Logic Level Power MOSFET(5.8A, 30V, 0.037 Ω,双N沟道,逻辑电平功率MOS场效应管) 5.8 A, 30 V, 0.037 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 30V V(BR)DSS | 5.8A I(D) | SO 5.8 A, 30 V, 0.037 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET 5.8A/ 30V/ 0.037 Ohm/ Dual N-Channel/ Logic Level Power MOSFET 5.8A, 30V, 0.037 Ohm, Dual N-Channel, Logic Level Power MOSFET From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
STS3C3F30L |
N-CHANNEL 30V - 0.050 ohm - 3.5A SO-8 P-CHANNEL 30V - 0.140 ohm - 3A SO-8 STripFETII POWER MOSFET N-CHANNEL 30V - 0.050 OHM -3.5A P-CHANNEL 30V - 0.140 OHM - 3A SO-8 STRIPFET II POWER MOSFET N-CHANNEL 30V - 0.050 ohm - 3.5A SO-8 P-CHANNEL 30V - 0.140 ohm - 3A SO-8 STripFET⑩ II POWER MOSFET N-CHANNEL 30V - 0.050 ohm - 3.5A SO-8 P-CHANNEL 30V - 0.140 ohm - 3A SO-8 STripFET?/a> II POWER MOSFET
|
意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
PHB125N06T-T |
75 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET
|
NXP SEMICONDUCTORS
|
PHB125N06LT-T |
75 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET
|
NXP SEMICONDUCTORS
|
BUK9Y07-30B |
N-channel TrenchMOS logic level FET 75 A, 30 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, MO-235
|
NXP Semiconductors N.V.
|
HUFA76445P3 |
75 A, 60 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
INTERSIL CORP
|
GFB70N03 |
70 A, 30 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB
|
GENERAL SEMICONDUCTOR INC
|
STB70NF03L-1 STP70NF03L |
BOX MOUNTING RECEPTACLE N沟道30V 0.008ohm - 70A条TO-220/I2PAK低栅极电荷STripFET⑩功率MOSFET Niobium Oxide Capacitor; Capacitor Type:Low ESR; Voltage Rating:4VDC; Capacitor Dielectric Material:Niobium Oxide; Capacitance:220uF; Capacitance N-CHANNEL MOSFET N-CHANNEL 30V - 0.008ohm - 70A TO-220/I2PAK LOW GATE CHARGE STripFET POWER MOSFET N-CHANNEL 30V - 0.008ohm - 70A TO-220/I2PAK LOW GATE CHARGE STripFET⑩ POWER MOSFET N-CHANNEL 30V - 0.008 OHM -70A TO-220/I2PAK LOW GATE CHARGE STRIPFET POWER MOSFET
|
STMicroelectronics N.V. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
IRFZ46N-002 E-018 IRF540N-006 IRF540N-004 IRF540N- |
46 A, 55 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 60 V, 0.023 ohm, N-CHANNE 81 A, 60 V, 0.012 ohm, N-CHANNE 27 A, 100 V, 0.052 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 72 A, 55 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 98 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 21 A, 150 V, 0.082 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 46 A, 100 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 2.2 A, 600 V, 4.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. VISHAY INTERTECHNOLOGY INC
|
HRF3205ST |
100 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB
|
INTERSIL CORP
|
HUF75344S3S HUF75344G3 HUF75344P3 |
75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
|