PART |
Description |
Maker |
AT75C140 |
AT75C140 Advance Information [Updated . 18 Pages] This Smart Internet Appliance Processor is a high-performance processor specially designed Smart Internet Appliance Processor (SIAP-TM) This Smart Internet Appliance Processor is a high-performance processor specially designed for network-enabling consumer and industrial applications. The specific architecture of this device delivers unmatched performance for low power con
|
ATMEL[ATMEL Corporation]
|
MPC8360CVVAJDGA MPC8360EVVAHFG FREESCALESEMICONDUC |
32-BIT, 533 MHz, RISC PROCESSOR, PBGA740 32-BIT, 500 MHz, RISC PROCESSOR, PBGA740 MPC8360E/MPC8358E PowerQUICC II Pro Processor PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
|
FREESCALE SEMICONDUCTOR INC Freescale Semiconductor, Inc Freescale Semiconductor, In... Freescale Semiconductor...
|
BD3867AS BD3867AS/AFV |
SPECIALTY CONSUMER CIRCUIT, PDIP22 Audio sound processor IC Audio LSIs > Sound processor/Electronic volume > Sound processor for TV
|
List of Unclassifed Manufacturers ROHM
|
PPC405CR-3BC133C PPC405CR-3KC133CZ PPC405CR-3BC133 |
PowerPC 405CR Embedded Processor 32-BIT, 133.33 MHz, RISC PROCESSOR, PBGA316 PowerPC 405CR Embedded Processor 32-BIT, 200 MHz, RISC PROCESSOR, PBGA316 PowerPC 405CR Embedded Processor 32-BIT, 266.66 MHz, RISC PROCESSOR, PBGA316
|
Applied Micro Circuits, Corp.
|
AT697E-2E-E |
Rad-Hard 32 bit SPARC V8 Processor 32-BIT, 100 MHz, RISC PROCESSOR, CBGA349
|
Atmel Corp. Atmel, Corp.
|
CMX7041 |
The Two-Way Radio Processor Analogue Radio Baseband Processor with System Clocks and Auxiliary ADCs and DACs
|
CMLMICRO[CML Microcircuits]
|
AMD-K6 20695 |
AMD-K6 Processor Circular Connector; No. of Contacts:5; Series:MS27497; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:14; Circular Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:14-5 RoHS Compliant: No AMD-K6 Processor Multimedia Technology AMD-K6 Processor Data Sheet
|
Advanced Micro Devices, Inc.
|
IDT79RC32H434-266BC IDT79RC32V334-150BB IDT79RC32V |
Integrated Communications Processor Integrated Processor Integrated Communciations Processor
|
IDT
|
CAPA318 |
3.5 Embedded SBC with Intel? Pentium Processor N4200 & Celeron Processor N3350, VGA/LVDS, Dual LANs and Audio
|
Axiomtek Co., Ltd.
|
PDSP16330 PDSP16330A PDSP16330AAOAC PDSP16330ABOAC |
Pythagoras Processor(高速数字CMOS芯片(将笛卡尔数据转换成Polar格式 Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:12; Connector Shell Size:28; Connecting Termination:Solder; Circular Shell Style:Square Flange Receptacle; Body Style:Straight Pythagoras Processor 毕达哥拉斯处理器 20MHz; 0.5-7.0V; 18mA; pythagoras processor. For digital signal processing,
|
Mitel Semiconductor MITEL[Mitel Networks Corporation] Mitel Networks, Corp.
|
VDP3112B VDP3120B VDP3116B VDP3108B VDP3104B VDP31 |
(VDP31xxB) Video Processor Family Video, Display, and Deflection Processor
|
MICRONAS[Micronas] Micronas Semiconductor
|