PART |
Description |
Maker |
MC54HC4049 MC54HC4050 MC74HC4049 MC74HC4050 MC74HC |
Hex buffers/lpgic-level down converter (MC54HC4049 / MC54HC4050) Hex Buffers/Logic-Level Down Converters (MC74HC4049 / MC74HC4050) Hex Buffers/Logic-Level Down Converters From old datasheet system
|
MOTOROLA [Motorola, Inc] ON Semi MOTOROLA[Motorola Inc] http://
|
MM74HC4049 MM74HC4050 MM74HC4049M MM74HC4049MTC MM |
ANA AIR CORE TACH/SPD DRV; Package: SOIC-20 WB; No of Pins: 20; Container: Rail; Qty per Container: 38 HC/UH SERIES, HEX 1-INPUT INVERT GATE, PDIP16 Hex Inverting Logic Level Down Converter • Hex Inverting Logic Level Down Converter . Hex Logic Level Down Converter
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] http://
|
DM7417N DM7417 DM7417M |
Hex Buffers with High Voltage Open-Collector Outputs 74 SERIES, HEX 1-INPUT NON-INVERT GATE, PDSO14
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
AT89C55-24PI AT89C55-16PA AT89C55-24PC AT89C55-24A |
Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SO -40 to 125 Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SOIC -40 to 125 8-Bit Microcontroller with 20K Bytes Flash Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-TSSOP -40 to 125 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQCC44
|
Atmel Corp. Atmel, Corp.
|
74LS06 HD74LS06 HD74LS06FPSMD HD74LS06PDIP HD74LS0 |
LS SERIES, HEX 1-INPUT INVERT GATE, PDIP14 Hex Inverters Buffers/Drivers with Open Collector High-Voltage output HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS LOGIC GATE|HEX INVERTER|LS-TTL|SOP|14PIN|PLASTIC LOGIC GATE|HEX INVERTER|LS-TTL|DIP|14PIN|PLASTIC Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; Number of Contacts:8; Connector Shell Size:16; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight
|
HITACHI[Hitachi Semiconductor] Hitachi,Ltd.
|
HEF4049B |
HEX inverting buffers
|
NXP Semiconductors
|
AT89C52-12QA AT89C52-24AI AT89C52-16JA AT89C52-16Q |
Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SOIC -40 to 125 Hex Inverter 14-VQFN -40 to 125 Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SSOP -40 to 125 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 16 MHz, MICROCONTROLLER, PQFP44 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 16 MHz, MICROCONTROLLER, PDIP40 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 12 MHz, MICROCONTROLLER, PQFP44 8-Bit Microcontroller with 8K Bytes Flash 8-BIT, FLASH, 24 MHz, MICROCONTROLLER, PQFP44
|
Atmel Corp. Atmel, Corp.
|
IN7407 IN7407N IN7407D |
Hex Buffers/Drivers with Open-Collector High-Voltage Outputs 六角缓冲驱动与开放集电极高压输出 Hex Buffers/Drivers with Open- Collector High-Voltage Outputs
|
INTEGRAL JOINT STOCK COMPANY Integral Corp. IK Semicon Co., Ltd
|
IN74LS06 IN74LS06D IN74LS06N |
Hex Inverted Buffers with Open-Collector Outputs
|
INTEGRAL Semiconductor Devices ETC INTEGRAL[Integral Corp.]
|
KK74LS07N KK74LS07D |
Hex Non-Inverted Buffers with Open- Collector Outputs
|
KODENSHI KOREA CORP. KODENSHI CORP.
|
SL74LS07 SL74LS07D SL74LS07N |
Hex Non-Inverted Buffers with Open-Collector Outputs
|
System Logic Semiconduc... SLS[System Logic Semiconductor] System Logic Semiconductor Co., Ltd.
|