PART |
Description |
Maker |
KM681002A-12 KM681002AI-15 KM681002A-20 KM681002A |
128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range. 128Kx8高速静RAM5V工作,革命频出。在经营商业和工业温度范围 JT 26C 26#20 PIN WALL RECP JT 55C 55#22M PIN PLUG
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
K6R1008C1C- K6R1008C1C-C10 K6R1008C1C-C12 K6R1008C |
128K x 8 high speed static RAM, 5V operating, 12ns 128Kx8 Bit High-Speed CMOS Static RAM(5V Operating). Operated at Commercial and Industrial Temperature Ranges. 128Kx8位高速CMOS静态RAMV的工作)。在经营商业和工业温度范围 RES-140 0.0625W 1% THICK FILM 128K x 8 high speed static RAM, 5V operating, 15ns 128K x 8 high speed static RAM, 5V operating, 10ns
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
K6R1008V1C K6R1008V1C-C K6R1008V1C-C10 K6R1008V1C- |
128Kx8 Bit High-Speed CMOS Static RAM(3.3V Operating).
|
Samsung semiconductor
|
K6R1008C1C |
128Kx8 Bit High-Speed CMOS Static RAM(5V Operating). Operated at Commercial and Industrial Temperature Ranges.
|
SAMSUNG
|
KM681002B-12 KM681002B-8 KM681002BI-12 KM681002BI- |
128Kx8 Bit High Speed Static RAM(5V Operating), Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range. 128Kx8位高速静态RAMV的工作),革命销出。在经营商业和工业温度范围
|
http:// SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
DPS128M8XXX |
128kx8 High Speed CMOS SRAM
|
Dense-Pac Microsystems
|
IS61LV12816 IS61LV12816-10B IS61LV12816-10BI IS61L |
ASYNCHRONOUS STATIC RAM, High Speed A.SRAM 128K x 16 HIGH-SPEED CMOS STATIC RAM
|
ICSI[Integrated Circuit Solution Inc]
|
IDT7140LA25L48GB IDT7130LA25L48GB IDT7140SA25L48GB |
HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM 1K X 8 DUAL-PORT SRAM, 25 ns, PDIP48 HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM 1K X 8 DUAL-PORT SRAM, 35 ns, PDIP48 HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM 1K X 8 DUAL-PORT SRAM, 100 ns, QCC48 HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM 1K X 8 DUAL-PORT SRAM, 55 ns, QCC48 HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM 1K X 8 DUAL-PORT SRAM, 100 ns, CDIP48 HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM 1K X 8 DUAL-PORT SRAM, 100 ns, CQFP48 HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM 1K X 8 DUAL-PORT SRAM, 25 ns, CDIP48 HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM 1K X 8 DUAL-PORT SRAM, 55 ns, CQFP48 HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM 1K X 8 DUAL-PORT SRAM, 100 ns, PQCC52 HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM 1K X 8 DUAL-PORT SRAM, 35 ns, PQFP64 HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM 1K X 8 DUAL-PORT SRAM, 25 ns, QCC48
|
Integrated Device Technology, Inc.
|
W26010A W26010AJ-15 W26010AJ-151 W26010AJ-20 W2601 |
64K 16 HIGH-SPEED CMOS STATIC RAM 64K6 HIGH-SPEED的CMOS静态RAM 64K 16 HIGH-SPEED CMOS STATIC RAM 64K X 16 STANDARD SRAM, 20 ns, PDSO44 HIGH SPEED SRAM
|
Winbond Electronics, Corp. WINBOND[Winbond]
|
CXK5B81020J CXK5B81020J-12 CXK5B81020TM CXK5B81020 |
131072-word ′ 8-bit High Speed Bi-CMOS Static RAM 131072-word ? 8-bit High Speed Bi-CMOS Static RAM 131072-word 8-bit High Speed Bi-CMOS Static RAM 131072-word 8-bit High Speed Bi-CMOS Static RAM 131072字?8位高速双CMOS静态RAM 128 x 64 pixel format, LED Backlight available 131072字?8位高速双CMOS静态RAM
|
SONY[Sony Corporation] Sony, Corp.
|
CXK581000M CXK581000M-10L CXK581000M-10LL CXK58100 |
Circular Connector; No. of Contacts:41; Series:; Body Material:Aluminum; Connector Shell Size:22; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:22-41; MIL SPEC:MIL-C-26482 Series I RoHS Compliant: No IC,SRAM,128KX8,CMOS,DIP,32PIN,PLASTIC 131072-word x 8-bit HIGH SPEED COMS STATIC RAM
|
SONY[Sony Corporation]
|