PART |
Description |
Maker |
OC70 OC75 OC66 2N217 OC74 OC65 OC73 OC76 OC77 OC78 |
TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 10MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 150MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 300MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 16V V(BR)CEO | 300MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 250MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 200MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 10V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 1A I(C) | TO-5 TRANSISTOR | BJT | PNP | 35V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 1A I(C) | TO-5 68HC11/Bidirectional-Compatible µP Reset Circuit TRANSISTOR | BJT | PNP | 18V V(BR)CEO | 500MA I(C) | TO-5 晶体管|晶体管|进步党| 18V的五(巴西)总裁| 500mA的一(c)|
|
APEM SA
|
2SA915 2SA915L 2SA915-K 2SA915-AZ 2SA915K |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 50 mA, 120 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP SILICON TRANSISTOR TRANSISTOR | BJT | PNP | 120V V(BR)CEO | 50MA I(C) | TO-221VAR
|
List of Unclassifed Manufacturers ETC Electronic Theatre Controls, Inc.
|
AP1043 AP1044 AP1141 AP1057 AP1103 AP1137 |
TRANSISTOR | BJT | PNP | 250V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | PNP | 225V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 5A I(C) | TO-111 Power inductor, 10/20% tol, SMT, RoHS TRANSISTOR | BJT | PNP | 120V V(BR)CEO | 5A I(C) | TO-5 晶体管|晶体管|进步党| 120伏特五(巴西)总裁| 5A条一(c)| TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 5A I(C) | TO-5
|
Electronic Theatre Controls, Inc.
|
Q62702-F1063 BFT93 |
PNP Silicon RF Transistor for broadba... PNP Silicon RF Transistor (For low distortion broadband amplifiers up to 1 GHz at collector currents from 2mA up to 20mA) UHF BAND, Si, PNP, RF SMALL SIGNAL TRANSISTOR, TO-236 From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group] Infineon http://
|
PBSS5160DS PBSS5160DS115 PBSS5160DS-15 |
60 V, 1 A PNP/PNP low VCEsat (BISS) transistor 60 V, 1 A PNP low VCEsat (BISS) transistor; Package: SOT457 (SC-74); Container: Tape reel smd 1000 mA, 60 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
AP1034 AP1038 AP1023 AP1145 AP1037 AP1022 AP1065 A |
TRANSISTOR | BJT | PNP | 275V V(BR)CEO | 10A I(C) | TO-3 TRANSISTOR | BJT | PNP | 250V V(BR)CEO | 10A I(C) | TO-3 TRANSISTOR | BJT | PNP | 300V V(BR)CEO | 10A I(C) | TO-3 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 10A I(C) | TO-210AC TRANSISTOR | BJT | PNP | 250V V(BR)CEO | 10A I(C) | TO-66 TRANSISTOR | BJT | PNP | 300V V(BR)CEO | 10A I(C) | TO-210AC TRANSISTOR | BJT | PNP | 170V V(BR)CEO | 10A I(C) | TO-5 TRANSISTOR | BJT | PNP | 150V V(BR)CEO | 10A I(C) | TO-33 TRANSISTOR | BJT | PNP | 120V V(BR)CEO | 10A I(C) | TO-3 晶体管|晶体管|进步党| 120伏特五(巴西)总裁| 10A条一(c)|
|
SCHURTER AG
|
CA3096_04 CA3096 CA3096A CA3096AE CA3096AM CA3096A |
NPN/PNP Transistor Array, High Voltage, Enhanced Icbo, Iceo and Vce(sat) NPN/PNP Transistor Array, High Voltage, General Purpose, Relaxed Parameters NPN/PNP Transistor Arrays 50 mA, 35 V, 5 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR, MS-012AC 50 mA, 35 V, 5 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR, MS-001BB
|
INTERSIL[Intersil Corporation]
|
BC212 BC214 BC213 BC212B ON0141 BC214RL1 |
Amplifier Transistor PNP From old datasheet system CASE 29-4, STYLE 17 TO-2 (TO-26AA) Amlifier Transistors (PNP) 100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Amplifier Transistors(PNP Silicon) 100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
MOTOROLA[Motorola, Inc] Motorola, Inc. Motorola Mobility Holdings, Inc. ON Semiconductor
|
2SA1396 2SA1396-AZ 2SA1396M 2SA1396-K-AZ |
TRANSISTOR | BJT | PNP | 100V V(BR)CEO | 10A I(C) | SOT-186 晶体管|晶体管|进步党| 100V的五(巴西)总裁| 10A条一(c)|的SOT - 186 10 A, 100 V, PNP, Si, POWER TRANSISTOR PNP SILICON POWER TRANSISTOR
|
NEC, Corp.
|
D1103 D3232 D45D1 D43D6 D45D3 D45D5 DG189AP/883B D |
Refresh Counter TRANSISTOR | BJT | DARLINGTON | PNP | 50V V(BR)CEO | 6A I(C) | TO-220AB TRANSISTOR | BJT | DARLINGTON | PNP | 90V V(BR)CEO | 4A I(C) | TO-220AB TRANSISTOR | BJT | DARLINGTON | PNP | 70V V(BR)CEO | 6A I(C) | TO-220AB TRANSISTOR | BJT | DARLINGTON | PNP | 90V V(BR)CEO | 6A I(C) | TO-220AB TRANSISTOR | BJT | DARLINGTON | NPN | 350V V(BR)CEO | 15A I(C) | TO-3 Non-Muxed Address DRAM Muxed地址内存 Analog Switch 模拟开 Peripheral Miscellaneous 周边杂项
|
Intersil, Corp. Rochester Electronics, LLC
|
PMBT3906YS PMBT3906YS115 |
40 V, 200 mA PNP/PNP general-purpose double transistor 40 V, 200 mA PNP-PNP general-purpose double transistor 40 V, 200 mA PNP/PNP general-purpose double transistor; Package: SOT363 (SC-88); Container: Tape reel smd
|
NXP Semiconductors N.V.
|