PART |
Description |
Maker |
FLQ8_10 FLQ FLQ1_10 FLQ1_2 FLQ1_4 FLQ1_8 FLQ10 FLQ |
SLOW BLOW ELECTRIC FUSE, 1.5A, 500VAC, 10000A (IR), INLINE/HOLDER Axial Lead and Cartridge Fuses - Midget TNPW, 0603, 23.2 kOhm, 0.1%, 25 ppm Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:33pF/ft; Conductor Material:Copper RoHS Compliant: Yes COMPUTER ACCESSORY CONNECTOR ACCESSORY SLOW BLOW ELECTRIC FUSE, 10A, 500VAC, 10000A (IR), INLINE/HOLDER SLOW BLOW ELECTRIC FUSE, 7A, 500VAC, 10000A (IR), INLINE/HOLDER SLOW BLOW ELECTRIC FUSE, 3.2A, 500VAC, 10000A (IR), INLINE/HOLDER
|
LITTELFUSE[Littelfuse] Littelfuse, Inc.
|
3SBXXX |
Slow Blow Fuse Series
|
Bel Fuse
|
5TTP160-R 5TTP125-R 5TTP250-R 5TTP1-R 5TTP1.25-R 5 |
Slow Blow Fuse Series Slow Blow Fuse Series
|
Bel Fuse Inc.
|
MS4 MS3 MS1 MS750 MS1.25 MS1.5 MS2 MS2.5 MS250 MS3 |
SLOW BLOW MICRO FUSE
|
N/A Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] Bel
|
MI5TT12.5V8 |
SLOW BLOW ELECTRIC FUSE, 8A, 125VAC, 10000A (IR), INLINE/HOLDER
|
MERSEN
|
2JS500 |
Fuses, 500mA 350V SLOW 2AG TIME LAG BLOW ELECTRIC FUSE, 0.5A, 350VAC, 140VDC, 100A (IR), INLINE/HOLDER
|
Bel Fuse, Inc.
|
MS1 MS250 MS5 MS3 MS500 MS2.5 MS1.25 MS1.5 MS300 M |
Fuses, 1.25A 125V SB MICRO BULK Slow Blow Micro Fuse
|
Bel Fuse, Inc. Bel Fuse Inc.
|
SF-0603S400 |
SinglFuse?/a> SF-0603S Series Features SF-0603S Series - Slow Blow Surface Mount Fuses
|
Bourns Electronic Solutions
|
74-5FG315MA 74-5FG1.25A 74-5SG1.25A 74-5FG400MA 74 |
Available in Fast Acting and Slow Blow Types
|
NTE Electronics
|
0603SFS500F_32 1206SFS500F_32 0603SFS100F_32 0603S |
Slow-Blow Chip Fuses Slow-Blow Chip Fuses
|
Tyco Electronics
|
70-010-045A 70-010-051A 70-010-044A 70-010-054A 70 |
FUSE 8A QUICK BLOW FUSE 2A MEDIUM BLOW 5V, Step-Down, Current-Mode PWM DC-DC Converters FUSE 1.6A MEDIUM BLOW 3.3V/5V Palmtop Computer and LCD Power-Supply Regulator FUSE 3.15A QUICK BLOW FUSE 4A MEDIUM BLOW 保险4A条介质吹 FUSE 5A QUICK BLOW 保险5A条快速吹 2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander 保险A条快速吹 2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander 保险2A条快速吹 4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port I/O Expander 保险1A条介质吹
|
TE Connectivity, Ltd. Bourns, Inc. ZETTLER electronics GmbH
|