PART |
Description |
Maker |
REC3-2405SR REC3-1205SR REC3-0505SR REC3-0505DR RE |
Single Output LDO, 3.0A, Fixed(5.0V), Reverse Current Protection, Thermal Shutdown 3-TO-220 0 to 70 ECONOLINE -直流/直流-转炉 ECONOLINE - DC/DC - CONVERTER ECONOLINE - DC/DC-Converter
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
REC2.2-2405SU REC2.2-2405DU REC22-33SU REC2.2-3.31 |
2.2W DC/DC converter with 5V input, -15V/ -75mA output MICRO 31 SKT 18" RBW JACKS ECONOLINE -直流/直流转换 MICRO 31 SKT 18" RBW JACKP ECONOLINE -直流/直流转换 ECONOLINE - DC/DC -CONVERTER ECONOLINE -直流/直流转换
|
RECOM[Recom International Power] RECOM Power Inc. RECOM Electronic GmbH
|
RX-2405S RX-05S RY1212S RX2409S |
LKG PLUG, VARILOAD, 4P5W, 30A 600V RoHS Compliant: Yes ECONOLINE -直流/直流-转炉 ECONOLINE - DC/DC - CONVERTER 1W DC/DC converter with 24V input, 5V/180mA output
|
RECOM Electronic GmbH RECOM Power Inc. Recom International Power
|
RJ-0505S RJ-0509S RJ-051.8S RJ-0512S RJ-0905S RJ-0 |
CAB 24 CAP SKT PLASTIC CAP Tantalum-Wet Miniature 6V 7.5 uF /-5% Silver can Axial High Reliability , TPC - Hilton ECONOLINE - DC/DC - CONVERTER ECONOLINE -直流/直流-转炉
|
RECOM[Recom International Power] RECOM Power Inc. RECOM Electronic GmbH
|
REC3-2415RW REC3-4812RW REC3-4805RW REC3-4809RW RE |
ECONOLINE - DC/DC - CONVERTER ECONOLINE -直流/直流-转炉 3W DC/DC converter with 68V input, -12V/ -125mA output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
MC3358P1 MC3458 MC3458D MC3458P1 MC3358 ON1120 MC3 |
DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS From old datasheet system DUAL OP-AMP, 12000 uV OFFSET-MAX, 1 MHz BAND WIDTH, PDSO8 ECONOLINE: RSZ/P - 1kVDC
|
MOTOROLA[Motorola Inc] ONSEMI[ON Semiconductor]
|
RBM-505D RBM-505S RBM-515S RBM-515D RBM-3.31.8S RB |
ECONOLINE - DC/DC - CONVERTER Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVS06; No. of Contacts:128; Connector Shell Size:25; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight ECONOLINE - DC/DC-CONVERTER ECONOLINE -直流/直流转换
|
http:// RECOM[Recom International Power] RECOM Power Inc. RECOM Electronic GmbH
|
BC847BDW1T1 BC847BDW1T1G BC846BDW1T1 BC848CDW1T1 B |
Dual General Purpose Transistors 100 mA, 45 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency to 84%
|
ONSEMI[ON Semiconductor]
|
SA8026 SA8026DH |
ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% 2.5GHz low voltage fractional-N dual frequency synthesizer
|
NXP Semiconductors
|
RSS-093.3 RSS050P03 RSS100N03 RSS130N03 RSS065N03 |
Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:25-20 Switching (30V / 5.0A) Switching (30V / 10A) Switching (30V / 13A) Switching (30V / 6.5A) Switching (30V / 9A) ECONOLINE - DC/DC - CONVERTER ECONOLINE -直流/直流-转炉
|
RECOM Power Inc. Rohm RECOM Electronic GmbH
|
Q60203-Y66 BCY66 |
NPN Silicon Planar Transistor ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
C35M C35A C35B C35D C35G C35J C35K |
RTD Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 12V; Output Voltage (Vdc): 05V; Power: 2W; Assembly; High Power Density ECONOLINE: RTS & RTD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 85% 35A AUTOMOTIVE RECTIFIER CELL
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|