PART |
Description |
Maker |
HC55120CB HC55130IB |
Voltage Regulator IC; Output Current:2A; Output Voltage:5V; Package/Case:3-TO3P; Output Voltage Max:5.1V; Output Voltage Min:4.9V IC-VLTG REG 6V TO220 ISO
|
Intersil Corporation
|
1N5988 1N5993 1N5987 1N5989 1N5997 1N5996 1N6029 1 |
From old datasheet system Axial-Leaded 500 mW Zener Diodes SILICON 500 mW ZENER DIODES 3.3V Input to Regulated 5V Output Charge Pumps Static Protection Wrist Grounder; Body Material:Fabric RoHS Compliant: NA Zener Voltage Regulator Diode 8.2 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Zener Voltage Regulator Diode 180 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Zener Voltage Regulator Diode 33 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Zener Voltage Regulator Diode 39 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Zener Voltage Regulator Diode 15 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Zener Voltage Regulator Diode 100 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Insulating Tape; Peak Reflow Compatible (260 C):No 27 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH
|
MICROSEMI CORP-LAWRENCE MICROSEMI CORP-SCOTTSDALE MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
SST89C54-33-AC-NJ SST89C58-33-AC-NJ SST89C54-33-AI |
Voltage Regulator IC; Output Current:150mA; Output Voltage:3.3V; Package/Case:5-SOT-23; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process Compatible:No; Output Current Max:150mA; Output Voltage Max:3.3V Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:5V; Peak Reflow Compatible (260 C):No Replaced by PT78ST133 : 3.3Vout 1.5A Wide Input Positive Step-Down ISR 3-SIP MODULE -40 to 85 Voltage Regulator IC; Output Current:150mA; Output Voltage:2.6V; Package/Case:5-SOT-23; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process Compatible:No; Output Current Max:150mA; Output Voltage Max:2.6V Linear Voltage Regulator IC; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:5V; Peak Reflow Compatible (260 C):No; Reel Quantity:3000; Voltage Regulator Type:Low Dropout (LDO) RoHS Compliant: No Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:2.85V; Peak Reflow Compatible (260 C):No Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:3V; Peak Reflow Compatible (260 C):No Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:1.8V; Peak Reflow Compatible (260 C):No Voltage Regulator IC; Output Current:500mA; Output Voltage:1.215V; Package/Case:8-MLP33; Supply Voltage Max:6V; Current Rating:500mA; Leaded Process Compatible:No; Output Current Max:500mA; Output Voltage Max:1.215V FlashFlex51 MCU FlashFlex51单片
|
Silicon Storage Technology, Inc. SILICON STORAGE TECHNOLOGY INC
|
AN78L05 AN78L05M AN78L07 AN78L07M AN78L06M AN78L06 |
General-Purpose Linear IC - Voltage Regulater - 3-Pin Regulator AB 6C 2#8,4#16 SKT RECP Circular Connector Shell; MIL SPEC:MIL-C-5015 A/B/C; Body Material:Aluminum Alloy; Series:97-3100; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle; Gender:Male-Female Adapter 2.5GHz 45dB RF-Detecting Controllers 4 V FIXED POSITIVE REGULATOR, PSSO3 3-pin positive output voltage regulator (100 mA type) 12 V FIXED POSITIVE REGULATOR, PSSO3 3-pin positive output voltage regulator (100 mA type) 20 V FIXED POSITIVE REGULATOR, PBCY3 3-pin positive output voltage regulator (100 mA type) 18 V FIXED POSITIVE REGULATOR, PSSO3
|
PANASONIC[Panasonic Semiconductor] Panasonic Corporation Panasonic, Corp.
|
AM1S-0505S AM1S AM1S-1209S AM1S-0503S AM1S-1224S A |
From old datasheet system Voltage Regulator IC; Output Current:300mA; Output Voltage:1.8V; Package/Case:8-MSOP; Supply Voltage Max:6V; Current Rating:300mA; Leaded Process Compatible:No; Output Current Max:300mA; Output Voltage Max:1.8V Voltage Regulator IC; Output Current:300mA; Output Voltage:3.3V; Package/Case:8-MSOP; Supply Voltage Max:6V; Current Rating:300mA; Leaded Process Compatible:No; Output Current Max:300mA; Output Voltage Max:3.3V 1 watt dc-dc converters 1瓦的DC - DC转换 Linear Voltage Regulator IC; Output Current Max:300mA; Supply Voltage Max:6V; Package/Case:8-MSOP; Current Rating:300mA; Leaded Process Compatible:No; Output Voltage Max:2.8V; Peak Reflow Compatible (260 C):No Voltage Regulator IC; Package/Case:8-MSOP; Output Current:300mA; Output Voltage:2.5V; Supply Voltage Max:6V; Current Rating:300mA; Leaded Process Compatible:No; Output Current Max:300mA; Output Voltage Max:2.5V RoHS Compliant: No
|
Aimtec ETC Electronic Theatre Controls, Inc.
|
MIC5203 MIC5203-2.8BM5 MIC5203-3.0BM4 MIC5203-3.0B |
??ap??80mA Low-Dropout Voltage Regulator レCap80mA Low-Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 レCap80mA Low-Dropout Voltage Regulator 4.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 Enhanced Product 3-V To 6-V, 3-A Output Synchronous-Buck Pwm Switcher W/Integrated Fets 20-HTSSOP -55 to 125 Replaced by PTN78060W : Low Input Voltage 3A Synchronous Buck Converter with 2.5V Output 20-HTSSOP レCap⑩ 80mA Low-Dropout Voltage Regulator μCap 80mA Low-Dropout Voltage Regulator
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
R1140Q R1140Q151D-TL R1140Q281D-TL R1140Q151D-TR R |
120mA LDO regulator IC. Output voltage 3.8V. Mask option without auto discharge function at OFF state. Taping type TL. 120mA LDO regulator IC. Output voltage 3.8V. Mask option with auto discharge function at OFF state. Taping type TL. CAPACITOR, CASE S, 1UF, 35V; Application:Solid; Capacitance:1uF; Tolerance, capacitance:10%; Series:TAJ; Voltage, rating:35V; Capacitor dielectric type:Tantalum Electrolytic; Case style:S; Current, leakage:0.5uA; Depth, RoHS Compliant: Yes SC82 120mA LDO REGULATOR 1.5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PDSO4 120mA LDO regulator IC. Output voltage 3.0V. Mask option without auto discharge function at OFF state. Taping type TL. 120mA LDO regulator IC. Output voltage 3.0V. Mask option without auto discharge function at OFF state. Standard taping type TR. 120mA LDO regulator IC. Output voltage 3.0V. Mask option with auto discharge function at OFF state. Taping type TL. 120mA LDO regulator IC. Output voltage 3.0V. Mask option with auto discharge function at OFF state. Standard taping type TR. 120mA LDO regulator IC. Output voltage 3.8V. Mask option with auto discharge function at OFF state. Standard taping type TR. 120mA LDO regulator IC. Output voltage 3.8V. Mask option without auto discharge function at OFF state. Standard taping type TR.
|
RICOH electronics devic... Ricoh Co., Ltd.
|
SL74HC534 SL74HC534D SL74HC534N HC534 |
Octal 3-State Inverting D Flip-Flop(High-Performance Silicon-Gate CMOS) Voltage Regulator IC; Package/Case:3-TO-3; Current Rating:1.5A; Output Voltage Max:-12V; Voltage Regulator Type:Fixed Voltage; Mounting Type:Through
|
System Logic Semiconduc... SLS[System Logic Semiconductor] System Logic Semiconductor Co., Ltd.
|
LP2950-02YZ |
Voltage Regulator IC; Package/Case:3-TO-92; Current Rating:100mA; Output Voltage Max:5V; Voltage Regulator Type:Low Dropout (LDO); Mounting Type:Through Hole RoHS Compliant: Yes 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PBCY3
|
Micrel Semiconductor, Inc.
|
TLE4275GV33 TLE4275V33 |
Linear Voltage Regulator 3.3 V Fixed Output Voltage Supply voltage regulator
|
Infineon Technologies AG Infineon Technologies A...
|
CLM2815AU-X CLM2815 CLM2815A CLM2815AAT CLM2815AAT |
3.3 V, 1.5A low dropout voltage regulator adjustable and fixed output fast response 1.5 V, 1.5A low dropout voltage regulator adjustable and fixed output fast response 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:19; Connector Shell Size:24; Connecting Termination:Solder; Circular Shell Style:Square Flange Receptacle; Body Style:Straight 2.5 V, 1.5A low dropout voltage regulator adjustable and fixed output fast response
|
CALOGIC[Calogic, LLC] Calogic LLC
|
LM2931AZ-5.0RPG LM2931Z-5.0RPG LM2931Z-5.0G LM2931 |
100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Dropout Voltage Regulator with 60V Load Dump Protection; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PBCY3 Resistor Wirewound 20.5 OHM 5% 4W 20PPM AXIAL Thru-Hole T/R 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO2 100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO2 100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8 100mA, 5.0V Output, Low Dropout Voltage Regulator with 60V Load Dump Protection; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8
|
ON Semiconductor TE Connectivity, Ltd.
|