PART |
Description |
Maker |
DM74ALS37A DM74ALS37AM DM74ALS37AN |
Quadruple 2-Input NAND Buffers Quadruple 2-Input NAND Buffer ALS SERIES, QUAD 2-INPUT NAND GATE, PDIP14
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
74LVC00ABQ 74LVC00AD |
Quad 2-input NAND gate 输入与非 Quad 2-input NAND gate LVC/LCX/Z SERIES, QUAD 2-INPUT NAND GATE, PQCC14 74LVC00A; Quad 2-input NAND gate
|
NXP Semiconductors N.V. Philips
|
74HC00 74HC00DR2G 74HC00DTR2G |
Quad 2-Input NAND Gate; Package: TSSOP-14; No of Pins: 14; Container: Tape and Reel; Qty per Container: 2500 HC/UH SERIES, QUAD 2-INPUT NAND GATE, PDSO14 Quad 2-Input NAND Gate High-Performance Silicon-Gate CMOS
|
ON Semiconductor
|
SN74LS38N SN54LS38 SN74LS38D SN54LS38J |
QUAD 2-INPUT NAND BUFFER
|
MOTOROLA[Motorola, Inc]
|
74F37 N74F37N N74F37D 74F37_2 |
Quad 2-input NAND buffer From old datasheet system
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
JM38510_35202BCA |
Quad 2-Input NAND Buffer (Open Collector)
|
NS
|
5962F9863101VXC ACS30K ACS21D ACS30KMSR-03 ACS21K |
Radiation Hardened 8-Input NAND Gate 8-INPUT NAND GATE, CDFP14 Radiation Hardened 8-Input NAND Gate 8-INPUT NAND GATE, UUC11 RES, NETWORK SMT 100R 5% 1/16W 25V, 0603X4 Quadruple Bus Buffer Gate With 3-State Outputs 14-SOIC 0 to 70
|
Intersil, Corp. Intersil Corporation
|
74LVC132A 74LVC132ABQ 74LVC132AD 74LVC132APW 74LVC |
Quad 2-input NAND Schmitt trigger; Package: SOT402-1 (TSSOP14); Container: Reel Pack, SMD, 13" LVC/LCX/Z SERIES, QUAD 2-INPUT NAND GATE, PDSO14
|
NXP Semiconductors N.V. Philips Semiconductors
|
MM74C00 MM74C04 MM74C0002 MM74C04N MM74C00M MM74C0 |
Quad 2-Input NAND Gate. Quad 2-Input NOR Gate. Hex Inverter From old datasheet system Quad 2-Input NAND Gate •
|
FAIRCHILD[Fairchild Semiconductor]
|
AM27X128 AM27X128-120JC AM27X128-120JI AM27X128-12 |
CMOS Quad 2-Input NAND Schmitt Triggers 14-CDIP -55 to 125 16K X 8 OTPROM, 90 ns, PDIP28 CMOS Quad 2-Input NAND Schmitt Triggers 14-SOIC -55 to 125 128千比特(16亩8位)的CMOS ExpressROM装置 CMOS Quad 2-Input NAND Schmitt Triggers 14-SOIC -55 to 125 16K X 8 OTPROM, 150 ns, PDIP28 CAPACITOR .0033UF UV BOX TYPE 16K X 8 OTPROM, 150 ns, PQCC32 CMOS Quad 2-Input NAND Schmitt Triggers 14-TSSOP -55 to 125 128 Kilobit (16 K x 8-Bit) CMOS ExpressROM Device
|
SPANSION LLC PROM Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
M38510/30009B2A M38510/30009BAA M38510/30009BAB M3 |
Single 8-input NAND Gate Dual 4-input NAND Gate Quad 2-input NAND Gate Triple 3-input NAND Gate 3输入与非 Triple 3-input NAND Gate 输入与非
|
ITT, Corp. Linear Technology, Corp. Bel Fuse, Inc.
|
U3525-S16-T U3525-S16-R U3525-D16-T U74AHC1G00L-AF |
SINGLE SCHMITT-TRIGGER BUFFER SINGLE SCHMITT-TRIGGER INVERTER QUADRUPLE 2-INPUT POSITIVE-OR GATES 2-INPUT OR GATE 2-INPUT NOR GATE HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER QUADRUPLE 2-INPUT POSITIVE-NAND GATES 2-INPUT EXCLUSIVE-OR GATE SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT BILATERAL SWITCH 2-INPUT AND GATE 2-INPUT NAND GATE REGULATING PWM IC
|
友顺科技股份有限公司 UTC[Unisonic Technologies]
|