PART |
Description |
Maker |
AT89C52-12QA AT89C52-24AI AT89C52-16JA AT89C52-16Q |
Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SOIC -40 to 125 Hex Inverter 14-VQFN -40 to 125 Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SSOP -40 to 125 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 16 MHz, MICROCONTROLLER, PQFP44 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 16 MHz, MICROCONTROLLER, PDIP40 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 12 MHz, MICROCONTROLLER, PQFP44 8-Bit Microcontroller with 8K Bytes Flash 8-BIT, FLASH, 24 MHz, MICROCONTROLLER, PQFP44
|
Atmel Corp. Atmel, Corp.
|
MC54F04 MC54F04J MC74F04N MC54_74F04 ON1228 |
HEX INVERTER FAST SCHOTTKY TTL HEX INVERTER FASTE SCHOTTKY TTL From old datasheet system
|
Motorola, Inc ON Semi
|
74LVX04MXNL |
Low Voltage Hex Inverter LV/LV-A/LVX/H SERIES, HEX 1-INPUT INVERT GATE, PDSO14
|
Fairchild Semiconductor, Corp.
|
74LS06 HD74LS06 HD74LS06FPSMD HD74LS06PDIP HD74LS0 |
LS SERIES, HEX 1-INPUT INVERT GATE, PDIP14 Hex Inverters Buffers/Drivers with Open Collector High-Voltage output HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS LOGIC GATE|HEX INVERTER|LS-TTL|SOP|14PIN|PLASTIC LOGIC GATE|HEX INVERTER|LS-TTL|DIP|14PIN|PLASTIC Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; Number of Contacts:8; Connector Shell Size:16; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight
|
HITACHI[Hitachi Semiconductor] Hitachi,Ltd.
|
74ACT04_01 74ACT04B 74ACT04M 74ACT04MTR 74ACT04TTR |
HEX SCHMITT INVERTER HEX INVERTER
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
HD74LS06 HD74LS06P-E |
LS SERIES, HEX 1-INPUT INVERT GATE, PDIP14 Hex Inverter Buffers/Drivers (With Open Collector High-Voltage Outputs)
|
Renesas Electronics Corporation
|
74LVXU04TTR 74LVXU04 74LVXU04MTR 74LVXU04M |
LV/LV-A/LVX/H SERIES, HEX 1-INPUT INVERT GATE, PDSO14 LOW VOLTAGE CMOS HEX INVERTER (SINGLE STAGE) WITH 5V TOLERANT INPUTS
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
CD4069UBC CD4069UBC_02 CD4069UBCM CD4069UBCN CD406 |
LOGIC GATE|HEX INVERTER|CMOS|SOP|14PIN|PLASTIC 逻辑门|六角逆变器|的CMOS |专科| 14PIN |塑料 Inverter Circuits
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
HCS05DMSR FN3557 HCS05MS HCS05D HCS05HMSR HCS05K H |
Inverter, Hex, Open Drain, Rad-Hard, High-Speed, CMOS, Logic From old datasheet system JFET-N-CHANNEL SWITCH Radiation Hardened Hex Inverter with Open Drain HC/UH SERIES, HEX 1-INPUT INVERT GATE, UUC14 JFET; Transistor Polarity:N Channel; Breakdown Voltage, V(br)gss:-30V; Zero Gate Voltage Drain Current Min, Idss:50mA; Gate-Source Cutoff Voltage Max, Vgs(off):-10V; Current Rating:50mA; Voltage Rating:30V
|
INTERSIL[Intersil Corporation] Intersil, Corp. HARRIS SEMICONDUCTOR
|
MM74HC04MTCX MM74HC04MTCXNL MM74HC04MTCNL MM74HC04 |
Hex Inverter From old datasheet system CERAMIC CHIP/MIL-PRF-55681 HC/UH SERIES, HEX 1-INPUT INVERT GATE, PDSO14
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|