PART |
Description |
Maker |
FDC855N |
30V Single N-Channel, Logic Level, PowerTrench MOSFET; Package: SSOT-6; No of Pins: 6; Container: Tape & Reel 6100 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, MO-193AA Single N-Channel, Logic Level, PowerTrench㈢ MOSFET 30V, 6.1A, 27mヘ Single N-Channel, Logic Level, PowerTrench? MOSFET 30V, 6.1A, 27mΩ
|
Fairchild Semiconductor, Corp.
|
FQD20N06LE FQU20N06LE FQD20N06LETM |
60V N-Channel Logic level QFET (Built in ESD Protection Diode) 60V LOGIC N-Channel MOSFET 17.2 A, 60 V, 0.075 ohm, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
FDS6680A FDS6680ANF073 FDS6680ANL |
30V Single N-Channel, Logic Level, Power Trench MOSFET Single N-Channel, Logic Level, PowerTrench MOSFET 12500 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
FQB19N10L FQI19N10L FQB19N10LTM |
100V Logic N-Channel MOSFET(漏源电压00V的逻辑N沟道增强型MOS场效应管) 19 A, 100 V, 0.11 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263 100V N-Channel Logic Level QFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
HUF76633S3S HUF76633P3 HUF76633S3ST HUF76633S3STNL |
38A,100V, 0.036 Ohm, N-Channel, Logic Level UltraFET Power MOSFET 38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFETPower MOSFET 38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFET Power MOSFET 39 A, 100 V, 0.037 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB TRANSISTOR | MOSFET | N-CHANNEL | 100V V(BR)DSS | 39A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 100V的五(巴西)直| 39A条(丁)|63AB 38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFET Power MOSFET 39 A, 100 V, 0.037 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp. Intersil, Corp.
|
FQT4N20L FQT4N20LTF |
200V N-Channel Logic Level QFET 200V LOGIC N-Channel MOSFET 0.85 A, 200 V, 1.4 ohm, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
HUF76105DK8 FN4380 HUF76105DK8T |
5A/ 30V/ 0.050 Ohm/ Dual N-Channel/ Logic Level UltraFET Power MOSFET From old datasheet system 5A, 30V, 0.050 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET 5A, 30V, 0.050 Ohm, Dual N-Channel,Logic Level UltraFET Power MOSFET(5A, 30V, 0.050 Ω,双N沟道,逻辑电平,UltraFET功率MOS场效应管) TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 30V V(BR)DSS | 5A I(D) | SO 5 A, 30 V, 0.072 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET, MS-012AA
|
Intersil Corporation Intersil, Corp.
|
SUD23N06-31L |
TERMINAL IGBT模块 N-Channel 60-V (D-S), 175C MOSFET, Logic Level N-Channel 60-V (D-S) 175C MOSFET, Logic Level
|
Vishay Intertechnology, Inc. VISAY[Vishay Siliconix]
|
FQPF95N03L |
TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 57A I(D) | TO-220F 30V LOGIC N-Channel MOSFET 57 A, 30 V, 0.0115 ohm, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP
|
FDS894910 FDS8949 FDS8949-F085 |
Dual N-Channel Logic Level PowerTrench MOSFET Dual N-Channel Logic Level PowerTrench垄莽 MOSFET Dual N-Channel Logic Level PowerTrench庐 MOSFET Dual N-Channel Logic Level PowerTrench? MOSFET
|
Fairchild Semiconductor
|
FQD19N10L FQU19N10L FQD19N10LTF FQD19N10LTM |
GIGATRUE CAT6 UNIVERSAL JACK, WHITE 100V LOGIC N-Channel MOSFET 100V N-Channel Logic Level QFET
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
|