PART |
Description |
Maker |
MJF122-D MJF127 |
Complementary Power Darlingtons For Isolated Package Applications Power 5A 100V Darlington NPN Power 5A 100V PNP
|
ON Semiconductor
|
IRFI9530G IRFI9530GPBF |
-100V Single P-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=-100V, Rds(on)=0.30ohm, Id=-7.7A)
|
IRF[International Rectifier]
|
IRF520VL IRF520VS |
100V Single N-Channel HEXFET Power MOSFET in a TO-262 package Power MOSFET(Vdss=100V, Rds(on)=0.165ohm, Id=9.6A)
|
IRF[International Rectifier]
|
IRF520L IRF520NSTRR IRF520NSTRL |
Power MOSFET(Vdss=100V/ Rds(on)=0.20ohm/ Id=9.7A) 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier
|
RFP40N10 RF1S40N10SM RFG40N10 FN2431 |
CAP 180PF 200V 1% NP0(C0G) DIP-2 TUBE-PAK R-MIL-PRF-39014/22 40 A, 100 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247 40A/ 100V/ 0.040 Ohm/ N-Channel Power MOSFETs 40A, 100V, 0.040 Ohm, N-Channel Power MOSFETs 40A 100V 0.040 Ohm N-Channel Power MOSFETs From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
2SD2195 2SD1867 2SD1980 2SD2398 |
Power Transistor(????朵?绠? Transistors Power Transistor (100V 2A) Power Transistor (100V / 2A) Power Transistor (100V , 2A) 功率晶体管(100V的,2A
|
Rohm CO.,LTD. ROHM[Rohm] Rohm Co., Ltd.
|
IRF5Y9540CM |
-100V Single P-Channel Hi-Rel MOSFET in a TO-257AA package THRU-HOLE (TO-257AA) 100V, P-CHANNEL POWER MOSFET P-CHANNEL(Vdss=-100V, Rds(on)=0.117ohm, Id=-18A)
|
International Rectifier
|
IRFD9110 |
-100V Single P-Channel HEXFET Power MOSFET in a HEXDIP package Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-0.70A) Power MOSFET(Vdss=-100V Rds(on)=1.2ohm Id=-0.70A)
|
IRF[International Rectifier]
|
IRF530 IRF530PBF |
14 A, 100 V, 0.16 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET(Vdss=100V/ Rds(on)=0.16ohm/ Id=14A) Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A) 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
IRF[International Rectifier]
|
IRLU120N IRLU120NPBF IRLR120N IRLR120NPBF IRLR120N |
Power MOSFET(Vdss=100V, Rds(on)=0.185ohm, Id=10A) 功率MOSFET(减振钢板基本\u003d 100V的,的Rds(on)\u003d 0.185ohm,身份证\u003d 10A条) 100V Single N-Channel HEXFET Power MOSFET in a D-Pak package 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package
|
International Rectifier, Corp.
|
IRHG6110 IRHG63110 IRHG6110P IRHG6110N IRHG6110PBF |
Simple Drive Requirements 100V Dual 2N- and 2P- Channel MOSFET in a MO-036AB package -100V 100kRad Hi-Rel Dual 2N and 2P -Channel TID Hardened MOSFET in a MO-036AB package RADIATION HARDENED POWER MOSFET 100V, Combination 2N-2P-CHANNEL RAD-Hard HEXFET MOSFET TECHNOLOGY 1 A, 100 V, 0.7 ohm, 4 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET, MO-036AB
|
IRF[International Rectifier]
|
FSL913A0D FSL913A0D1 FSL913A0D3 FSL913A0R FSL913A0 |
7A, -100V, 0.300 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs 7 A, 100 V, 0.3 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-205AF 7A, -100V, 0.300 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs 7A 100V的,0.300欧姆,拉德硬,SEGR性,P通道功率MOSFET 7A/ -100V/ 0.300 Ohm/ Rad Hard/ SEGR Resistant/ P-Channel Power MOSFETs 5A/ -100V/ 0.680 Ohm/ Rad Hard/ SEGR Resistant/ P-Channel Power MOSFETs
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|