PART |
Description |
Maker |
MOC119 |
6-Pin DIP Optoisolator Darlington Output(No Base Connection)
|
MOTOROLA[Motorola, Inc]
|
FMP-G5 RC3B2 RG2A2 FMP-G2 FMP-G2FS FMP-G5HS FMQ-G2 |
Damper Diodes (For Display) 1 CHANNEL PHOTO DARLINGTON HIGH ISOLATION OPTOISOLATOR CONNECTOR, PLUG
|
http:// SANKEN[Sanken electric] Sanken Electric Co.,Ltd.
|
BC618 ON0154 BC618RL BC618ZL1 |
Darlington Transistor NPN From old datasheet system CASE 29-4, STYLE 17 TO-2 (TO-26AA) Darlington Transistors(NPN Silicon) 1000 mA, 55 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-226AA
|
ON Semiconductor
|
NTE3092 |
Optoisolator Open Collector, NPN Transistor Output Optoisolator Open Collector NPN Transistor Output
|
NTE[NTE Electronics]
|
D40C4 D45D2 D45D4 D45D6 D40C7 D40K4 D44D5 |
TRANSISTOR | BJT | DARLINGTON | NPN | 40V V(BR)CEO | 500MA I(C) | TO-202AC TRANSISTOR | BJT | DARLINGTON | PNP | 50V V(BR)CEO | 6A I(C) | TO-220AB TRANSISTOR | BJT | DARLINGTON | PNP | 70V V(BR)CEO | 6A I(C) | TO-220AB TRANSISTOR | BJT | DARLINGTON | PNP | 90V V(BR)CEO | 6A I(C) | TO-220AB TRANSISTOR | BJT | DARLINGTON | NPN | 50V V(BR)CEO | 500MA I(C) | TO-202 TRANSISTOR | BJT | DARLINGTON | NPN | 50V V(BR)CEO | 2A I(C) | TO-202AC TRANSISTOR | BJT | DARLINGTON | NPN | 80V V(BR)CEO | 6A I(C) | TO-220AB 晶体管|晶体管|达林顿|叩| 80V的五(巴西)总裁| 6A条一(c)| TO - 220AB现有
|
Vishay Intertechnology, Inc.
|
CFD1025 |
35.000W Darlington NPN Plastic Leaded Transistor. 150V Vceo, 8.000A Ic, 1500 - 30000 hFE. NPN PLANAR POWER DARLINGTON TRANSISTOR
|
CDIL[Continental Device India Limited]
|
2SD986 2SD985 2SD986L |
TRANSISTOR | BJT | DARLINGTON | NPN | 80V V(BR)CEO | 1.5A I(C) | TO-126 晶体管|晶体管|达林顿|叩| 80V的五(巴西)总裁| 1.5AI(丙)|26 NPN SILICON DARLINGTON POWER TRANSISTORS
|
NEC[NEC]
|
2SC4500L 2SC4500S 2SC4500L/S |
SMALL SIGNAL TRANSISTOR TRANSISTOR | BJT | DARLINGTON | NPN | 60V V(BR)CEO | 1A I(C) | TO-251AA 晶体管|晶体管|达林顿|叩| 60V的五(巴西)总裁| 1A条一c)|52AA TRANSISTOR | BJT | DARLINGTON | NPN | 60V V(BR)CEO | 1A I(C) | TO-252AA Silicon NPN Darlington Transistor
|
Hitachi Semiconductor
|
MPSA12DA MPSA12DB MPSA12DC MPSA42DB MPSA42DC MPSA4 |
TRANSISTOR | BJT | PNP | 150V V(BR)CEO | CHIP 晶体管|晶体管|进步党| 150伏五(巴西)总裁|芯片 TRANSISTOR | BJT | DARLINGTON | NPN | 60V V(BR)CEO | CHIP 晶体管|晶体管|达林顿|叩| 60V的五(巴西)总裁|芯片 TRANSISTOR | BJT | NPN | 140V V(BR)CEO | CHIP 晶体管|晶体管| npn型| 140伏特五(巴西)总裁|芯片 TRANSISTOR | BJT | PNP | 300V V(BR)CEO | CHIP TRANSISTOR | BJT | DARLINGTON | NPN | 30V V(BR)CEO | CHIP TRANSISTOR | BJT | NPN | 300V V(BR)CEO | CHIP TRANSISTOR|BJT|DARLINGTON|NPN|CHIP
TRANSISTOR|BJT|DARLINGTON|NPN|30VV(BR)CEO|CHIP
|
Zetex Semiconductor PLC Central Semiconductor, Corp. Cypress Semiconductor, Corp.
|
BCV29 BCV49 |
NPN Silicon Darlington Transistor for... NPN Silicon Darlington Transistors
|
Infineon Technologies AG
|