PART |
Description |
Maker |
29LV160C-55R 29LV160C-70 29LV160C-90 MX29LV160CTMI |
16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1M X 16 FLASH 3V PROM, 90 ns, PBGA48 16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 16M X 16 FLASH 3V PROM, 90 ns, PBGA48 16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 16M X 16 FLASH 3V PROM, 70 ns, PDSO44 16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1M X 16 FLASH 3V PROM, 90 ns, PDSO48 16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 16M X 16 FLASH 3V PROM, 90 ns, PDSO44 16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 16M X 16 FLASH 3V PROM, 90 ns, PDSO48 16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 16M X 16 FLASH 3V PROM, 70 ns, PBGA48 16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1M X 16 FLASH 3V PROM, 70 ns, PBGA48
|
Macronix International Co., Ltd. PROM MACRONIX INTERNATIONAL CO LTD
|
K3N5VU1000E-DGCTC |
16M-Bit (2Mx8 /1Mx16) CMOS MASK ROM Data Sheet
|
Samsung Electronic
|
MX29LV161BTI-70 MX29LV161BTI-70R MX29LV161BTI-90 M |
16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
|
MCNIX[Macronix International]
|
MX29LV160CTXBI-70 MX29LV160CBXBC-90G MX29LV160CBXB |
16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
|
Macronix International http://
|
MX29LV160CT MX29LV160CBTC-55R MX29LV160CBTC-70G MX |
16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
|
MXIC MCNIX[Macronix International]
|
MX29LV161TXBC-70 MX29LV161BXBC-70 |
16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
|
Macronix International
|
MX26LV160AB MX26LV160ABMC-55 MX26LV160ABMC-70G MX2 |
16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
|
MCNIX[Macronix International]
|
AC23C16200B |
1MX16/2MX8 BIT CMOS MASK ROM
|
List of Unclassifed Manufacturers ETC[ETC]
|
MBM29DL161BE MBM29DL161BE-12 MBM29DL161BE-70 MBM29 |
16M (2MX8/1MX16) BIT DUAL OPERATION 16M (2M X 8/1M X 16) BIT Dual Operation
|
FUJITSU[Fujitsu Media Devices Limited]
|
BS616LV1611 BS616LV1611FIP70 BS616LV1611FC BS616LV |
Asynchronous 16M(1Mx16) bits Static RAM From old datasheet system Very Low Power/Voltage CMOS SRAM 1M X 16 bit 非常低功电压CMOS SRAM00万16
|
BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC.
|
BS616LV1626TI BS616LV1622TC-55 BS616LV1622TC-70 BS |
Asynchronous 16M(2Mx8 or 1Mx16 Switchable) bits Static RAM Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable LM4922 Boomer ® Audio Power Amplifier Series Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier; Package: MICRO SMD; No of Pins: 14 LM4921 Low Voltage I 2 S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control; Package: MICRO SMD; No of Pins: 20 非常低功电压CMOS SRAM00万16M × 8位开 LM4921? Low Voltage I 2 S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control; Package: MICRO SMD; No of Pins: 20
|
Brilliance Semiconducto... http:// BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC.
|
A82DL1642 A82DL16X2T A82DL1622 A82DL1632 A82DL1632 |
Reed Switch; Pull-In Amp Turns Max:25; Pull-In Amp Turns Min:16; Circuitry:SPST-NO; Switching Current Max:1A; Switching Voltage Max:200VDC; Mounting Type:PCB; Body Length:13.5mm; Breakdown Voltage Min:250VDC Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x2T(U) 16 Megabit (2Mx8 Bit/1Mx16 Bit) CMOS 3.3 Volt-only, Simultaneous Operation Flash 堆叠式多芯片封装(MCP)闪存和SRAM,A82DL16x2T(ü)16兆位Mx8 Bit/1Mx16位)的CMOS 3.3伏只,同时闪电行
|
AMIC Technology Corporation AMIC Technology, Corp.
|