PART |
Description |
Maker |
MPSD05 MPS8098 MPS8099 MPSA56 MPSH19 |
(MPSxxxx) TRANSISTOR
|
KSL Microdevices
|
MPS3639 MPS4354 MPSA56 MPS3844 MPS6533 MPS6535 |
(MPSxxxx) General Purpose Amplifiers and Medium-Speed Switches
|
KSL Microdevices
|
DT5A114E DT5A143X DT5A144E DT5C114E DT5C124E DT5A1 |
TRANSISTOR | ZIP 晶体管|邮编 TRANSISTOR SWITCH DIGITAL TRANSISTOR ARRAYS (INCLUSDES RESISTORS)
|
Diodes, Inc. ROHM[Rohm]
|
2N1122 2N1405 2N1407 2N1101 2N1140 2N1535 2N1472 2 |
TRANSISTOR | BJT | PNP | 11V V(BR)CEO | 50MA I(C) | TO-24 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 50MA I(C) | TO-12 TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 100MA I(C) | TO-22 TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 100MA I(C) | TO-9 TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 3.5A I(C) | IST-3RT-1/2 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 50MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 50A I(C) | TO-36 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 150V V(BR)CEO | 7.5A I(C) | TO-82 TRANSISTOR | BJT | NPN | 250V V(BR)CEO | 7.5A I(C) | TO-82 TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 12A I(C) | TO-3 TRANSISTOR | BJT | PNP | 110V V(BR)CEO | TO-5 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 50MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 35V V(BR)CEO | 100MA I(C) | TO-5 TRANSISTOR | BJT | NPN | 25MA I(C) | TO-22VAR TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 25A I(C) | TO-36 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | PNP | 90V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 7A I(C) | TO-3 晶体管|晶体管|进步党| 50V五(巴西)总裁| 7A条一(c)| 5-Pin, Multiple-Input, Programmable Reset ICs 晶体管|晶体管|进步党| 12V的五(巴西)总裁| 100mA的一(c)| 5-Pin, Multiple-Input, Programmable Reset ICs 晶体管|晶体管|进步党| 65V的五(巴西)总裁|5A一(c)|6 TRANSISTOR | BJT | PNP | 15A I(C) | TO-36 TRANSISTOR | BJT | PNP | 38V V(BR)CEO | 15A I(C) | TO-41
|
NXP Semiconductors N.V. Microsemi, Corp.
|
IPB100N08S2-07 IPI100N08S2-07 IPP100N08S2-07 SP000 |
OptiMOSPower-Transistor 的OptiMOS㈢功率晶体管 OPTIMOS⑶ POWER-TRANSISTOR OptiMOS㈢ Power-Transistor OptiMOS? Power-Transistor
|
INFINEON[Infineon Technologies AG]
|
2N1493 2N1410 2N335 2N337 2N333 2N2537 2N3510 2N36 |
5-Pin, Multiple-Input, Programmable Reset ICs TRANSISTOR | BJT | NPN | 25MA I(C) | TO-5 TRANSISTOR | BJT | NPN | 20MA I(C) | TO-5 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 10V V(BR)CEO | 500MA I(C) | TO-52 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 500MA I(C) | TO-105 TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 50MA I(C) | TO-72 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 6V V(BR)CEO | 100MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 7V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | NPN | 35V V(BR)CEO | 800MA I(C) | TO-5 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 TRANSISTOR | BJT | NPN | 45V V(BR)CEO | 300MA I(C) | TO-5
|
Weidmuller, Corp.
|
KTC1027 KTC1027O KTC1027-15 |
EPITAXIAL PLANAR NPN TRANSISTOR General Purpose Transistor 800 mA, 120 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
KEC(Korea Electronics) Korea Electronics (KEC)
|
FXT3866SM FXT449SM FXT549SM FXT749SM FXT649SM FXT6 |
TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 1A I(C) | SOT-89 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 1A I(C) | SOT-89 TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 2A I(C) | SO TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 2A I(C) | SO TRANSISTOR | BJT | NPN | 300V V(BR)CEO | 500MA I(C) | SO TRANSISTOR | BJT | NPN | 150V V(BR)CEO | 1A I(C) | SO 晶体管|晶体管| npn型| 150伏五(巴西)总裁| 1A条一(c)| TRANSISTOR | BJT | PNP | 100V V(BR)CEO | 2A I(C) | SO 晶体管|晶体管|进步党| 100V的五(巴西)总裁|甲一(c)| TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 1A I(C) | SOT-89 晶体管|晶体管|进步党| 60V的五(巴西)总裁| 1A条一(c)|采用SOT - 89 TRANSISTOR | BJT | NPN | 45V V(BR)CEO | 1A I(C) | SO 晶体管|晶体管|叩| 45V的五(巴西)总裁| 1A条一(c)| TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 400MA I(C) | SO 晶体管|晶体管|叩| 30V的五(巴西)总裁| 400mA的一(c)| TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 1A I(C) | SOT-89
|
Zetex Semiconductor PLC Fujitsu, Ltd. Bourns, Inc. Amphenol, Corp.
|
2N5330 SDT99703 2N4211 2N5616 SDT8302 2N5625 SDT16 |
30 A, 90 V, NPN, Si, POWER TRANSISTOR 300 V, NPN, Si, POWER TRANSISTOR 20 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-63 5 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-3 30 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-63 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-3 5 A, 100 V, NPN, Si, POWER TRANSISTOR, TO-66 5 A, 40 V, NPN, Si, POWER TRANSISTOR, TO-66 5 A, 60 V, NPN, Si, POWER TRANSISTOR, TO-66 20 A, 60 V, NPN, Si, POWER TRANSISTOR, TO-63 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-61 10 A, 200 V, NPN, Si, POWER TRANSISTOR, TO-3
|
SOLITRON DEVICES INC
|
FN1L4Z FN1L4Z-L FN1L4Z-T2B FN1L4ZM62 |
TRANSISTOR | 50V V(BR)CEO | 100MA I(C) | SOT-346 晶体管| 50V五(巴西)总裁| 100mA的一(c)|的SOT - 346 MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE PNP TRANSISTOR MINI MOLD Compound transistor
|
NEC, Corp. NEC[NEC]
|
2SD773 2SD773U4 2SD773-L2-AZ |
2000 mA, 16 V, NPN, Si, SMALL SIGNAL TRANSISTOR TRANSISTOR | BJT | NPN | 16V V(BR)CEO | 2A I(C) | TO-221VAR NPN SILICON TRANSISTOR From old datasheet system
|
NEC Corp. NEC[NEC]
|
|