PART |
Description |
Maker |
MN102L360C |
Microcomputer - 16bit - General Purpose From old datasheet system
|
Panasonic
|
MN102H81G |
Microcomputer - 16bit - General Purpose From old datasheet system
|
Panasonic
|
MN102L610B |
Microcomputer - 16bit - General Purpose LQFP100-P-1414(Pb Free) From old datasheet system RESET Watchdog Timer counter 0 to 5 Timer counter 6 to 7
|
Matsshita / Panasonic Panasonic Semiconductor
|
M38047M6-XXXFP M38047M6-XXXHP M38047M6-XXXSP M3804 |
3803/04 Group: General Purpose, with Flash RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes; single-chip 8-bit CMOS microcomputer RAM size: 1536bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-bit Microcomputer
|
Mitsubishi Electric Corporation
|
K4S641632C K4S641632C-TC_L70 K4S641632C-TC_L80 K4S |
64Mbit (1M x 16bit x 4 banks) bynchronous DRAM LVTTL, 125MHz 1M x 16Bit x 4 Banks Synchronous DRAM 64Mbit (1M x 16bit x 4 banks) bynchronous DRAM LVTTL, 166MHz
|
Samsung Electronic SAMSUNG[Samsung semiconductor]
|
M38259EFDFP M38258E4-FP M38258E4-FS M38258E4-GP M3 |
3825 Series Microcontrollers: On-Chip Segment LCDDrivers with A-D Converter RAM size: 1536 bytes; single-chip 8-bit CMOS microcomputer RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
TMP68HC05C4 TMP68HC11A0 TMP68HC11A1 TMP68HC11A8 TM |
THE TMP68HC05C4 CMOS MICROCOMPUTER IS A MEMBER OF THE 68HC05 FAMILY OF LOW-COST SINGLE-CHIP MICROCOMPUTER
|
Toshiba Semiconductor
|
HY51VS65163HG HY51VS65163HGJ-45 HY51VS65163HGJ-5 H |
4M x 16Bit EDO DRAM, 3.3V, LVTTL-interface, 50ns, low power 4M x 16Bit EDO DRAM, 3.3V, LVTTL-interface, 60ns, low power 4M x 16Bit EDO DRAM, 3.3V, LVTTL-interface, 45ns, low power
|
Hynix Semiconductor
|
UPD750008 UPD750008CUA-XXX UPD750008CU-XXX UPD7500 |
75XL series 4B-pin microcomputer on-chip ROM (8Kx8) & RAM(512x4) 4-bit single-chip microcomputer
|
NEC
|
KM416C1004CJ-5 KM416C1004CJ-6 KM416C1004CJL-6 KM41 |
1M x 16Bit CMOS dynamic RAM with extended data out, 50ns, VCC=5.0V, refresh period=64ms 1M x 16Bit CMOS dynamic RAM with extended data out, 60ns, VCC=5.0V, refresh period=64ms 1M x 16Bit CMOS dynamic RAM with extended data out, 60ns, VCC=5.0V, self-refresh 1M x 16Bit CMOS dynamic RAM with extended data out, 50ns, VCC=5.0V, refresh period=16ms 1M x 16Bit CMOS dynamic RAM with extended data out, 60ns, VCC=5.0V, refresh period=16ms 1M x 16Bit CMOS dynamic RAM with extended data out, 45ns, VCC=5.0V, self-refresh
|
Samsung Electronic
|
CS5505 CS5508 CS5507 CS5506 CS5506-AP CS5508-AP CS |
VERY LOW POWER 16BIT AND 20 BIT A/D CONVERTERS 低功6位和20A / D转换 VERY LOW POWER 16BIT AND 20 BIT A/D CONVERTERS 低功16位和20位A / D转换
|
Cirrus Logic, Inc.
|
TB62701N E004109 |
16BIT SHIFT REGISTER / LATCH & CONSTANT CURRENT DRIVERS 16BIT SHIFT REGISTER, LATCH & CONSTANT CURRENT DRIVERS From old datasheet system
|
TOSHIBA[Toshiba Semiconductor]
|