PART |
Description |
Maker |
AD7887 AD7887AR AD7887ARM AD7887BR EVAL-AD7887CB E |
2.7 V to 5.25 V/ Micropower/ 2-Channel/ 125 kSPS/ 12-Bit ADC in 8-Lead uSOIC 2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead uSOIC 2.7V to 5.25 V, Micro Power, Dual-Channel, 125 kSPS, 12-Bit ADC in 8-Pin µSOIC
|
Analog Devices, Inc. AD[Analog Devices]
|
ADUM1442ARQZ |
Micropower Quad-Channel Digital Isolators
|
Analog Devices
|
A3210EUA-TL A3209-LH A3209-UA A3209EUA-TL A3209UA- |
MICROPOWER ULTRA-SENSITIVE HALL-EFFECT SWITCHES MICROPOWER, ULTRA-SENSITIVE HALL-EFFECT SWITCHES MICROPOWER/ ULTRA-SENSITIVE HALL-EFFECT SWITCHES Micropower, Ultra-Sensitive Hall Effect Switch(微功耗,超敏感霍尔效应开 D38999/26WC8PN 320 x 240 pixel format, CFL backlight available with power harness
|
ALLEGRO[Allegro MicroSystems] Allegro MicroSystems, Inc. http://
|
ADM663 ADM663A ADM663AAN ADM663AAR ADM666A ADM666A |
Tri-Mode: 3.3 V 5 V Adjustable Micropower Linear Voltage Regulators(332.03 k) Tri-Mode: 3.3 V. 5 V. Adjustable Micropower Linear Voltage Regulators 三模式:3.3五,调节微功率线性稳压器 Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators 三模式:3.3伏,5伏,可调微功耗线性稳压器 Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators FIXED/ADJUSTABLE POSITIVE REGULATOR, PDSO8 Tri-Mode: 3.3 V/ 5 V/ Adjustable Micropower Linear Voltage Regulators Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulator Featuring Additional Low Battery Monitoring Circuitry
|
Analog Devices, Inc. AD[Analog Devices]
|
TS7001IM8 TS7001IM8T |
A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
|
Silicon Laboratories
|
TSA7887 TSA7887BRZ-REEL TSA7887ARMZ-REEL TSA7887AR |
A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
|
Touchstone Semiconductor Inc
|
MAX4091 MAX4091ASA MAX4091AUA MAX4091AUK-T MAX4091 |
Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps OP-AMP, 3500 uV OFFSET-MAX, 0.5 MHz BAND WIDTH, PDSO8 Single/Dual/Quad / Micropower / Single-Supply / Rail-to-Rail Op Amps Single/Dual/Quad Micropower Single-Supply Rail-to-Rail Op Amps "Dual, Micropower, Single-Supply, Rail-to-Rail I/O Op Amp" "Single, Micropower, Single-Supply, Rail-to-Rail I/O Op Amp in SOT23" "Quad, Micropower, Single-Supply, Rail-to-Rail I/O Op Amp"
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
NCV4279B NCV4279BD1 NCV4279BD1R2 NCV4279BD2 NCV427 |
5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO14 ANA 5.0V MICROPOWER
|
ONSEMI[ON Semiconductor]
|
MAX6793TPSD2 MAX6794TPLD2 MAX6791TPSD2 MAX6792TPSD |
2-CHANNEL POWER SUPPLY MANAGEMENT CKT, QCC20 High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions
|
MAXIM INTEGRATED PRODUCTS INC
|
MC33468 MC33468SN-20ATR ON1063 |
From old datasheet system FIXED FREQUENCY PWM MICROPOWER DC-to-DC CONVERTER VARIABLE FREQUENCY MICROPOWER DC-to-DC CONVERTER
|
ONSEMI[ON Semiconductor]
|
MAX4372TESA MAX4372T09 MAX4372H MAX4372TEUK-T MAX4 |
Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA6
|
Maxim Integrated Products, Inc.
|