PART |
Description |
Maker |
EPC1197-1 EPC1197-2 EPC1197-3 EPC1197-6 EPC1197-4 |
500 mW DC/DC Converter
|
PCA ELECTRONICS INC.
|
EPC1198-1 EPC1198-2 EPC1198-3 EPC1198-4 EPC1198-5 |
500 mW DC/DC Converter
|
PCA ELECTRONICS INC.
|
EPC1195G-X |
500 mW DC/DC Converter
|
PCA ELECTRONICS
|
JYDC-7-1HP |
High Power Directional Coupler 50?/a> 30 to 500 MHz From old datasheet system High Power Directional Coupler 50з 30 to 500 MHz High Power Directional Coupler 50 30 to 500 MHz AC-DC Converter, 75 Watt Input VAC: 90~260, Output VDC: 12, Max Output Current(A): 6.25, Package: U Bracket, Isolation(VDC): 3000, Operating Temp.: -25C to 50C, Low Ripple & Noise, High Efficiency up to 80%, Auto-Recovery, Single Outputs
|
http:// MINI[Mini-Circuits]
|
NCP5010_06 NCP5010 NCP5010FCT1G |
500 mW Boost Converter for White LEDs
|
ONSEMI[ON Semiconductor]
|
IB048E096T48N1-OO IB048E096T48N3-OO IB048E096T48P2 |
5:1 Intermediate Bus Converter Module: Up to 500 W Output
|
Vicor Corporation
|
AP6507 AP6507SP-13 |
500 kHz 18V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
|
Diodes Incorporated
|
HMCAD1510 |
High Speed Multi-Mode 8-Bit 30 to 500 MSPS A/D Converter
|
Hittite Microwave Corporation
|
AD9234-1000EBZ AD9234-500EBZ AD9234BCPZ-500 AD9234 |
12-Bit, 1 GSPS/500 MSPS JESD204B, Dual Analog-to-Digital Converter
|
Analog Devices
|
SI9123 |
500-kHz Half-Bridge DC-DC Converter With Integrated Secondary Synchronous Rectification Control 500千赫半桥型DC - DC与集成的次级同步整流控制转换
|
Vishay Intertechnology, Inc. Vishay Siliconix
|