PART |
Description |
Maker |
S1D2500A01-D0 S1D2500A01-D0B0 |
I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
|
SAMSUNG[Samsung semiconductor]
|
S1D2500A01-D0 S1D2500A01-D0B0 |
I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER 的I2C总线控制乙视频放大器
|
SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
KA2506-01 |
I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
|
Samsung semiconductor
|
M52743 M52743SP M52744SP M52744 |
I 2 C BUS CONTROLLED 3-CHANNEL VIDEO PREAMPLIFIER I 2 C总线控制的三通道视频前置放大 I2C BUS CONTROLLED 3-CHANNEL VIDEO PREAMPLIFIER
|
Mitsubishi Electric, Corp. MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
M61316SP |
(M61311SP / M61316SP) I2C BUS CONTROLLED VIDEO PRE-AMP
|
Mitsubishi Electric Semiconductor
|
TDA9853 TDA9853H |
I2C-bus controlled economic BTSC stereo decoder and audio processor
|
PHILIPS[Philips Semiconductors]
|
TDA9853 TDA9853H |
I2C-bus controlled economic BTSC stereo decoder and audio processor SPECIALTY CONSUMER CIRCUIT, PQFP44
|
NXP Semiconductors N.V.
|
SP5655 SP5655KG SP5655KGMPAS SP5655SKG SP5655SKGMP |
2・7GHz Bidirectional I2C Bus Controlled Synthesiser 27GHz Bidirectional I2C Bus Controlled Synthesiser
|
MITEL[Mitel Networks Corporation]
|
PCA9549BS PCA9549PW |
Octal bus switch with individually I2C-bus controlled enables
|
NXP Semiconductors
|
M95320-SBN6T M95640-DW3TP M95320-MB3 M95320-MB6 M9 |
64/32/16/8 Kbit Serial SPI Bus EEPROM With High Speed Clock 64Kbit and 32Kbit Serial SPI Bus EEPROM With High Speed Clock I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators 32Kbit4Kbit SPI总线串行EEPROM的高速时 Triple 8-bit analog-to-digital video converter for HDTV 32Kbit4Kbit SPI总线串行EEPROM的高速时 I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio 32Kbit4Kbit SPI总线串行EEPROM的高速时 2 X 80 W SE (4 Ohm) or 1 X 160 W BTL (8 Ohm) class-D amplifier 32Kbit4Kbit SPI总线串行EEPROM的高速时 Low voltage transmission circuits with dialler interface 32Kbit4Kbit SPI总线串行EEPROM的高速时 In Car Entertainment (ICE) car radio 32Kbit4Kbit SPI总线串行EEPROM的高速时 2 x 100 W class-D power amplifier 32Kbit4Kbit SPI总线串行EEPROM的高速时 Dual asynchronous receiver/transmitter (DUART) - Application: Data Communication ; Function: Receivers/Transmitters ; Number of pins: 44 ; Operating temperature: -40~85 Cel; Receiver/Transmitter type: Dual UARTs 32Kbit4Kbit SPI总线串行EEPROM的高速时 Dual asynchronous receiver/transmitter (DUART) 32Kbit4Kbit SPI总线串行EEPROM的高速时 32Kbit and 64Kbit Serial SPI Bus EEPROMs With High Speed Clock 32Kbit4Kbit SPI总线串行EEPROM的高速时 Perforated Panel for Medium Enclosure; For Use With:NEMA Type 1 Steel Medium Enclosures; NEMA Type:1; Enclosure Color:Gray; Enclosure Material:Steel RoHS Compliant: Yes 32Kbit4Kbit SPI总线串行EEPROM的高速时 Memory module temp sensor with integrated SPD, 3.3 V Dual Dolby* B-type noise reduction circuit for playback applications N-channel enhancement mode field-effect transistor - Configuration: Single N-channel ; ID DC: 2.5 A; Qgd (typ): 1.6 nC; RDS(on): 85@4.5V115@2.5V mOhm; VDSmax: 20 V Universal hi-fi audio processor for TV Alignment-free vision and FM sound IF-PLL demodulator for negative modulated TV standards I2C-bus controlled multistandard alignment-free IF-PLL for mobile reception New In Car Entertainment (NICE) car radio Front-end and PLL synthesizers for car radios HDMI transmitter up to 150 MHz pixel rate with 3 x 8-bit video inputs and 4 x I2S-bus with S/PDIF
|
ST Microelectronics STMicroelectronics N.V. 意法半导
|
TSA5059A TSA5059AT TSA5059ATS |
2.7 GHz I 2 C-bus controlled low 2.7 GHz I2C-bus controlled low phase noise frequency synthesizer
|
PHILIPS[Philips Semiconductors]
|