PART |
Description |
Maker |
7721-8PPSG |
Standard Products - Insulating Shoulder Washers
|
List of Unclassifed Man...
|
T494C337K004AS T494D337K004AS T494D337K006AS T494X |
1-Form-A i4-PAC Package Products 60V: DC Only 固体钽芯片电容器\u003cbr\u003e (T494系列-低ESR,工业级 Dual optocoupler with a single or darlington transistor output 固体钽芯片电容器\u003cbr\u003e (T494系列-低ESR,工业级 SOLID TANTALUM CHIP CAPACITORS<br>(T494 SERIES - Low ESR, Industrial Grade) 固体钽芯片电容器\u003cbr\u003e (T494系列-低ESR,工业级 RECTIFIER STANDARD SINGLE 2A 100V 100 65A-ifsm 5uA-ir 1.1V-vf DO-15 4K/REEL-13 固体钽芯片电容器\u003cbr\u003e (T494系列-低ESR,工业级 1-Form-A i4-PAC Package Products 1000V: DC Only 固体钽芯片电容器\u003cbr\u003e (T494系列-低ESR,工业级 ER 5C 4#4 1#8 SKT RECP BOX 固体钽芯片电容器\u003cbr\u003e (T494系列-低ESR,工业级 Large glass bead with adjacent leads 固体钽芯片电容器\u003cbr\u003e (T494系列-低ESR,工业级 RECTIFIER STANDARD SINGLE 2A 200V 200 70A-ifsm 5uA-ir 1.1V-vf DO-15 4K/REEL-13 固体钽芯片电容器\u003cbr\u003e (T494系列-低ESR,工业级 Multi-Color LED; LED Color:Red; Luminous Intensity:8mcd; Viewing Angle:170 ; Forward Current:10mA; Forward Voltage:1.7V; Operating Temperature Range:-30 C to 75 C; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No DIODE-RECT, SHTKY 40V, 3A@TJ=150C, IR=2MA@2 RECTIFIER STANDARD SINGLE 2A 50V 50 70A-ifsm 5uA-ir 1.1V-vf DO-15 4K/REEL-13 SOLID TANTALUM CHIP CAPACITORS (T494 SERIES - Low ESR, Industrial Grade) 257.13 Kbytes SOLID TANTALUM CHIP CAPACITORS
(T494 SERIES - Low ESR, Industrial Grade) SOLID TANTALUM CHIP CAPACITORS(T494 SERIES - Low ESR Industrial Grade) SOLID TANTALUM CHIP CAPACITORS(T494 SERIES - Low ESR, Industrial Grade)
|
KEMET[Kemet Corporation] http://
|
4THBXXXM 4THDXXXM |
(TH Series) Guaranteed Products
|
Sanyo Electronic
|
SPPDB-01 |
Development Board & Mounting Assembly for SPP-01 Series Products
|
Frequency Devices, Inc.
|
V33MLA1206N V48MLA1206N V14MLA0603N V26MLA0603N V5 |
Varistor Products Surface Mount Multilayer Varistors (MLVs) > ML Series
|
Littelfuse
|
ACT4435NFP ACT4435N ACT4435N-701 ACT4435N-FP |
LINE TRANSCEIVER, DFP24 Standard Products ACT4435N Transceiver for H009 Specification
|
Aeroflex Inc. AEROFLEX[Aeroflex Circuit Technology]
|
HD74LVC1G66 |
Standard IC>General-Purpose Logics>Uni-Logic 74LVC 1G/2G/3G Series>74LVC1G Series
|
Renesas
|
HD74LVC1G97 |
Standard IC>General-Purpose Logics>Uni-Logic 74LVC 1G/2G/3G Series>74LVC1G Series
|
Renesas
|
HD74ALVC1G02VSE HD74ALVC1G02 |
Standard IC>General-Purpose Logics>Uni-Logic 74ALVC 1G/2G Series>74ALVC1G Series 2-input NOR Gate
|
RENESAS[Renesas Electronics Corporation]
|
V60MLA1210N V5.5MLA0402LN V5.5MLA0402N V120MLA1210 |
MLA Varistor Seriesv Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series RoHS compliant Rated for surge current (8 x 20 us) Surface Mount Multilayer Varistors (MLVs) MLA Series Surface Mount Multilayer Varistors (MLVs) Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
|
Littelfuse
|
IDTQS3VH245 IDTQS3VH245SO IDTQS3VH245Q IDTQS3VH245 |
QUICKSWITCH PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH CB3Q/3VH/3C/2B SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20 CB3Q/3VH/3C/2B SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20 SOIC-20 QUICKSWITCH? PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|