PART |
Description |
Maker |
2N7000ZL1G |
Small Signal MOSFET 200 mAmps, 60 Volts
|
ON Semiconductor
|
VN2406L VN2406LZL1 |
Small Signal MOSFET 200 mAmps, 240 Volts
|
ON Semiconductor
|
2N7002LT1-D 2N7002LT1/D |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset Small Signal MOSFET 115 mAmps, 60 Volts N-Channel SOT3 Small Signal MOSFET 115 mAmps, 60 Volts N-Channel SOT?3
|
ON Semiconductor
|
BS107_04 BS107 BS107A BS107AG BS107ARL1 BS107ARL1G |
Small Signal MOSFET 250 mAmps, 200 Volts 30V N-Channel PowerTrench MOSFET
|
ONSEMI[ON Semiconductor]
|
VN2222LL VN2222LLRLRM VN2222LLG VN2222LLRL VN2222L |
Small Signal MOSFET 150 mAmps, 60 Volts
|
ONSEMI[ON Semiconductor]
|
CMNT3904E CMNT3906E CMNT3906EBK CMNT3904ETR |
COMPLEMENTARY FEMTOminiTM SILICON TRANSISTORS 200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR 200 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Central Semiconductor Corp
|
2N5551 2N5401 2N5223 2N5232A 2N5172 2N4403 2N5550 |
Small Signal Transistors TO-92 Case (Continued) RES ARRAY 1.5K OHM 8TRM 4RES SMD Small Signal Transistors TO-92 Case (Continued) 200 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 50 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Leaded Small Signal Transistor General Purpose
|
Central Semiconductor C... http:// CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
MPSH10PSTOA FXT3866STZ UZTX415STOA UZTX415STOB ZTX |
UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR TO-92 COMPATIBLE, E-LINE PACKAGE-3 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR 200 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR 500 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. Zetex Semiconductor PLC ZETEX PLC DIODES INC
|
LBSS138LT1 LBSS138LT1G |
Power MOSFET 200 mAmps, 50 Volts N-hannel SOT-3
|
乐山无线电股份有限公
|
UZVN4106F |
200 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
ZETEX PLC
|
|