PART |
Description |
Maker |
T89C51RD2-3CSIM ATMELCORP-AT89LP213-20PU TSC80251A |
8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDIP40 8-BIT, 12 MHz, MICROCONTROLLER, PQFP44 20MHZ, TQFP, IND TEMP, GREEN(MCU AVR) MCU AVR32 256K FLASH 100TQFP MCU AVR 2K FLASH 20MHZ 20VQFN 16MHZ, TQFP, IND TEMP, GREEN, 5.0(MCU AVR) -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 10MHZ, PDIP, IND TEMP, GREEN(MCU AVR) MCU AVR 256K FLASH 1.8V 64-TQFP MCU AVR 64K FLASH 1.6V 100-TQFP 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44 8-BIT, FLASH, 25 MHz, MICROCONTROLLER, PQFP64 MCU AVR 4K FLASH 15MHZ 20-QFN 8MHZ, MLF, IND TEMP, GREEN, 1.8V(MCU AVR) IC MCU 512KB FLASH 144TFBGA MCU AVR 32K FLASH 1.6V 44-QFN BGA,ROHS-A,IND TEMP(ARM) 20MHZ,3X3 QFN/MLF, IND.TEMP, GREEN, 5V(MCU AVR) MCU AVR 64K FLASH 1.8V 64-TQFP MCU AVR 16K FLASH 4MHZ 36-LGA MCU AVR32 128K FLASH 48-QFN 8-BIT, 60 MHz, MICROCONTROLLER, PDIP40
|
ATMEL CORP TEMIC SEMICONDUCTORS
|
VRS51C1000-40-L-ISPV2 VRS51C1000-40-Q-ISPV2 VRS51C |
Versa 8051 MCU with 64KB of IAP/ISP Flash
|
Ramtron International Corporation
|
CS8954 |
General Purpose 8051 MCU 64K Flash Type with ISP
|
Myson Century
|
HD6432245FP-100B HD6472246FP-100B HD6432241TFP-100 |
32-Bit Microcontroller 32位微控制 IC MCU FLASH 8051 64K 5V 64-VQFP
|
Alliance Semiconductor, Corp. Omron Electronics LLC Industrial Automation
|
ST72F651AR6T1 ST72651 |
ST7 - LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C
|
ST Microelectronics
|
NCP1280DR2 |
Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and 32k Flash Memory 64-TQFP 0.01 A SWITCHING CONTROLLER, 320 kHz SWITCHING FREQ-MAX, PDSO16
|
ON Semiconductor
|
C9860-44 C9872-22 C9860-42 |
ST7265X - LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER 光电
|
ON Semiconductor
|
ST72F324L ST72F324LJ2T ST72F324LJ4T6 ST72F324LK6TA |
3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
|
STMICROELECTRONICS[STMicroelectronics]
|
ST72324BLS4B6 ST72324BLS4T1 ST72324BLS4B1 ST72324B |
3V range 8-bit MCU with 8 to 32K Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI interface
|
意法半导
|
VRS51C540 |
Versa 8051 MCU
|
Ramtron
|
ST72P63BK6B1 |
Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I?C
|
意法半导
|
VRS51L3074 |
FRAM Enhanced High Performance 8051 MCU
|
Ramtron International Corporation
|
|