PART |
Description |
Maker |
82C37 HS-82C37RH |
CMOS High Performance Programmable DMA Controller Direct Memory Access Controller, CMOS, 2.5MBPS, 50A, Rad-Hard DMA Controller, Programmable, CMOS, 5, 8, and 12.5MHz
|
Intersil
|
HN613256FP HN613256P HN613256 |
word x 8-bit CMOS Mask Programmable Read Only Memory 32768 word x 8 Bit CMOS Programmable ROM
|
Hitachi Semiconductor Renesas Technology
|
UPD75P66 UPD75P56 UPD75P66G-511 UPD75P56CS-001 UPD |
4-Bit, Single-Chip, One-Time Programmable (OTP) CMOS Microcomputer With Comparator (UPD75P56 / UPD75P66) 4-Bit Single-Chip One-Time Programmable CMOS Microcomputers
|
NEC[NEC] NEC Electronics
|
M4-96/48-10JI M4-96/48-10VC M4-96/48-10VI M4-96/48 |
D52 - GLENAIR EE PLD, 10 ns, PQFP100 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 10 ns, PQFP208 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 10 ns, PQFP48 INDUSTRIAL TO RJ45 CAT6 PATCH CORD 5FT CONNECTOR ACCESSORY
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation
|
GAL16V8S GAL16V8S-20EC1 GAL16V8S-20EB1 GAL16V8S-20 |
EPROM CMOS Programmable Logic Device E2PROM CMOS PROGRAMMABLE LOGIC DEVICE
|
意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
EFRQ1200480R40-026 EFRQ600240R40-026 EFRQ1200480D5 |
CMOS Programmable Peripheral Interface; Temperature Range: -40°C to 85°C; Package: 44-MQFP T&R Single Event Hardened High-Speed, Dual Output PWM; Temperature Range: -55°C to 125°C; Package: 16-SBDIP General Purpose Timers; Temperature Range: -40°C to 85°C; Package: 14-PDIP CMOS Octal Bus Transceiver; Temperature Range: -40°C to 85°C; Package: 20-CerDIP CMOS Programmable Peripheral Interface; Temperature Range: -40°C to 85°C; Package: 44-PLCC T&R General Purpose Timers; Temperature Range: -40°C to 85°C; Package: 8-SOIC General Purpose Timers; Temperature Range: -40°C to 85°C; Package: 8-PDIP General Purpose Timers; Temperature Range: -55°C to 125°C; Package: 14-CerDIP CMOS Programmable Interval Timer; Temperature Range: -40°C to 85°C; Package: 24-CerDIP CMOS 8-Bit/16-Bit Microprocessor; Temperature Range: -40°C to 85°C; Package: 40-PDIP CMOS Priority Interrupt Controller; Temperature Range: -40°C to 85°C; Package: 28-CerDIP CMOS Programmable Peripheral Interface; Temperature Range: -40°C to 85°C; Package: 44-MQFP
|
Honeywell International, Inc. Air Cost Control
|
LH532100B LH532100BD LH532100BN LH532100BS LH53210 |
CMOS 2M(256K x 8) Mask-Programmable ROM CMOS 2M (256K x 8) MROM CONN SCSI .085 MALE RA 14POS
|
Sharp Electrionic Components Sharp Corporation
|
LH532000B LH532000BT |
CMOS 2M (256K x 8/128K x 16) MROM 200万的CMOS56 × 8/128K × 16MROM LH532000BT CMOS 1M (128K x 8) Mask Programmable ROM 48-pin TSOP
|
Sharp, Corp. Sharp Corporation Sharp Electrionic Components Sharp Electronics Corp.
|
24C64 TU24C64CP2 TU24C64CP3 TU24C64CS2 TU24C64CS3 |
CMOSIC2-WIREBUS64KELECTRICALLYERASABLEPROGRAMMABLEROM8KX8BITEEPROM From old datasheet system CMOS I?C 2-WIRE BUS 64K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 8K X 8 BIT EEPROM CMOS I2C 2-WIRE BUS 64K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 8K X 8 BIT EEPROM
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
PLS167-33 PLS167-33CFN PLS167-33CJS PLS167-33CNS P |
24-PIN TTL/CMOS PROGRAMMABLE LOGIC SEQUENCERS OT PLD, 12 ns, PQCC28 24-PIN TTL/CMOS PROGRAMMABLE LOGIC SEQUENCERS OT PLD, 12 ns, PDIP24 24-PIN TTL/CMOS PROGRAMMABLE LOGIC SEQUENCERS EE PLD, 12 ns, PDIP24
|
Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
LH534A00 LH534A00T |
CMOS 4M(512K X 8) Mask-Programmable ROM CMOS 4M (512K x 8) MROM Lens Cap; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No
|
Sharp Electrionic Components Sharp Corporation
|