PART |
Description |
Maker |
CXD8818R |
C-MOS MEMORY CONTROLLER
|
ETC
|
CXD8879Q |
C-MOS MEMORY CONTROLLER
|
ETC
|
MB8264A MB8264A-15 MB8264A-10 MB8264A-12 |
MOS 65536-bit Dynamic Random Access Memory
|
Fujitsu Microelectronics Fujitsu Media Devices Limited Fujitsu Component Limited.
|
UPD2102AL UPD2102AL-2 UPD2102AL-4 |
1024 BIT FULLY DECODED STATIC MOS RANDOM ACCESS MEMORY
|
NEC
|
E28F256J3C-110 GE28F256J3C-110 E28F256J3C-115 GE28 |
Intel StrataFlash Memory (J3) 英特StrataFlash存储器(J3 Aluminum Electrolytic Radial Lead Audio Grade Capacitor; Capacitance: 2200uF; Voltage: 10V; Case Size: 10x20 mm; Packaging: Bulk 英特尔StrataFlash存储器(J3 Intel StrataFlash Memory (J3) 16M X 16 FLASH 2.7V PROM, 125 ns, PDSO56 Intel StrataFlash Memory (J3) 英特尔StrataFlash存储器(J3 Intel StrataFlash Memory (J3) 8M X 16 FLASH 3V PROM, 150 ns, PDSO56 Intel StrataFlash Memory (J3) 8M X 16 FLASH 2.7V PROM, 120 ns, PBGA64 (TE28FxxxJ3C) Strata Flash Memory Strata Flash Memory / 256 Mbit
|
Intel, Corp. Intel Corp. http:// Intel Corporation
|
TC58FVM6T2AXB65 TC58FVM6T2AFT65 TC58FVM6B2AXB65 TC |
64MBIT (8Mx8 BITS/4Mx16 BITS) CMOS FLASH MEMORY TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 东芝马鞍山数字集成电路硅栅CMOS
|
Toshiba Corporation Toshiba, Corp.
|
AT17LV002A AT17C002A AT17C002A-10JC AT17C002A-10JI |
FPGA Configuration EEPROM Memory 2M X 1 CONFIGURATION MEMORY, PQFP32 5015 RR 19#16 PIN PLUG 2M X 1 CONFIGURATION MEMORY, PQCC20
|
Atmel, Corp. ATMEL[ATMEL Corporation]
|
AT88SC0404CA-MJ88SC0404 AT88SC0404CA-MP88SC0404 AT |
SPECIALTY MEMORY CIRCUIT, QMA SPECIALTY MEMORY CIRCUIT, DMA SPECIALTY MEMORY CIRCUIT WAFER SPECIALTY MEMORY CIRCUIT, PDIP8 GREEN, PLASTIC, PDIP-8 SPECIALTY MEMORY CIRCUIT, PTSO8 4.40 MM, GREEN, PLASTIC, TSSOP-8
|
Atmel, Corp. ATMEL CORP
|
TPC8405 |
Field Effect Transistor Silicon N, P Channel MOS Type (P Channel U−MOS IV/N Channel U-MOS III)
|
Toshiba Semiconductor
|
UPA1716 UPA1716G PA1716 UPA1716G-E1 UPA1716G-E2 |
Pch enhancement type power MOS FET SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE MOS Field Effect Transistor
|
NEC[NEC]
|
LH28F400BG-TL85 LH28F400BG-L85 LH28F400BG LH28F400 |
4M-BIT (256 x 16) SmartVoltage Flash Memory 4M-BIT (256KB x16) SmartVoltage Flash MEMORY 4M-BIT(256KBx16) SmartVoltage Flash MEMORY 4M-BIT (256K x 16)Smart Voltage Flash Memory
|
SHARP[Sharp Electrionic Components]
|
K5A3280YBC-T855 K5A3380YBC-T855 K5A3280YTC-T855 K5 |
SPECIALTY MEMORY CIRCUIT, PBGA69 8 X 11 MM, 0.80 MM PITCH, 1.20 MM HEIGHT, TBGA-69 MCP MEMORY
|
http:// Fujitsu, Ltd. SAMSUNG SEMICONDUCTOR CO. LTD.
|