PART |
Description |
Maker |
MT4LC8M8B6DJ-5S MT4LC8M8B6TG-5S MT4LC8M8E1TG-5S MT |
RF Coaxial Connector Adapter; Convert From:F Plug; Convert To:BNC Jack RoHS Compliant: Yes 内存 RF Coaxial Connector Adapter; Convert From:TNC Plug; Convert To:SMA Jack RoHS Compliant: Yes 内存 DRAM 内存 PLUG, LOW PROFILE 3 POLE
|
Micron Technology, Inc.
|
NQ03012VMA15NRN NQ03012VMA15NRS NQ03012VMA15NVN NQ |
15A Non-Isolated DC/DC Converter in SIP configuration
|
SynQor Worldwide Headquarters
|
1286 5405 |
Connector; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes INTERCONNECTION DEVICE Connector Adapter; Convert From:Double Banana Jack; Convert To:Binding Posts; Contact Material:Brass; Features:Attach wires, spade lugs and pin tip plugs by means of insulated knurl thumb knob; Insulator Material:ABS Plastic RoHS Compliant: Yes
|
Pomona Electronics
|
NC12S0A0V15PRFA NC12S0A0H15NNFA |
Delphi NC15 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5.0Vout, 15A 德尔福NC15系列非隔离负载点DC / DC电源模块2Vin,为0.9V - 5.0Vout5A
|
Delta Electronics, Inc.
|
ISL9R1560G2 ISL9R1560S3S ISL9R1560P2 ISL9R1560S2 I |
15A, 600V StealthDiode 15 A, 600 V, SILICON, RECTIFIER DIODE, TO-262 15A, 600V Stealth Diode 15A/ 600V Stealth Diode 15A, 600V Stealth⑩ Diode 15A, 600V Stealth Single Diode
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
BK/S505-3.15A |
FUSE 3.15A 250V T-LAG CERM S505 TIME DELAY BLOW ELECTRIC FUSE, 3.15A, 250VAC, 1500A (IR), INLINE/HOLDER
|
Cooper Bussmann, Inc.
|
ADM1191NBSP ADM1191 |
Digital Power Monitor with Convert Pin and Extended Addressing From old datasheet system
|
Analog Devices, Inc
|
SFA050XS1-OR |
The Driving Board provides all the Needs to convert Composite video signal to the proper interface of LCD Panel
|
BEYONDINFINITE
|
DWF100A40 DWF100A30 DWR100A40 DWR100A30 |
Right Angle Jumper; Connector Type A:AMC Plug; Connector Type B:AMC Plug; Cable Length:150mm; Body Plating:Silver; Color:Black; Insulator Material:PBT; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes 二极管模 RF Coaxial Connector Adapter; Convert From:QMA Jack; Convert To:SMA Jack; Body Material:Brass; Body Plating:White Bronze; Contact Material:Beryllium Copper; Contact Plating:Gold; Frequency:6GHz; Impedance:50ohm RoHS Compliant: Yes NON MAGNETIC MCX R/A(M) RG-178 DIODE MODULE
|
Sanrex, Corp. SANREX[SanRex Corporation]
|
1N6775 1N6777 |
15Amp, 50-200V ultra-fast rectifier 100V, 15A, Ultra-Fast Power Rectifiers 2 Pin Package(100V, 15A,超快恢复电源整流器(2脚封
|
Omnirel
|
6600.3200 |
IEC AC Power Outlet; Voltage Rating: 250V; Current Rating: 15A; Mounting Type: Panel; Terminal Type: Tabs 10/15A, 250VAC, FEMALE, MAINS POWER CONNECTOR, SOLDER, PLUG
|
SCHURTER AG
|
6600.4230 6600.4212 |
IEC AC Power Outlet; Voltage Rating: 250V; Current Rating: 15A; Mounting Type: Panel; Terminal Type: Tabs 10/15A, 250VAC, FEMALE, MAINS POWER CONNECTOR, SOLDER, PLUG
|
SCHURTER AG
|