PART |
Description |
Maker |
MJ8100 |
Bipolar PNP Device in a Hermetically sealed TO39 Metal Package. 5 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-205AD
|
TT electronics Semelab, Ltd. Seme LAB
|
BC461-5 SEMELABLTD-BC461-5E1 |
2000 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-205AD TRANSISTOR | BJT | PNP | 60V V(BR)CEO | TO-5 Bipolar PNP Device in a Hermetically sealed TO39 Metal Package
|
SEMELAB LTD Seme LAB
|
2N2696 |
500 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-206AA Bipolar PNP Device in a Hermetically sealed TO18 Metal
|
SEMELAB LTD Seme LAB
|
BDX94 |
TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 10A I(C) | TO-3 Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
|
Seme LAB
|
SF2N4931 2N4931 SF_2N4931 2N4931.MODE1 |
500 mA, 250 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-205AD Bipolar PNP Device in a Hermetically sealed TO39 Metal Package
|
SEMELAB LTD SEME-LAB[Seme LAB]
|
SFBDX88B |
Bipolar PNP Device
|
Seme LAB
|
SF_BSX40 BSX40 SF_BFY64 |
Bipolar PNP Device
|
SemeLAB SEME-LAB[Seme LAB]
|
2N3789 2N3789.MOD 2N3789.MODR1 |
10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-204AA HERMETIC SEALED, METAL, TO-3, 2 PIN Bipolar PNP Device in a Hermetically sealed TO3
|
TT electronics Semelab, Ltd. Seme LAB
|
2N5613 |
Bipolar PNP Device From old datasheet system
|
SemeLAB
|
|