PART |
Description |
Maker |
LX8384X-XX LX8384B-XXCP LX8384_84A_84B-00 LX8384_8 |
5A Low Dropout Positive Regulators 1.2 V-8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO3 Low Drop Out Regulator - Positive Adjustable; IO (A): 5; VIN (V): 10; DV: 1.5; VREF (V): 8; 1.5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 1.2 V-8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 1.2 V-8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO3 1.2 V-8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSFM3 µP Supervisory with Manual Reset and Watchdog - Active-High Push/Pull, TH: 2.93V, SOT23 5-pin µP Supervisory with Manual Reset and Watchdog - Active-Low Open-Drain - TH: 2.93V, SOT23 5-pin 积极的固定电压稳压器 Quad Comparator Push/Pull Output, TSSOP-14 Analog IC Low Drop Out Regulator - Positive Fixed
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP Microsemi, Corp. MICROSEMI[Microsemi Corporation] http://
|
LT3009ESC8TRMPBF LT3009IDC-2.5 LT3009IDC-1.5TRPBF |
3µA IQ, 20mA Low Dropout Linear Regulators; Package: SC70; No of Pins: 8; Temperature Range: -40°C to 125°C 0.6 V-19.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO8 2.5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO6 3µA IQ, 20mA Low Dropout Linear Regulators; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 85°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
NCP1117ST12T3 NCV1117ST15T3G |
1.0 A, 12V, Low Dropout Voltage Regulator; Package: SOT-223 4 LEAD; No of Pins: 4; Container: Tape and Reel; Qty per Container: 4000 12 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PDSO4 1.0 A Low−Dropout Positive Fixed and Adjustable Voltage Regulators 1.5 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PDSO4
|
ON Semiconductor
|
LT1085ITPBF LT1085CMPBF LT1084CTPBF LT1084ITTRPBF |
7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators; Package: TO-220; No of Pins: 3; Temperature Range: -40°C to 85°C 1.2 V-15 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3 7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators; Package: DD PAK; No of Pins: 3; Temperature Range: 0°C to 70°C 1.2 V-15 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO3 7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators; Package: TO-220; No of Pins: 3; Temperature Range: 0°C to 70°C 1.2 V-15 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3 1.2 V-15 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, MBFM2
|
Renesas Electronics, Corp. Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LT1086_04 LT1086 LT1086CH LT1086CK LT1086CK-12 LT1 |
1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V; Package: DD PAK; No of Pins: 3; Temperature Range: -55° to 125°C 1.2 V-15 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO3 1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V; Package: TO-220; No of Pins: 3; Temperature Range: 0°C to 70°C 3.6 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp. LINER[Linear Technology] http://
|
LT1085IM-3.6 LT1085-FIXED LT1083-FIXED LT1085CT-12 |
7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators; Package: TO-220; No of Pins: 3; Temperature Range: 0°C to 70°C 5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3 7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators; Package: TO-220; No of Pins: 3; Temperature Range: 0°C to 70°C 12 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3 Positive Fixed Voltage Regulator 3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
|
Linear Technology, Corp.
|
CLM2810 CLM2810-33 CLM2810AT CLM2810AT-X CLM2810M |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection ADJUSTABLE POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 2.85V / 1.0A Low Dropout Regulator 10V / 1.0A Low Dropout Regulator 12V / 1.0A Low Dropout Regulator 3.3V / 1.0A Low Dropout Regulator Ajustable 1.0A Low Dropout Regulator
|
Calogic LLC CALOGIC[Calogic, LLC] Calogic LLC
|
LP2950CZ-3.3RA LP2950CZ-5.0RP LP2950ACZ-5.0RA LP29 |
100mA, 3.3V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 1000 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator- Pb Free Device; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 CONNECTOR ACCESSORY 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 Micropower Voltage Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 128 x 128 pixel format, LED or EL Backlight available 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 Micropower Voltage Regulators 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 3V Output, Low Power Low Dropout Voltage Regulator with Error Flag output; ; Pb Free Device; Package: Micro8™; No of Pins: 8; Container: Tape and Reel; Qty per Container: 4000
|
ON Semiconductor
|
LT3014HVES5TRM LT3014HVEDDTRPBF LT3014EDDPBF LT301 |
20mA, 3V to 80V Low Dropout Micropower Linear Regulator; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 1.22 V-60 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.57 V DROPOUT, PDSO5 20mA, 3V to 80V Low Dropout Micropower Linear Regulator; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 125°C 1.22 V-60 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.57 V DROPOUT, PDSO8 20mA, 3V to 80V Low Dropout Micropower Linear Regulator 1.22 V-60 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.57 V DROPOUT, PDSO5
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LX8415-00 LX8415-00CST LX8415-25 LX8415-25CST LX84 |
0.5 A LOW DROPOUT POSITIVE REGULATORS 0.5低压降的正调节器 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 3.3 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO4 0.5 A LOW DROPOUT POSITIVE REGULATORS 2.5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO3 Low Drop Out Regulator - Positive Fixed Low Drop Out Regulator - Positive Adjustable
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation] N.A.
|
FAN2511 FAN2510 FAN2510S25X FAN2510S26X FAN2510S27 |
100 mA CMOS LDO Regulators with Fast Start Enable Low-dropout Voltage Regulator; Package: SOT-23; No of Pins: 5; Container: Tape & Reel 2.7 V FIXED POSITIVE LDO REGULATOR, 0.14 V DROPOUT, PDSO5
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
OM185-5ST OM186-5 OM183-5 OM184-5 OM185-12 OM185-1 |
15 V FIXED POSITIVE LDO REGULATOR, 17.5 V DROPOUT, MSFM3 HERMETIC SEALED, TO-258, 3 PIN 15 V FIXED POSITIVE LDO REGULATOR, 17.5 V DROPOUT, MSFM3 HERMETIC SEALED, TO-257, 3 PIN Hi-Rel Fixed Voltage Low Dropout 3-Terminal Positive Regulator 7.5A, 5A, 3A, 1.5A LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS 7.5A 5A 3A 1.5A LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS Insulation Displacement (IDC) Connector; No. of Contacts:30; Contact Termination:IDC; Gender:Male RoHS Compliant: Yes
|
Omnirel International Rectifier ETC[ETC] List of Unclassifed Manufacturers http:// Electronic Theatre Controls, Inc.
|
|