PART |
Description |
Maker |
TC620 |
5V, DUAL TRIP POINT TEMPERATURE SENSORS
|
TelCom Semiconductor, Inc
|
TC623HEPA TC623HCOA TC623HVOA |
3V, dual trip point temperature sensor. Voltage operation 2.7V to 4.5V
|
TelCom Semiconductor
|
TC626055CZB TC626055EAB |
DIGITAL TEMP SENSOR-SINGLE TRIP POINT
|
|
ADT6402SRJZ-RL7 ADT6401SRJZ-RL7 |
DIGITAL TEMP SENSOR-SINGLE TRIP POINT, 11BIT(s), 6Cel, RECTANGULAR, SURFACE MOUNT ROHS COMPLIANT, MO-178AB, SOT-23, 6 PIN
|
Analog Devices, Inc.
|
MAX6518UKP095T MAX6518UKP095-T MAX6519UKP095T |
Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23 DIGITAL TEMP SENSOR-SINGLE TRIP POINT, 1.50Cel, RECTANGULAR, SURFACE MOUNT
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
TC650ACUA TC650ACV TC650ADUA TC651CGV TC650_04 TC6 |
DIGITAL TEMP SENSOR-SINGLE TRIP POINT, 1Cel, SQUARE, SURFACE MOUNT Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
|
STMICROELECTRONICS[STMicroelectronics] http://
|
6229A-30/BXAJC 6229A-35/BXAJC 6229A-45/BXAJC 6229A |
x4 SRAM Dual Trip SOT Temperature Switches Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23 and TO-220 x4的SRAM
|
NXP Semiconductors N.V.
|
AIS1200PS AIS1200PSTR |
MEMS acceleration sensor: single-axis with PSI5 point-to-point interface
|
ST Microelectronics
|
SSF67A25B100 SSF67A25B175 SSF67A25B150 SSF67A25B75 |
dual switch point series
|
Cynergy3 Co
|
HFBR-1312T HFBR-2316T HFBR-0310 |
HFBR-0310 · Evaluation Kit for Proprietary Point-to-Point and Distance Extension for Applications up to 155 MBd 1300 nm Fiber Optic Transmitter and Receiver
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
DSP96002 |
DSP96002 32-Bit Floating-Point Dual-Port DSP Datasheet
|
Motorola
|