PART |
Description |
Maker |
TC514101AJ-60 TC514101AP TC514101AP-60 TC514101ASJ |
Voltage Regulator IC; Package/Case:3-TO-220; Supply Voltage:-35V; Output Current:1A; Output Voltage:-15V; Voltage Regulator Type:Negative Voltage; Mounting Type:Through Hole 4,194,304 WORD x 1 BIT DYNAMIC RAM
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
ATV04A360JB-G ATV04A580J-G ATV04A580JB-G ATV04A7V0 |
Transient Voltage Suppressor (TVS), P<sub>PPM</sub>=400Watts, V<sub>RWM</sub>=36V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=58V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=7V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=7.5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=140V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=110V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=160V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=170V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=100V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=300V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=30V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=33V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=78V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=10V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=11V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=9V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=60V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=6V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=64V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=6.5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=14V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=15V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=16V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=17V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=18V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=20V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=51V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=54V, Tolerance=5%
|
Comchip Technology
|
HZU16B1TRF-E HZU2.7B1TLF HZU2.0BTLF HZU2.4BTRF-E H |
15.69 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.625 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.05 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.45 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.925 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.225 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.25 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.525 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.075 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.375 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.775 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 7.21 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5.795 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 4.515 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 30 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 23.445 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 21.325 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
|
BY268 BY269 |
RP40 (GW) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 5V; 4:1 Wide Input Voltage Range; 40 Watts 0.8A FAST RECOVERY HIGH VOLTAGE GLASS BODY RECTIFIER
|
Diodes Inc. DIODES[Diodes Incorporated]
|
1N5988 1N5993 1N5987 1N5989 1N5997 1N5996 1N6029 1 |
From old datasheet system Axial-Leaded 500 mW Zener Diodes SILICON 500 mW ZENER DIODES 3.3V Input to Regulated 5V Output Charge Pumps Static Protection Wrist Grounder; Body Material:Fabric RoHS Compliant: NA Zener Voltage Regulator Diode 8.2 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Zener Voltage Regulator Diode 180 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Zener Voltage Regulator Diode 33 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Zener Voltage Regulator Diode 39 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Zener Voltage Regulator Diode 15 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Zener Voltage Regulator Diode 100 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Insulating Tape; Peak Reflow Compatible (260 C):No 27 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH
|
MICROSEMI CORP-LAWRENCE MICROSEMI CORP-SCOTTSDALE MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
IP140MA IP78M00A IP140M IP78M00 IP78M12H-883B IP14 |
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 0.5 AMP Positive Voltage Regulator(0.5 A ,12V稳压 0.5 AMP Positive Voltage Regulator(0.5 A ,5V稳压 CGrid VT SMT Rcpt w/peg 30 SAu 42Ckt Voltage Regulator 5 V FIXED POSITIVE REGULATOR, MBCY3 Voltage Regulator 电压调节 0.5 AMP Positive Voltage Regulator(0.5 A ,15V稳压 0.5安培正电压稳压器.5甲,15V的稳压器 Voltage Regulator 12 V FIXED POSITIVE REGULATOR, MBCY3
|
SEME-LAB[Seme LAB] Semelab(Magnatec) TT electronics Semelab Limited TT electronics Semelab, Ltd. HI-SINCERITY MICROELECTRONICS, CORP. SEMELAB LTD
|
FXLA104UMX12 FXLA104UM12X12 FXLA10412 |
Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
|
Fairchild Semiconductor
|
VR42050 |
POSITIVE VOLTAGE REGULATORS CONVERTER, DC/DC, 1O/P, 15W, 12V; Power rating:15W; DC/DC Converter O/P type:Single; Voltage, input max:75V dc; Voltage, input min:18V dc; Voltage
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
ICL7660 ICL7660A |
Voltage Inverter, 5 to ?V, Input Voltage 1.5-10V, or Voltage Doubler to 18.6V
|
Intersil
|
|