PART |
Description |
Maker |
FSPYC260D1 FSPYC260F FSPYC260F4 FN4850 FSPYC260R4 |
From old datasheet system Radiation Hardened/ SEGR Resistant N-Channel Power MOSFETs Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs(抗辐N沟道MOS场效应管) 抗辐射,抗SEGR N沟道功率MOSFET(抗辐射沟道马鞍山场效应管) Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs 58 A, 200 V, 0.031 ohm, N-CHANNEL, Si, POWER, MOSFET
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
IRHM93130 IRHM9130 IRHM9130-15 |
Simple Drive Requirements RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA) RADIATION HARDENED POWER MOSFET / 100V, P-CHANNEL -100V 300kRad Hi-Rel Single P-Channel TID Hardened MOSFET in a TO-254AA package
|
IRF[International Rectifier]
|
FSYA254R4 FSYA254D FSYA254D1 FSYA254D3 FSYA254R FS |
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs 21 A, 250 V, 0.15 ohm, N-CHANNEL, Si, POWER, MOSFET Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs 抗辐射,抗SEGR N沟道功率MOSFET Radiation Hardened/ SEGR Resistant N-Channel Power MOSFETs
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
ISR2800DESRH ISR2800DHURH ISR2800DHDRH ISR2805DHDR |
2-OUTPUT 2.5 W DC-DC REG PWR SUPPLY MODULE Adj, Radiation hardened high-power, high efficiency DC-DC power converter 5V, Radiation hardened high-power, high efficiency DC-DC power converter
|
MS KENNEDY CORP M.S. Kennedy Corp.
|
FSYC9160R FSYC9160R1 FSYC9160R3 FSYC9160R4 FSYC916 |
Radiation Hardened/ SEGR Resistant P-Channel Power MOSFETs From old datasheet system Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs 47 A, 100 V, 0.053 ohm, P-CHANNEL, Si, POWER, MOSFET
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
HCTS374D HCTS374DMSR HCTS374HMSR HCTS374K HCTS374K |
From old datasheet system Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered Radiation Hardened Octal Transparent Latch/ Three-State
|
INTERSIL[Intersil Corporation]
|
ACTS630D ACTS630HMSR ACTS630K ACTS630MS 5962F96721 |
Radiation Hardened Octal Three-State Transparent Latch Dual J-K Negative-Edge-Triggered Flip-Flop With Clear And Preset 16-SOIC 0 to 70 Radiation Hardened EDAC (Error Detection and Correction) ACT SERIES, 16-BIT ERROR DETECT AND CORRECT CKT, UUC28
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
IRHF57133SE |
RADIATION HARDENED POWER MOSFET 130V 100kRad Hi-Rel Single N-Channel SEE Hardened MOSFET in a TO-205AF package
|
International Rectifier
|
IRHM7130 IRHM3130 IRHM8130 IRHM4130 |
100V 1000kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-254AA package RADIATION HARDENED POWER MOSFET THRU-HOLE
|
IRF[International Rectifier]
|
HS-1115RH FN4098 5962F9678501VPA HFA1115IP |
Buffer, Output Limiting, Closed-Loop, 225MHz, 1135V/s, Programmable Gain, Rad-Hard From old datasheet system Radiation Hardened, High Speed, Low Power Output Limiting, Closed-Loop-Buffer Amplifier Radiation Hardened/ High Speed/ Low Power Output Limiting/ Closed-Loop-Buffer Amplifier Radiation Hardened, High Speed, Low Power
Output Limiting, Closed-Loop-Buffer Amplifier(抗辐射高速、低功耗、输出限定的锁相环缓冲放大器)
|
INTERSIL[Intersil Corporation]
|
5962-05238 5962-05240 5962-05241 5962-05242 5962-0 |
30W Total Output Power 28 Vin 1.5 Vout Single DC-DC Radiation Hardened Converter in a LS Package. DLA Number 5962-05238 30W Total Output Power 28 Vin 5 Vout Single DC-DC Radiation Hardened Converter in a LS Package. DLA Number 5962-05240 30W Total Output Power 28 Vin /-12 Vout Dual DC-DC Radiation Hardened Converter in a LS Package. DLA Number 5962-05241 30W Total Output Power 28 Vin /-15 Vout Dual DC-DC Radiation Hardened Converter in a LS Package. DLA Number 5962-05242 30W Total Output Power 28 Vin 12 Vout Single DC-DC Radiation Hardened Converter in a LS Package. DLA Number 5962-06241 30W Total Output Power 28 Vin 2.5 Vout Single DC-DC Radiation Hardened Converter in a LS Package.
|
International Rectifier
|