PART |
Description |
Maker |
B37873K5473M60 B37873K5474M62 B37932K5223M60 B3793 |
CAPACITOR 47 NF 50V CAPACITOR 470 NF 50V CAPACITOR 22 NF 50V KONDENSATOR 100NF 50V CAPACITOR 220 NF 50V CAPACITOR 1 UF 50V 电容超滤50V CAPACITOR 1 PF 50V 电容公积0V
|
Motorola Mobility Holdings, Inc. EPCOS AG
|
C111102ZY5V5 C101102JCG1 C101102JCG2 C101102JCG5 C |
Single-In-Line Conformal Coated Capacitor Networks
|
BITECH[Bi technologies]
|
ZS2C2-272H ZS1A2-272H ZS1C2-272H ZS1B2-272H ZS2A2- |
1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 100 V, 5 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 50 V, 5 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 200 V, 5 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 100 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 200 V, 5 A, DATA LINE FILTER
|
AVX, Corp.
|
110-93-632-41-801 110-93-314-41-801 |
Dual-in-line sockets with capacitor Open frame Solder tail
|
Precid-Dip Durtal
|
0569006612MJ9 0569063412MH5 0569010422MF4 05690254 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits CAPACITOR 120UF 63V CAPACITOR 220UF 10V CAPACITOR 220UF 25V CAPACITOR 220UF 35V CAPACITOR 220UF 50V CAPACITOR 220UF 63V CAPACITOR 330UF 16V CAPACITOR 2200UF 16V CAPACITOR 1000UF 25V CAPACITOR 1000UF 35V 电容2200UF 35V CAPACITOR 470UF 50V 电容470UF 50V SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 6.3V的电600UF CAPACITOR 4700UF 16V 16V的电700UF CAPACITOR 2.2UF 50V 电容2.2uF0V CAPACITOR 120UF 25V 25V的电20UF
|
TE Connectivity, Ltd. Honeywell International, Inc. Motorola Mobility Holdings, Inc. ITT, Corp.
|
CS206 |
Resistor/Capacitor Networks ECL Terminators and Line Terminator, Conformal Coated, SIP
|
VISAY[Vishay Siliconix]
|
1514 1514-22.5Y 1514-135Y 1514-2.5A 1514-130D 1514 |
Delay 50 /-2.5 ns, fixed SIP delay line Td/Tr=5 Delay 60 /-3 ns, fixed SIP delay line Td/Tr=5 Delay 45 /-2.3 ns, fixed SIP delay line Td/Tr=5 Delay 40 /-2 ns, fixed SIP delay line Td/Tr=5 Delay 270 /-13.5 ns, fixed SIP delay line Td/Tr=5 Delay 25 /-1.3 ns, fixed SIP delay line Td/Tr=5 Delay 170 /-8.5 ns, fixed SIP delay line Td/Tr=5 Delay 120 /-6 ns, fixed SIP delay line Td/Tr=5 Delay 10 /-1 ns, fixed SIP delay line Td/Tr=5 Delay 90 /-4.5 ns, fixed SIP delay line Td/Tr=5 Delay 70 /-3.5 ns, fixed SIP delay line Td/Tr=5 Delay 130 /-6.5 ns, fixed SIP delay line Td/Tr=5 Delay 135 /-6.8 ns, fixed SIP delay line Td/Tr=5 PASSIVE DELAY LINE, TRUE OUTPUT, PSIP4 Fixed passive SIP delay line Delay 2.5 /-1 ns, fixed SIP delay line Td/Tr=5 Delay 3.5 /-1 ns, fixed SIP delay line Td/Tr=5 Delay 100 /-5 ns, fixed SIP delay line Td/Tr=5 Delay 105 /-5.3 ns, fixed SIP delay line Td/Tr=5 Delay 140 /-7 ns, fixed SIP delay line Td/Tr=5 Delay 150 /-7.5 ns, fixed SIP delay line Td/Tr=5 Delay 15 /-1 ns, fixed SIP delay line Td/Tr=5 Delay 20 /-1 ns, fixed SIP delay line Td/Tr=5 Delay 22.5 /-1.2 ns, fixed SIP delay line Td/Tr=5 Delay 30 /-1.5 ns, fixed SIP delay line Td/Tr=5 Delay 37.5 /-1.9 ns, fixed SIP delay line Td/Tr=5 Delay 80 /-4 ns, fixed SIP delay line Td/Tr=5 Delay 7.5 /-1 ns, fixed SIP delay line Td/Tr=5
|
DATA DELAY DEVICES INC
|
SBSGP2000683MXR SBSGC1000104MXR SBSGP5000103MXT SB |
1 FUNCTIONS, 200 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 100 V, 10 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 500 V, 5 A, DATA LINE FILTER
|
SYFER TECHNOLOGY LTD
|
CA176.8PF/-1PF500V CA186.8PF/-0.5PF1000V CA184.7PF |
CAPACITOR, MICA, 500 V, 0.0000068 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, MICA, 1000 V, 0.0000068 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, MICA, 1000 V, 0.0000047 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, MICA, 5000 V, 0.000068 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, MICA, 1000 V, 0.000015 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, MICA, 1000 V, 0.00068 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, MICA, 1000 V, 0.00047 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, MICA, 300 V, 0.001 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, MICA, 1000 V, 0.0012 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, MICA, 1000 V, 0.0039 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, MICA, 1000 V, 0.000012 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, MICA, 500 V, 0.0068 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, MICA, 1000 V, 0.0027 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, MICA, 1000 V, 0.00056 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, MICA, 1000 V, 0.0018 uF, THROUGH HOLE MOUNT AXIAL LEADED
|
Lattice Semiconductor, Corp. SPC Technology IRC Advanced Film Hokuriku Electric Industry Co., Ltd. TE Connectivity, Ltd. ITT Interconnect Solutions
|
GBP206 GBP208 GBP200 GBP201 GBP2010 GBP202 GBP204 |
Aluminum Polymer Radial Lead Capacitor; Capacitance: 1000uF; Voltage: 2.5V; Case Size: 10x13 mm; Packaging: Bulk Aluminum Polymer SMT Capacitor; Capacitance: 68uF; Voltage: 10V; Case Size: 5x6 mm; Packaging: Tape & Reel IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
|
PanJit International Inc. PANJIT[Pan Jit International Inc.] http://
|
GBP306 GBP300 GBP301 GBP3010 GBP302 GBP304 GBP308 |
IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes) From old datasheet system Aluminum Polymer Radial Lead Capacitor; Capacitance: 470uF; Voltage: 6.3V; Case Size: 8x12 mm; Packaging: Bulk Aluminum Polymer Radial Lead Capacitor; Capacitance: 1200uF; Voltage: 4V; Case Size: 10x13 mm; Packaging: Bulk Aluminum Polymer Radial Lead Capacitor; Capacitance: 820uF; Voltage: 2.5V; Case Size: 8x9 mm; Packaging: Bulk 反穿玻璃钝化单相桥式整流器(电压- 50000伏特,电三点零安培)
|
PANJIT[Pan Jit International Inc.] PanJit International Inc. PanJit International, Inc.
|
CECWP2G272M2-L22 CECWP2G392M3-L22 CECWP2G102M1-L22 |
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 2700 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 3900 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 1000 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 330 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 2200 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 1200 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 5600 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 1800 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 3300 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 560 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 470 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 1500 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 390 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 4700 uF, CHASSIS MOUNT
|
Nippon Chemi-con, Corp.
|
|