PART |
Description |
Maker |
CQ92-2N |
TRIAC 2.0 AMP, 600 THRU 800 VOLTS 800 V, 2 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92
|
Central Semiconductor, Corp.
|
CQDD-12M CQDD-12N |
SMD TRIAC 12 AMP TRIAC 600 THRU 800 VOLTS
|
Central Semiconductor Corp
|
CPQ165 |
TRIAC 25 Amp, 600 Volt TRIAC Chip
|
Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
CPQ110 |
Triac 8.0 Amp, 600 Volt Triac Chip
|
Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
CQ202-4M CQ202-4N CQ202-4D CQ202-4B |
TRIAC|200V V(DRM)|4A I(T)RMS|TO-202 可控硅| 200伏五(DRM)的| 4A条口T)的有效值|02 TRIAC|400V V(DRM)|4A I(T)RMS|TO-202 From old datasheet system 4.0 AMP TRIAC 600 THRU 800 VOLTS Leaded Thyristor TRIAC
|
Unisonic Technologies Co., Ltd. Central Semiconductor Corp.
|
CTA08-600B CTB08-600B CTA08-600BPT CTB08-600BPT CT |
8Amp - 400/600/800/1000V - TRIAC 800 V, 8 A, ALTERNISTOR TRIAC, TO-220AB
|
List of Unclassifed Manufacturers CYNERGY3 CORP List of Unclassifed Man...
|
CPQ166 |
25 Amp 600 Volt TRIAC Chip
|
centralsemi
|
CQDD-8M10 CQDD-8N |
SURFACE MOUNT 8 AMP SILICON TRIAC 600 THRU 800 VOLTS
|
Central Semiconductor Corp
|
MAC320-10 MAC320-4 MAC320-6 MAC320-8 MAC320A10 MAC |
TRIACs 20 AMPERES RMS 200 thru 800 VOLTS 200 V, 20 A, TRIAC, TO-220AB TRIACs 20 AMPERES RMS 200 thru 800 VOLTS 600 V, 20 A, TRIAC, TO-220AB RF/Coaxial Connector; RF Coax Type:MMCX; Impedance:50ohm; Body Style:Straight Plug; Frequency Max:6GHz; Mounting Type:Edge Card; Voltage Rating:170V RoHS Compliant: Yes 800 V, 20 A, TRIAC, TO-220AB TRIACs 20 AMPERES RMS 200 thru 800 VOLTS 800 V, 20 A, TRIAC, TO-220AB
|
Motorola Mobility Holdings, Inc. Motorola, Inc.
|
CQ220I-12D CQ220I-12N CQ220I-12M CQ220I-12B |
ISOLATED TAB TRIAC 12 AMP 200 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC ISOLATED TAB TRIAC 12 AMP 800 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC ISOLATED TAB TRIAC 12 AMP 600 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC Leaded Thyristor TRIAC
|
Central Semiconductor, Corp. Central Semiconductor Corp.
|
CQ202-4MS CQ202-4BS |
4.0 AMP TRIAC 200 THRU 800 VOLTS 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-202 4.0 AMP TRIAC 200 THRU 800 VOLTS 200 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-202
|
Central Semiconductor, Corp.
|
MOC3081M MOC3081SM MOC3081TM MOC3081SR2M MOC3081SV |
6-Pin Zero-Cross Optoisolators Triac Driver Output (800 Volt Peak) 6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (800 VOLT PEAK) 1 CHANNEL TRIAC OUTPUT WITH ZERO CRSVR OPTOCOUPLER
|
Fairchild Semiconductor, Corp.
|