PART |
Description |
Maker |
IDT72235LB IDT72205LB IDT72225LB IDT72215LB IDT722 |
4K x 18 SyncFIFO, 5.0V 2K x 18 SyncFIFO, 5.0V 1K x 18 SyncFIFO, 5.0V 512 x 18 SyncFIFO, 5.0V 256 x 18 SyncFIFO, 5.0V CMOS SyncFIFO? Low Voltage 28-Bit Flat Panel Display Link Serializers; Package: TSSOP; No of Pins: 56; Container: Tape & Reel TUBING, TFE 20GA TUBE, THN, TEF, NAT, 24AWG 256 X 18 OTHER FIFO, 10 ns, PQFP64 PLASTIC, TQFP-64 256 X 18 OTHER FIFO, 15 ns, PQFP64 PLASTIC, TQFP-64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 256 X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 512 X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 2K X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 1K X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 4K X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 的CMOS SyncFIFOO 256 × 1812 × 18024 × 18048 × 18096 × 18 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 1K X 18 OTHER FIFO, 6.5 ns, PQCC68 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 2K X 18 OTHER FIFO, 6.5 ns, PQFP64
|
http:// IDT[Integrated Device Technology] Integrated Device Technology, Inc. Cypress Semiconductor, Corp. INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technolog...
|
UPB424C UPB424D |
4096 BIT BIPOLAR TTL
|
NEC
|
IDT72215 IDT72215LB IDT72215LB15G IDT72215LB15GB I |
CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 CMOS SyncFIFOO 256 x 18 512 x 18 1024 x 18 2048 x 18 and 4096 x 18
|
IDT[Integrated Device Technology]
|
IDT72510 IDT72510L25J IDT72510L35J IDT72510L50J ID |
BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
|
IDT[Integrated Device Technology]
|
SRI4K11 SRI4K SRI4K-SBN18/1GE |
4096-bit ISO14443-B contactless memory with 2 binary counters and anti-collision 13.56 MHz short-range contactless memory chip with 4096-bit EEPROM and anticollision functions
|
ST Microelectronics STMicroelectronics
|
IDT72V01 IDT72V01L25J IDT72V01L35J IDT72V02 IDT72V |
3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9 2K X 9 OTHER FIFO, 25 ns, PQCC32
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
HN462732 |
4096-WORD x 8-BIT UV ERASABLE AND PROGRAMMABLE READ ONLY MEMORY 4096 word x 8 Bit UV Erasable and EPROM
|
Hitachi Semiconductor
|
AT71201M |
Full field image sensor, 4096 x 4096 pixels, 4 x 40 MHz
|
Atmel
|
TC9WMB2FK TC9WMB1FK |
1024-Bit (128 x 8 Bit) / 2048-Bit (256 x 8 Bit) 2-Wire Serial E2PROM
|
TOSHIBA[Toshiba Semiconductor]
|
PIC16LF628A-E/ML PIC16LF628A-E/P PIC16LF628A-E/SO |
FLASH-Based 8-Bit CMOS Microcontrollers 8-bit CMOS microcontroller, FLASH=1024 word, RAM=224b, EEPROM=128b, 20MHz 8-bit CMOS microcontroller, FLASH=2048 word, RAM=224b, EEPROM=128b, 20MHz 8-bit CMOS microcontroller, FLASH=4096 word, RAM=256b, EEPROM=256b, 20MHz
|
Microchip
|
NJU6820CJ NJU6820 |
40-common x 128RGB-Segment, in 4096-Color 4096-Color STN LCD DRIVER
|
NJRC[New Japan Radio]
|
AM2716B AM2716B-100DC AM2716B-100DE AM2716B-100DI |
2048 x 8 Bit / 4096 x 8 Bit EPROM (AM2732B) 2048 x 8 Bit EPROM 2048 X 8 - BIT / 4096 X 8 - BIT EPROM
|
Advanced Micro Devices List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
|