PART |
Description |
Maker |
ALP239CXX |
Low-Temperature Polysilicon 2.0-inch TFT LCD Module
|
Sanyo Electric Co.,Ltd. Sanyo Semicon Device
|
ALP230CCX |
Low-Temperature Polysilicon 2.0-inch TFT LCD Module
|
SANYO[Sanyo Semicon Device]
|
ALP239CGX |
Low-Temperature Polysilicon 2.0-inch TFT LCD Module 低温多晶.0英寸TFT液晶显示模块
|
Sanyo Electric Co., Ltd. Sanyo Semicon Device
|
ALP237FAX |
Low-Temperature Polysilicon 1.8-inch TFT LCD Module 低温多晶.8英寸TFT液晶显示模块
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd. Sanyo Semicon Device
|
ACX300 ACX302AK ACX300AK ACX301AK |
Low-temperature Polysilicon TFT LCDs 12 AMP MINIATURE PC BOARD RELAY 低温多晶硅TFT液晶显示
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
AM27C040-120/BUA AM27C040-120/BXA AM27C040-120LIB |
Dual PowerPath Switch Driver; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C Single and Dual Protected High Side Switches; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Differential Bus Transceiver; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Low Noise, Switched Capacitor-Regulated Voltage Inverters; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C SIM Power Supplyand Level Translator; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C Single and Dual PCMCIA Protected 3.3V/5V VCC Switches; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C 1MHz/500kHz Continuous Time Low Noise, Lowpass Elliptic Filter; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Low Power RS485 Transceiver with Receiver Fail-Safe; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Very Low Noise, Low Distortion Active RC Quad Universal Filter; Package: SSOP; No of Pins: 20; Temperature Range: 0°C to 70°C Low Power RS485 Transceiver with Receiver Fail-Safe; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C x8存储 1MHz/500kHz Continuous Time Low Noise, Lowpass Elliptic Filter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C x8存储 x8 EPROM x8存储
|
Samsung Semiconductor Co., Ltd. Advanced Micro Devices, Inc.
|
623-5D 623-5J 623-5W 623-50D 623-50J 623-50W 623-1 |
Resistor-Programmable SOT Temperature Switches Low-Cost, Remote SOT Temperature Switches 5V/3.3V/3V Adjustable, High-Efficiency, Low-IQ, Step-Down DC-DC Converters 50ppm/°C, SOT23, 3-Terminal, 1.2V Voltage Reference Logic IC 逻辑IC
|
Xicon Passive Components Glenair, Inc. Electronic Theatre Controls, Inc.
|
TCN75 TC74 TC77 |
The TCN75 is a serially programmable temperature sensor that notifies the host controller when ambient temperature exceeds a user-programmed setpoint. Hysteresis is also programmable. The INT/CMPTR output is programmable as either a simple The TC74 is a serially accessible digital temperature sensor particularly suited for low cost and small form-factor applications. Temperature data is converted from the on-board thermal sensing element and made available as an 8-bit digita The TC77 is a serially accessible digital temperature sensor particularly suited for low cost and small form-factor applications. Temperature data is converted from the on-board thermal sensing element and made available at anytime as a 13
|
Microchip
|
6229A-30/BXAJC 6229A-35/BXAJC 6229A-45/BXAJC 6229A |
x4 SRAM Dual Trip SOT Temperature Switches Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23 and TO-220 x4的SRAM
|
NXP Semiconductors N.V.
|
MAX6512UT-T MAX6513UT-T MAX6512 MAX6511UT-T MAX651 |
Temperature trip threshold 55, 3.0V to 5.5V, low-cost, remote SOT temperature switch Low-Cost Remote SOT Temperature Switches Low-Cost, Remote SOT Temperature Switches Temperature trip threshold 95, 3.0V to 5.5V, low-cost, remote SOT temperature switch
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
4305 4306 4300 4301 4303 4304 4307 4302 4309 4308 |
Logic IC Remote Temperature Switches with Integrated Fan Controller/Driver Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits 7-Channel Precision Temperature Monitor 逻辑IC
|
3M Company
|
PIC16LFR711-20I/SS PIC16FR71-16I/SO PIC16LFR71-16I |
Micropower, Dual and Quad, Single Supply, Precision Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: -40°C to 85°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Low Noise, High Speed Precision Operational Amplifiers; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Micropower DC/DC Converter Adjustable and Fixed 5V, 12V; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Precision 5 Volt Reference; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Micropower Low Dropout Regulators with Shutdown; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 85°C 5-LED Main/Sub Display Driver with Dual LDO; Package: QFN; No of Pins: 20; Temperature Range: -40°C to 125°C Fast Settling, JFET Input Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????) Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors (Includes LT1130 thru LT1141); Package: SO; No of Pins: 20; Temperature Range: 0°C to 70°C 微控制器 Microcontroller 微控制器 Precision 5 Volt Reference; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 微控制器 Quad Protected High-Side MOSFET Driver; Package: PDIP; No of Pins: 20; Temperature Range: 0°C to 70°C 微控制器 1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V; Package: TO-220; No of Pins: 3; Temperature Range: 0°C to 70°C 微控制器 Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors (Includes LT1130 thru LT1141); Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C 微控制器 Precision 5 Volt Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 微控制器
|
外设及接 TDK, Corp. NIC Components, Corp. TE Connectivity, Ltd. Silicon Storage Technology, Inc.
|